Part Number Hot Search : 
TX150 MURH860 2779H BFR30TRL C39V59 ICE8N73 TLP627 14123
Product Description
Full Text Search
 

To Download HMC32909 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mixers - double-balanced - chip 4 4 - 48 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com hmc329 gaas mmic double-balanced mixer, 25 - 40 ghz v04.1007 general description features functional diagram passive: no dc bias required input ip3: +19 dbm lo/rf isolation: 42 db small size: 0.85 x 0.55 x 0.1 mm electrical speci cations, t a = +25 c typical applications the hmc329 is ideal for: ? lmds ? microwave point-to-point radios ? satcom * unless otherwise noted, all measurements performed as downconverter, if= 1 ghz. the hmc329 chip is a miniature passive double balanced mixer which can be used as an upconverter or downconverter from 25-40 ghz in a small chip area of 0.85 x 0.55 mm. excellent isolations are provided by on-chip baluns, and the chip requires no external components and no dc bias. measurements were made with the chip mounted and ribbon bonded into in a 50-ohm microstrip test xture that contains 5-mil alumina substrates between the chip and k-connectors. measured data includes the parasitic effects of the assembly. rf connections to the chip were made with 0.076 mm (3-mil) ribbon bond with minimal length <0.31mm (<12 mil). parameter lo = +13 dbm, if = 1 ghz units min. typ. max. frequency range, rf & lo 25 - 40 ghz frequency range, if dc - 8 ghz conversion loss 9.5 11.5 db noise figure (ssb) 9.5 11.5 db lo to rf isolation 38 42 db lo to if isolation 25 35 db rf to if isolation 21 28 db ip3 (input) 16 19 dbm ip2 (input) 45 55 dbm 1 db compression (input) 8 11 dbm
mixers - double-balanced - chip 4 4 - 49 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com conversion gain vs. temperature @ lo = +13 dbm conversion gain vs. lo drive upconverter performance conversion gain @ lo = +13 dbm isolation @ lo = +13 dbm if bandwidth @ lo = +13 dbm -20 -16 -12 -8 -4 0 22 26 30 34 38 42 + 25 c + 85 c - 55 c conversion gain (db) frequency (ghz) -20 -16 -12 -8 -4 0 22 25 28 31 34 37 40 conversion gain (db) frequency (ghz) -20 -16 -12 -8 -4 0 024681012 if return loss conversion gain response (db) frequency (ghz) -20 -16 -12 -8 -4 0 22 26 30 34 38 42 + 7 dbm + 9 dbm + 11 dbm + 13 dbm + 15 dbm conversion gain (db) frequency (ghz) -60 -50 -40 -30 -20 -10 0 22 26 30 34 38 42 lo / rf rf / if lo / if isolation (db) frequency (ghz) hmc329 v04.1007 gaas mmic double-balanced mixer, 25 - 40 ghz
mixers - double-balanced - chip 4 4 - 50 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com mxn spurious outputs as a down converter input ip2 vs. temperature @ lo = +13 dbm * input ip3 vs. lo drive * input ip2 vs. lo drive * input ip3 vs. temperature @ lo = +13 dbm * * two-tone input power = -5 dbm each tone, 1 mhz spacing. input p1db vs. temperature @ lo = +13 dbm nlo mrf01234 0xx7 119041 2695767 3746971 47474 rf = 31 ghz @ -10 dbm lo = 32 ghz @ +13 dbm all values in dbc below if output power level. 40 45 50 55 60 65 70 26 28 30 32 34 36 38 40 + 25 c + 85 c - 55 c ip2 (dbm) frequency (ghz) 5 7 9 11 13 15 26 28 30 32 34 36 38 40 + 25 c + 85 c - 55 c p1db (dbm) frequency (ghz) 40 45 50 55 60 65 70 26 28 30 32 34 36 38 40 + 11 dbm + 13 dbm + 15 dbm ip2 (dbm) frequency (ghz) 0 5 10 15 20 25 26 28 30 32 34 36 38 40 + 25 c + 85 c - 55 c ip3 (dbm) frequency (ghz) 0 5 10 15 20 25 26 28 30 32 34 36 38 40 + 11 dbm + 13 dbm + 15 dbm ip3 (dbm) frequency (ghz) hmc329 v04.1007 gaas mmic double-balanced mixer, 25 - 40 ghz
mixers - double-balanced - chip 4 4 - 51 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com outline drawing absolute maximum ratings rf / if input +13 dbm lo drive +27 dbm if dc current 2 ma storage temperature -65 to +150 c operating temperature -55 to +85 c esd sensitivity (hbm) class 1b notes: 1. all dimensions are in inches [mm]. 2. die thickness is .004. 3. typical bond pad is .004 square. 4. backside metallization: gold. 5. bond pad metallization: gold. 6. backside metal is ground. 7. connection not required for unlabeled bond pads. die packaging information [1] standard alternate gp-5 (gel pack) [2] [1] refer to the packaging information section for die packaging dimensions. [2] for alternate packaging information contact hittite microwave corporation. electrostatic sensitive device observe handling precautions hmc329 v04.1007 gaas mmic double-balanced mixer, 25 - 40 ghz
mixers - double-balanced - chip 4 4 - 52 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com mounting & bonding techniques for millimeterwave gaas mmics the die should be attached directly to the ground plane eutectically or with conductive epoxy (see hmc general handling, mounting, bonding note). 50 ohm microstrip transmission lines on 0.127mm (5 mil) thick alumina thin lm substrates are recommended for bringing rf to and from the chip (figure 1). if 0.254mm (10 mil) thick alumina thin lm substrates must be used, the die should be raised 0.150mm (6 mils) so that the surface of the die is coplanar with the surface of the substrate. one way to accomplish this is to attach the 0.102mm (4 mil) thick die to a 0.150mm (6 mil) thick molybdenum heat spreader (moly-tab) which is then attached to the ground plane (figure 2). microstrip substrates should be brought as close to the die as possible in order to minimize ribbon bond length. typical die-to-substrate spacing is 0.076mm (3 mils). gold ribbon of 0.075 mm (3 mil) width and minimal length <0.31 mm (<12 mils) is recommended to minimize inductance on rf, lo & if ports. handling precautions follow these precautions to avoid permanent damage. storage: all bare die are placed in either waffle or gel based esd protective containers, and then sealed in an esd protective bag for shipment. once the sealed esd protective bag has been opened, all die should be stored in a dry nitrogen environment. cleanliness: handle the chips in a clean environment. do not attempt to clean the chip using liquid cleaning systems. static sensitivity: follow esd precautions to protect against esd strikes. transients: suppress instrument and bias supply transients while bias is applied. use shielded signal and bias cables to minimize inductive pick-up. general handling: handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. the surface of the chip has fragile air bridges and should not be touched with vacuum collet, tweezers, or ngers. mounting the chip is back-metallized and can be die mounted with ausn eutectic preforms or with electrically conductive epoxy. the mounting surface should be clean and at. eutectic die attach: a 80/20 gold tin preform is recommended with a work surface temperature of 255 c and a tool temperature of 265 c. when hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 c. do not expose the chip to a temperature greater than 320 c for more than 20 seconds. no more than 3 seconds of scrubbing should be required for attachment. epoxy die attach: apply a minimum amount of epoxy to the mounting surface so that a thin epoxy llet is observed around the perimeter of the chip once it is placed into position. cure epoxy per the manufacturers schedule. wire bonding rf bonds made with 0.003 x 0.0005 ribbon are recommended. these bonds should be thermosonically bonded with a force of 40-60 grams. dc bonds of 0.001 (0.025 mm) diameter, thermosonically bonded, are recommended. ball bonds should be made with a force of 40-50 grams and wedge bonds at 18-22 grams. all bonds should be made with a nominal stage temperature of 150 c. a minimum amount of ultrasonic energy should be applied to achieve reliable bonds. all bonds should be as short as possib le, less than 12 mils (0.31 mm). 0.102mm (0.004?) thick gaas mmic 3 mil ribbon bond rf ground plane 0.127mm (0.005?) thick alumina thin film substrate 0.076mm (0.003?) figure 1. 0.102mm (0.004?) thick gaas mmic 3 mil ribbon bond rf ground plane 0.254mm (0.010?) thick alumina thin film substrate 0.076mm (0.003?) figure 2. 0.150mm (0.005?) thick moly tab hmc329 v04.1007 gaas mmic double-balanced mixer, 25 - 40 ghz
mixers - double-balanced - chip 4 4 - 53 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com notes: hmc329 v04.1007 gaas mmic double-balanced mixer, 25 - 40 ghz


▲Up To Search▲   

 
Price & Availability of HMC32909

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X