|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
issu ed date: aug. 26, 200 8 model no.: g133i1 - l02 appr oval 1 / 27 the inform ation de scri b ed in thi s te chnical spe c ification i s p r eli m inary a nd it is po ssible t o be chan ged without p r io r notice. plea se cont act cm o ? s re pre s e n t ative while y our p r od uct d e sig n is ba se d on this spe c ificatio n. v e rsion 2.2 tft lcd approval s p ecification model no.: g133i1 - l02 o?y u@ ?f?? |a ?2? 2008-10-16 19:22:38 cst pmm d director cs_lee( ???t /17564/44926) director accept c u s t o m e r : approved by: note: for more informa tion: az displa ys, inc. 75 columbia, aliso viejo, ca 92656 http://www .azdispla ys.com
issued date: aug. 26, 2008 model no.: g133i1 - l02 approval 2 / 27 the information described in this technical specification is preliminary and it is possible to be changed without prior notice. please contact cmo ?s representative while y our product design is based on this specification. version 2.2 - contents - revision history ------------------------------------------------------- 3 1. general description ------------------------------------------------------- 4 1.1 overview 1.2 features 1.3 application 1.4 general specifications 1.5 mechanical specifications 2. absolute maximum ratings ------------------------------------------------------- 5 2.1 absolute ratings of environment 2.2 electrical absolute ratings 2.2.1 tft lcd module 2.2.2 backlight unit 3. electrical characteristics ------------------------------------------------------- 7 3.1 tft lcd module 3.2 backlight unit 4. block diagram ------------------------------------------------------- 11 4.1 tft lcd module 4.2 backlight unit 5. input terminal pin assignment ------------------------------------------------------- 12 5.1 tft lcd module 5.2 backlight unit 5.3 timing diagram of lvds input signal 5.4 color data input assignment 5.5 edid data structure 6. interface timing ------------------------------------------------------- 16 6.1 input signal timing specifications 6.2 power on/off sequence 7. optical characteristics ------------------------------------------------------- 18 7.1 test conditions 7.2 optical specifications 8. precautions ------------------------------------------------------- 22 8.1 handling precautions 8.2 storage precautions 8.3 operation precautions 9. packing ------------------------------------------------------- 23 9.1 carton 9.2 pallet 10. definition of labels ------------------------------------------------------- 25 10.1 cmo module label 10.2 cmo carton labe 10.3 customer carton label 10.4 customer pallet label issued date: aug. 26, 2008 model no.: g133i1 - l02 approval 3 / 27 the information described in this technical specification is preliminary and it is possible to be changed without prior notice. please contact cmo ?s representative while y our product design is based on this specification. version 2.2 revision history version date page (new) section description 2.0 2.1 2.1 2.2 2007.08.16 2008.04.28 2008.04.28 2008.08.26 all 5 17 19 21 all 2.1 6.2 7.2 8.1 approval specification was first issued. vibration (non-operation) test condition from 5hz, 100hz, 200hz, 1.47grms x, y, z three axes (30min /axis) to 1.5g, 10~300hz, 10min/cycle,3 cycles each x,y,z contrast ratio modified, typ. 500 -> 800 min. 350 -> 550 optical specification ?g modify note (5) measurement setup figure. add precaution of ?image sticking ? in section 8.1 assembly and handling precautions (11) do not keep same pattern in a long period of time. it may cause image sticking on lcd issued date: aug. 26, 2008 model no.: g133i1 - l02 approval 4 / 27 the information described in this technical specification is preliminary and it is possible to be changed without prior notice. please contact cmo ?s representative while y our product design is based on this specification. version 2.2 1. general description 1.1 overview g133i1 - l02 is a 13.3? tft liquid crystal display rohs module and 20 pins lvds interface. this module supports 1280 x 800 wxga mode and can display 262,144 colors. the optimum viewing angle is at 6 o?clock direction. the inverter module for backlight is not built in. 1.2 features - wxga (1280 x 800 pixels) resolution - de only mode - 3.3v lvds (low voltage differential signaling) interface with 1 pixel/clock - rohs compliance 1.3 application - tft lcd panel 1.4 general specificati0ns item specification unit note active area 286.08 (h) x 178.8 (v) mm bezel opening area 289.1 (h) x 181.8 (v) mm (1) driver element a-si tft active matrix - - pixel number 1280 x r.g.b. x 800 pixel - pixel pitch 0.2235 (h) x 0.2235 (v) mm - pixel arrangement rgb vertical stripe - - display colors 262,144 color - transmissive mode normally white - - surface treatment ag , 25%haze - - 1.5 mechanical specifications item min. typ. max. unit note horizontal(h) 298.5 299 299.5 mm vertical(v) 194.5 195 195.5 mm module size depth(d) - 7.7 8.0 mm (1) weight - 450 465 g - i/f connector mounting position the mounting in clination of the connector makes the screen center within 0.5mm as the horizontal. (2) note (1) please refer to the attached drawings for more information of front and back outline dimensions. note (2) connector mounting position +/- 0.5mm issued date: aug. 26, 2008 model no.: g133i1 - l02 approval 5 / 27 the information described in this technical specification is preliminary and it is possible to be changed without prior notice. please contact cmo ?s representative while y our product design is based on this specification. version 2.2 2. absolute maximum ratings 2.1 absolute ratings of environment value item symbol min. max. unit note operating ambient temperature t op -30 +70 oc (0), (1), (2) storage temperature t st -30 +80 oc (0), (1) test item test condition note high temperature storage test 80oc, 240 hours low temperature storage test -30oc, 240 hours thermal shock storage test -30oc, 0.5hour ??? 80 j , 0.5hour; 100cycles, 1hour/cycle high temperature operati on test 70oc, 240 hours low temperature operation test -30oc, 240 hours high temperature & high humidity operation test 60oc, 90%rh, 240hours heat cycle operation test -20oc, 1hour ??? 70oc, 1hour; 50cycles, 4hour/cycle (1) (2) esd test (operation) 150pf, 330 [ , 1sec/cycle condition 1 : panel contact, ? 8kv condition 2 : panel non-contact ? 15kv (2) shock (non-operating) 200g, 2ms, half sine wave, 1 time for x, y, z. (2)(3) vibration (non-operating) 1.5g,10~300hz, 10min/cycle,3 cycles each x,y,z (2)(3) note (1) temperature and relative humidity range is shown in the figure below. (a) 90 %rh max. (ta ?? 40 oc). (b) wet-bulb temperature should be 39 oc max. (ta > 40 oc). (c) no condensation. note (2) no display malfunctions. note (3) at testing vibration and shock, the fixtur e in holding the module has to be hard and rigid enough so that the module would not be twisted or bent by the fixture. note (4) temperature of panel display surface area should be 80 oc max. note (5) in the standard conditions, there is no function failure issue occurred. all t he cosmetic specification is judged before the reliability test issued date: aug. 26, 2008 model no.: g133i1 - l02 approval 6 / 27 the information described in this technical specification is preliminary and it is possible to be changed without prior notice. please contact cmo ?s representative while y our product design is based on this specification. version 2.2 2.2 electrical absolute ratings 2.2.1 tft lcd module value item symbol min. max. unit note power supply voltage v cc -0.3 +4.0 v logic input voltage v in -0.3 v cc +0.3 v (1) 2.2.2 backlight unit value item symbol min. max. unit note lamp voltage v l 2.5k v rms (1), (2), i l = 6.5 ma lamp current i l 2.0 7.0 ma rms lamp frequency f l 50 80 khz (1), (2) note (1) permanent damage to the device may occur if maximum values are exceeded. function operation should be restricted to the conditions desc ribed under normal operating conditions. note (2) specified values are for lamp (refer to 3.2 for further information). issued date: aug. 26, 2008 model no.: g133i1 - l02 approval 7 / 27 the information described in this technical specification is preliminary and it is possible to be changed without prior notice. please contact cmo ?s representative while y our product design is based on this specification. version 2.2 3. electrical characteristics 3.1 tft lcd module ta = 25 2 oc value parameter symbol min. typ. max. unit note power supply voltage vcc 3.0 3.3 3.6 v - permissive ripple voltage v rp 50 mv - rush current i rush 1.5 a (2) initial stage current i is 1.0 a (2) white 330 370 ma (3)a power supply current black icc 450 490 ma (3)b lvds differential input high threshold v th(lvds) +100 mv (4), v cm =1.2v lvds differential input low threshold v tl(lvds) -100 mv (4) v cm =1.2v lvds common mode voltage v cm 1.125 1.375 v (4) lvds differential input voltage |v id | 100 600 mv (4) terminating resistor r t 100 ohm note (1) the ambient temperature is ta = 25 2 oc. note (2) i rush : the maximum current when vcc is rising i is : the maximum current of the first 100ms after power-on measurement conditions: shown as the following figure. test pattern: black r1 (high to low) (control signal) +12v sw q2 c1 1uf vcc +3.3v 2sk1470 q1 2sk1475 47k r2 1k vr1 47k c2 0.01uf c3 1uf fuse (lcd module input) 470us +3.3v 0v 0.9vcc 0.1vcc vcc i is icc i rush 100ms vcc rising time is 470us issued date: aug. 26, 2008 model no.: g133i1 - l02 approval 8 / 27 the information described in this technical specification is preliminary and it is possible to be changed without prior notice. please contact cmo ?s representative while y our product design is based on this specification. version 2.2 note (3) the specified power supply current is under the conditions at vcc = 3.3 v, ta = 25 2 oc, f v = 60 hz, whereas a power dissipation check pattern below is displayed. note (4) the parameters of lvds signals are defined as the following figures. active area a. white pattern active area b. black pattern 0v v cm | v id | single ended 0v | v id | v th ( lv ds ) v tl ( lvds ) differential issued date: aug. 26, 2008 model no.: g133i1 - l02 approval 9 / 27 the information described in this technical specification is preliminary and it is possible to be changed without prior notice. please contact cmo ?s representative while y our product design is based on this specification. version 2.2 3.2 backlight unit ta = 25 2 oc value parameter symbol min. typ. max. unit note lamp input voltage v l 531 590 649 v rms i l = 6.5 ma lamp current i l 2.0 6.5 7.0 ma rms (1) -- -- 1080(25 j ) v rms (2) lamp turn on voltage v s -- -- 1290(0 j ) v rms (2) operating frequency f l 50 -- 80 khz (3) lamp life time l bl 50000 -- -- hrs (5) power consumption p l 3.84 -- w (4), i l = 6.5 ma note (1) lamp current is measur ed by utilizing a high frequency current meter as shown below: note (2) the voltage that must be larger than vs should be applied to the lamp for more than 1 second after startup. otherwise, the lamp may not be turned on normally. note (3) the lamp frequency may produce interferen ce with horizontal synchronous frequency from the display, and this may cause line flow on the display. in order to avoid interference, the lamp frequency should be detached from the horizontal sy nchronous frequency and its harmonics as far as possible. note (4) p l = i l ?? v l note (5) the lifetime of lamp can be defined as the time in which it continues to operate under the condition ta = 25 ? 2 o c and i l = 6.5 marms until one of t he following events occurs: (a) when the brightness becomes or lower than 50% of its original value. (b) when the effective ignition length becomes ?? 80% of its original value. (the effective ignition length is a scope that luminance is over 70% of that at the center point.) note (6) the waveform of the voltage output of inverter must be area-symmetric and the design of the inverter must have specifications for the modularized lamp. the performance of the backlight, such as lifetime or brightness, is greatly influenced by the characteristics of the dc-ac inverter for the lamp. all the parameters of an inverter s hould be carefully designed to avoid producing too much current leakage from high voltage output of the inverter. when designing or ordering the inverter please make sure that a poor lighting ca used by the mismatch of the backlight and the inverter (miss-lighting, flicker, etc.) never occu rs. if the above situation is confirmed, the module should be operated in the same manners when it is installed in your instrument. the output of the inverter must have symmetrical (negative and positive) voltage waveform and symmetrical current waveform.(unsy mmetrical ratio is less than 10%) please do not use the inverter lcd module 1 inverter a current meter hv (pink) lv (white) 2 issued date: aug. 26, 2008 model no.: g133i1 - l02 approval 10 / 27 the information described in this technical specification is preliminary and it is possible to be changed without prior notice. please contact cmo ?s representative while y our product design is based on this specification. version 2.2 which has unsymmetrical voltage and unsymmetrical current and spike wave. lamp frequency may produce interface with horizontal synchronous frequency and as a result this may cause beat on the display. therefore lamp frequency shall be as away possible from the horizontal synchronous frequency and from its harmonics in order to prevent interference. requirements for a system inverter design, which is intended to have a better display performance, a better power efficiency and a more reliable lamp. it shall help increase the lamp lifetime and reduce its leakage current. a. the asymmetry rate of the inverter waveform should be 10% below. b. the distortion rate of the waveform should be within ?? 2 10%. c. the ideal sine wave form shall be symmetric in positive and negative polarities. i p i -p * asymmetry rate: | i p ? i ?p | / i rms * 100% * distortion rate i p (or i ?p ) / i rms issued date: aug. 26, 2008 model no.: g133i1 - l02 approval 11 / 27 the information described in this technical specification is preliminary and it is possible to be changed without prior notice. please contact cmo ?s representative while y our product design is based on this specification. version 2.2 4. block diagram 4.1 tft lcd module 4.2 backlight unit 1 hv (pink) 2 lv ( white ) vcc gnd v l clk(+/-) rxin2(+/-) rxin1(+/-) rxin0(+/-) tft lcd panel (1280xr.g.b.x800) data driver ic scan driver ic backlight unit lvds input / timing controller dc/dc converter & reference voltage generator input connector (hirose-df19kr-20p-1h) lamp connector (jst-bhsr-02vs-1) issued date: aug. 26, 2008 model no.: g133i1 - l02 approval 12 / 27 the information described in this technical specification is preliminary and it is possible to be changed without prior notice. please contact cmo ?s representative while y our product design is based on this specification. version 2.2 5. input terminal pin assignment 5.1 tft lcd module pin symbol description polarity remark 1 vss ground 2 vcc power supply +3.3 v (typical) 3 vcc power supply +3.3 v (typical) 4 nc non-connection 5 bist connection to gnd 6 nc non-connection 7 nc non-connection 8 rxin0- lvds differential data input negative 9 rxin0+ lvds differential data input positive r0~r5,g0 - 10 vss ground 11 rxin1- lvds differenti al data input negative 12 rxin1+ lvds differential data input positive g1~g5, b0, b1 - 13 vss ground 14 rxin2- lvds differential data inpu t negative b2~b5, de, hsync, vsync 15 rxin2+ lvds differential data input positive 16 vss ground 17 clk- lvds clock data input negative 18 clk+ lvds clock data input positive lvds level clock 19 vss ground 20 vss ground note (1) connector part no.: df19kr-20p-1h (hirose) or equivalent note (2) user?s connector part no: df-19g-20s-1sd or equivalent( df-19g-20s-1f & df-19g-20s-1c) note (3) the first pixel is odd as shown in the following figure. issued date: aug. 26, 2008 model no.: g133i1 - l02 approval 13 / 27 the information described in this technical specification is preliminary and it is possible to be changed without prior notice. please contact cmo ?s representative while y our product design is based on this specification. version 2.2 5.2 backlight unit pin symbol description color 1 hv high voltage pink 2 lv ground white note (1) connector part no.: jst- bhsr-02vs-1 or equivalent note (2) user?s connector part no.: sm02b-bhss-1-tb or equivalent 5.3 timing diagram of lvds input signal in6 in5 in4 in3 in2 in1 in0 in13 in12 in11 in10 in9 in8 in7 in20 in19 in18 in17 in16 in15 in14 g0 r3 r2 r1 r0 r5 r4 b1 g4 g3 g2 g1 b0 g5 de b5 b4 b3 b2 vsync hsync t/7 signal for 1 dclk cycle (t) rxin0 rxin1 rxin2 clk+ issued date: aug. 26, 2008 model no.: g133i1 - l02 approval 14 / 27 the information described in this technical specification is preliminary and it is possible to be changed without prior notice. please contact cmo ?s representative while y our product design is based on this specification. version 2.2 5.4 color data input assignment the brightness of each primary color (red, green an d blue) is based on the 6-bit gray scale data input for the color. the higher the binary input, the brighter t he color. the table below provides the assignment of color versus data input. data signal red green blue color r5 r4 r3 r2 r1 r0 g5 g4 g3 g2 g1 g0 b5 b4 b3 b2 b1 b0 basic colors black red green blue cyan magenta yellow white 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 0 1 0 1 0 1 1 0 0 1 0 1 0 1 1 0 0 1 0 1 0 1 1 0 0 1 0 1 0 1 1 0 0 1 0 1 0 1 1 0 0 1 0 1 0 1 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 gray scale of red red(0)/dark red(1) red(2) : : red(61) red(62) red(63) 0 0 0 : : 1 1 1 0 0 0 : : 1 1 1 0 0 0 : : 1 1 1 0 0 0 : : 1 1 1 0 0 1 : : 0 1 1 0 1 0 : : 1 0 1 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 gray scale of green green(0)/dark green(1) green(2) : : green(61) green(62) green(63) 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 1 1 1 0 0 0 : : 1 1 1 0 0 0 : : 1 1 1 0 0 0 : : 1 1 1 0 0 1 : : 0 1 1 0 1 0 : : 1 0 1 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 gray scale of blue blue(0)/dark blue(1) blue(2) : : blue(61) blue(62) blue(63) 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 1 1 1 0 0 0 : : 1 1 1 0 0 0 : : 1 1 1 0 0 0 : : 1 1 1 0 0 1 : : 0 1 1 0 1 0 : : 1 0 1 note (1) 0: low level voltage, 1: high level voltage issued date: aug. 26, 2008 model no.: g133i1 - l02 approval 15 / 27 the information described in this technical specification is preliminary and it is possible to be changed without prior notice. please contact cmo ?s representative while y our product design is based on this specification. version 2.2 6. interface timing 6.1 input signal timing specifications the specifications of input signal timing are as the following table and timing diagram . signal item symbol min. typ. max. unit note dclk frequency 1/tc 50 71 80 mhz - vertical total time tv 810 823 1023 th - vertical addressing ti me tvd 800 800 800 th - horizontal total time th 1360 1440 1800 tc - de horizontal addressing time thd 1280 1280 1280 tc - input signal timing diagram 6.2 power on/off sequence t h t c dclk t hd t vd t v de de data - power supply for lcd, vcc - lvds interface - power for lamp restart power on power off 50% 50% 0v 0v 10% t6 t5 t4 t3 t2 t1 90% 10% 90% valid data on off off 10% t7 issued date: aug. 26, 2008 model no.: g133i1 - l02 approval 16 / 27 the information described in this technical specification is preliminary and it is possible to be changed without prior notice. please contact cmo ?s representative while y our product design is based on this specification. version 2.2 timing specifications: 0.5< t1 ?? 10 msec 0 < t2 ?? 50 msec 0 < t3 ?? 50 msec t4 ? 500 msec t5 ? 200 msec t6 ? 200 msec note (1) please follow the power on/off sequence de scribed above. otherwise, the lcd module might be damaged. note (2) please avoid floating state of interface signal at invalid period. when the interface signal is invalid, be sure to pull down the power supply of lcd vcc to 0 v. note (3) the backlight inverter power must be turned on after the power supply for the logic and the interface signal is valid. the backlight inverter power must be turned off before the power supply for the logic and the interface signal is invalid. note (4) sometimes some slight noise shows when lcd is turned off (even backlight is already off). to avoid this phenomenon, we suggest that the vcc falling time is better to follow 5 ?? t7 ?? 300 ms issued date: aug. 26, 2008 model no.: g133i1 - l02 approval 17 / 27 the information described in this technical specification is preliminary and it is possible to be changed without prior notice. please contact cmo ?s representative while y our product design is based on this specification. version 2.2 7. optical characteristics 7.1 test conditions item symbol value unit ambient temperature ta 25 2 o c ambient humidity ha 50 10 %rh supply voltage v cc 3.3 v input signal according to typical val ue in "3. electrical characteristics" inverter current i l 6.5 ma inverter driving frequency f l 61 khz inverter h05-4915 the relative measurement methods of optical c haracteristics are shown in 7.2. the following items should be measured under the test conditions descri bed in 7.1 and stable environment shown in note (6). 7.2 optical specifications item symbol condition min. typ. max. unit note contrast ratio cr 550 800 - (2), (5) t r - 6 11 ms response time t f - 10 15 ms (3) center luminance of white l cen 340 400 cd/m 2 (4), (5) white variation w 1.4 - (5), (6) rx 0.606 - red ry 0.342 - gx 0.338 - green gy 0.541 - bx 0.158 - blue by 0.144 - wx 0.313 - color chromaticity white wy x =0 , y =0 viewing normal angle typ -0.03 0.329 typ +0.03 - x + 60 70 horizontal x - 60 70 y + 50 60 viewing angle vertical y - cr 10 50 60 deg. (1) issued date: aug. 26, 2008 model no.: g133i1 - l02 approval 18 / 27 the information described in this technical specification is preliminary and it is possible to be changed without prior notice. please contact cmo ?s representative while y our product design is based on this specification. version 2.2 note (1) definition of viewing angle ( x, y): note (2) definition of contrast ratio (cr): the contrast ratio can be calcul ated by the following expression. contrast ratio (cr) = l63 / l0 l63: luminance of gray level 63 l 0: luminance of gray level 0 cr = cr (5) cr (x) is corresponding to the contrast ratio of the point x at figure in note (6). note (3) definition of response time (t r , t f ) and measurement method: 12 o?clock direction y+ = 90o 6 o?clock y- = 90o x ? x + y- y + x- y+ y- x+ normal x = y = 0o x+ = 90o x- = 90o 100% 90% 10% 0% gray l evel 63 gray l evel 0 gray l evel 63 time t f optical response t r 66 . 6 7 m s 66.67 ms issued date: aug. 26, 2008 model no.: g133i1 - l02 approval 19 / 27 the information described in this technical specification is preliminary and it is possible to be changed without prior notice. please contact cmo ?s representative while y our product design is based on this specification. version 2.2 note (4) definition of average luminance of white (l cen ): measure the luminance of gray level 63 at 5 points l cen = l (5) l (x) is corresponding to the luminance of the point x at figure in note (6). note (5) measurement setup: the lcd module should be stabilized at giv en temperature for 20 minutes to avoid abrupt temperature change during measuring. in order to stabilize the luminance, the measurement should be executed after lighting backlight for 20 minutes in a windless room. cs-1000t 500 mm lcd module lcd panel center of the screen light shield room (ambient luminance < 2 lux) usb2000 issued date: aug. 26, 2008 model no.: g133i1 - l02 approval 20 / 27 the information described in this technical specification is preliminary and it is possible to be changed without prior notice. please contact cmo ?s representative while y our product design is based on this specification. version 2.2 note (6) definition of white variation ( w): measure the luminance of gray level 63 at 5 points w = maximum [l (1), l (2), l (3), l (4), l (5)] / minimum [l (1), l (2), l (3), l (4), l (5)] d w active area vertical line horizontal line : test point x=1 to 5 5 1 2 3 4 d/4 d/2 3d/4 w/4 w/2 3w/4 x issued date: aug. 26, 2008 model no.: g133i1 - l02 approval 21 / 27 the information described in this technical specification is preliminary and it is possible to be changed without prior notice. please contact cmo ?s representative while y our product design is based on this specification. version 2.2 8. precautions 8.1 assembly and handling precautions (1) do not apply rough force such as bending or twisting to the module during assembly. (2) to assemble or install module into user?s system can be only in clean working areas. the dust and oil may cause electrical short or worsen the polarizer. (3) it?s not permitted to have pressure or impulse on the module because the lcd panel and backlight will be damaged. (4) always follow the correct power sequence when lcd module is connecting and operating. this can prevent damage to the cmos lsi chips during latch-up. (5) do not pull the i/f connector in or out while the module is operating. (6) do not disassemble the module. (7) use a soft dry cloth without chemicals for cleaning, because the surface of polarizer is very soft and easily scratched. (8) it is dangerous that moisture come into or c ontacted the lcd module, because moisture may damage lcd module when it is operating. (9) high temperature or humidity may reduce the per formance of module. please store lcd module within the specified storage conditions. (10) when ambient temperature is lower than 10oc may reduce the display quality. for example, the response time will become slow ly, and the starting voltage of ccfl will be higher than room temperature. (11) do not keep same pattern in a long peri od of time. it may cause image sticking on lcd. 8.2 safety precautions (1) the startup voltage of backlight is approximat ely 1000 volts. it may cause electrical shock while assembling with inverter. do not disassemble the mo dule or insert anything into the backlight unit. (2) if the liquid crystal material leaks from the panel, it should be kept away from the eyes or mouth. in case of contact with hands, skin or clothes, it has to be washed away thoroughly with soap. (3) after the module?s end of life, it is not harmful in case of normal operation and storage. issued date: aug. 26, 2008 model no.: g133i1 - l02 approval 22 / 27 the information described in this technical specification is preliminary and it is possible to be changed without prior notice. please contact cmo ?s representative while y our product design is based on this specification. version 2.2 9. packaging 9.1 carton figure. 9-1 packing method issued date: aug. 26, 2008 model no.: g133i1 - l02 approval 23 / 27 the information described in this technical specification is preliminary and it is possible to be changed without prior notice. please contact cmo ?s representative while y our product design is based on this specification. version 2.2 9.2 pallet figure. 9-2 packing method issued date: aug. 26, 2008 model no.: g133i1 - l02 approval 24 / 27 the information described in this technical specification is preliminary and it is possible to be changed without prior notice. please contact cmo ?s representative while y our product design is based on this specification. version 2.2 figure. 9-3 packing method issued date: aug. 26, 2008 model no.: g133i1 - l02 approval 25 / 27 the information described in this technical specification is preliminary and it is possible to be changed without prior notice. please contact cmo ?s representative while y our product design is based on this specification. version 2.2 made in taiwan e207943 10. definition of labels 10.1 cmo module label the barcode nameplate is pasted on each module as illustrati on, and its definitions are as following explanation. (a) model name: g133i1 - l02 (b) revision: rev. xx, for example: a1, ?, c1, c2 ?etc. (c) serial id: x x x x x x x y m d x n n n n serial id includes the information as below: (a) manufactured date: year: 1~9, for 2001~2009 month: 1~9, a~c, for jan. ~ dec. day: 1~9, a~y, for 1 st to 31 st , exclude i , o and u (b) revision code: cover all the change (c) serial no.: manufacturing sequence of product 10.2 cmo carton label year, month, date cmo internal use revision serial no. cmo internal use cmo internal use chi mei optoelectronics x x x x x x x y m d l n n n n g133i1 -l02 rev.xx rohs |
Price & Availability of G133I1-L02 |