Part Number Hot Search : 
SKY65 ST7565V TM9725 5236B 2SC2826 320240 MC3520P CH2NDN
Product Description
Full Text Search
 

To Download ESM101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  voltage range 50 to 400 volts current 1.0 ampere * fast switching * glass passivated device * ldeal for surface mounted applications * low leakage current * metallurgically bonded construction * mounting position: any * weight: 0.015 gram * epoxy : device has ul flammability classification 94v-0 maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. electrical characteristics (at t a = 25 o c unless otherwise noted) maximum ra tings (at t a = 25 o c unless otherwise noted) notes : 1. t est conditions: i f =0.5a, i r =-1.0a, i rr =-0.25a. 2. measured at 1 mh z and applied reverse voltage of 4.0 volts. ratings maximum recurrent peak reverse voltage maximum rms volts maximum dc blocking voltage maximum average forward current at t a = 55 o c peak forward surge current, i fm (surge): 8.3 ms single half sine-wave superimposed on rated load (jedec method) typical junction capacitance (note 2) operating and storage temperature range symbol v rrm v dc i o i fsm c j t j , t stg v rms volts volts volts amps 1.0 30 15 -65 to + 175 amps pf 0 c units ESM101 esm104 esm102 esm105 esm106 esm103 50 200 100 300 400 150 35 140 70 210 280 105 50 200 100 300 400 150 10 at rated dc blocking voltage characteristics maximum reverse recovery time (note 1) v f symbol i r trr units 0.95 5.0 uamps nsec maximum dc reverse current maximum forward voltage at 1.0a dc volts @t a = 25 o c @t a =125 o c ESM101 esm104 esm102 esm105 esm106 esm103 1.25 100 35 ESM101-esm106 super fast siltcon rectifier features mechanical data solderable ends d2 d2=d1  0  0.20 0.5 0.1 0.5 0.1 4.9 0.2 2.6 0.15 d1 do - 213ab dimensions in millimeters http://www.luguang.cn mail:lge@luguang.cn
rating and characteristic curves ( ESM101 thru esm106 ) fig. 1 - test circuit diagram and reverse recovery time characteristic 50 noninductive 10 noninductive d.u.t 25 vdc (approx) (?v) (?v) ( + ) ( + ) 1 non- inductive oscilloscope (note 1) pulse generator (note 2) notes: 1 rise time = 7ns max. input impedance = 1 megohm. 22 pf. 2. rise time = 10ns max. source impedance = 50 ohms. trr +0.5a 0 -0.25a -1.0a 1cm set time base for 5/10 ns/cm fig. 2 - typical forward current derating curve average forward curent, (a) ambient temperature ( ) 2.0 1.0 0 25 50 75 100 125 150 175 0 single phase half wave 60hz resistive or inductive load fig. 3 - typical reverse characteristics instantaneous reverse current, (ua) percent of rated peak reverse voltage, (%) t j = 25 t j = 100 t j = 150 100 10 1.0 .1 .01 40 0 20 60 80 100 120 140 fig. 4 - typical instantaneous instantaneous forward current, (a) instantaneous forward voltage, (v) 0 .2 .4 .6 .8 1.0 1.2 1.4 .001 .01 .1 1.0 10 forward characteristics ESM101~esm104 esm105~esm106 pulse width = 300us 1% duty cycle t j = 25 fig. 6 - typical junction capacitance reverse voltage, ( v ) 200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 t j = 25 junction capacitance, (pf) fig. 5 - maximum non-repetitive forward surge current peak forward surge current, (a) number of cycles at 60hz 70 60 50 40 30 20 10 0 .1 .5 1 2 5 10 20 50 400200100 t j = 25 ESM101-esm106 super fast siltcon rectifier http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of ESM101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X