Part Number Hot Search : 
2SD16 2SK1290 IA4805 2N6487 PA2755NL ZL10355 CWST6120 PS9634
Product Description
Full Text Search
 

To Download DTC143EE12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente dtc143ee / dtc143eua dtc143eca / dtc143esa npn digital transistors (built-in resistors) 10-feb-2012 rev.b page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? built-in bias resistors enabl e the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). ? the bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. ? only the on/off conditions need to be set for operation, making device design easy. equivalent circuit absolute maximum ratings (t a =25 c unless otherwise noted) limits (dtc143e ) parameter symbol e ua ca sa unit collector-base voltage v cc 50 v input voltage v in -10~30 v i o 100 output current i c(max) 100 ma power dissipation p d 150 200 300 mw junction & storage temperature t j , t stg 150, -55~150 c dtc143ee (sot-523) addreviated symbol 23 dtc143eua (sot-323) ? addreviated symbol 23 dtc143eca (sot-23) addreviated symbol 23 dtc143esa (to-92s)
elektronische bauelemente dtc143ee / dtc143eua dtc143eca / dtc143esa npn digital transistors (built-in resistors) 10-feb-2012 rev.b page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. electrical characteristics (t a =25 c unless otherwise noted) parameter symbol min. typ. max. unit test conditions v i(off) - - 0.5 v cc =5v, i o =100 a input voltage v i(on) 3 - - v v o =0.3v, i o =20ma output voltage v o(on) - - 0.3 v i o /i i =10ma/0.5ma input current i i - - 1.8 ma v i =5v output current i o(off) - - 0.5 a v cc =50v, v i =0 dc current gain g i 20 - - v o =5v, i o =10ma input resistance r 1 3.29 4.7 6.11 k ? resistance ratio r 2 /r 1 0.8 1 1.2 transition frequency f t - 250 - mhz v o =10v, i o =5ma, f=100mhz characteristic curves


▲Up To Search▲   

 
Price & Availability of DTC143EE12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X