Part Number Hot Search : 
HT82V736 D21P544 SMM152 MAJ160 PD403 FQB2P25 FM302 CTS191MS
Product Description
Full Text Search
 

To Download DTA114ECA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors ? the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. ? only the on/off conditions need to be set for operation, making device design easy absolute maximum ratings @ 25  symbol parameter min typ max unit v cc supply voltage --- -50 --- v v in input voltage -40 --- 10 v i o i c(max) output current --- -50 -100 --- ma p d power dissipation --- 200 --- mw t j junction temperature --- 150 ---  t stg storage temperature -55 --- 150  electrical characteristics @ 25  symbol parameter min typ max unit v i(off) --- --- -0.5 v v i(on) input voltage (v cc =-5v, i o =-100  a) (v o =-0.3v, i o =-10ma) -3.0 --- --- v v o(on) out put voltage (i o /i i =-10ma/-0.5ma --- --- -0.3 v i i input current ( v i =-5v) --- --- -0.88 ma i o(off) output current ( v cc =-50v, v i =0) --- --- -0.5 a g i dc current gain ( v o =-5v, i o =-5ma) 30 --- --- r 1 input resistance r 2 /r 1 resistance ratio 0.8 1.0 1.2 f t transition frequency (v o =-10v, i o =5ma, f=100mhz) --- 250 --- mhz 13 k 7.0 10 marking: 14 sot-23 suggested solder pad layout .079 2.000 in ch es mm .031 .800 .035 .900 .037 .950 .037 .950 epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 pnp digital transistor 2012-0 willas electronic corp. DTA114ECA dimensions in inches and (millimeters) .080(2.04) .070(1.78) .110(2.80) .083(2.10) .006(0.15)min. .008(0.20) .003(0.08) .055(1.40) .035(0.89) .020(0.50) .012(0.30) .004(0.10)max. .122(3.10) .106(2.70) .063(1.60) .047(1.20)
-0.1 -1 -10 -100 -0.1 -1 -10 -100 -0.0 -0.4 -0.8 -1.2 -1.6 -2.0 -0.01 -0.1 -1 -10 -0.1 -1 -10 -100 1 10 100 1000 0 25 50 75 100 125 150 0 50 100 150 200 250 300 350 400 0481 21 62 0 0 2 4 6 8 10 12 -1 -10 -100 -10 -100 -1000 on characteristics t a =25 t a =100 v o =-0.3v -3 -0.3 -30 output current i o (ma) input voltage v i(on) (v) typical characteristics off characteristics t a =100 t a =25 -3 -0.3 -0.03 v cc =-5v output current i o (ma) input voltage v i(off) (v) -0.3 -3 -30 30 t a =25 t a =100 v o =-5v 300 3 -3 -0.3 -30 g i i o output current i o (ma) dc current gain g i DTA114ECA p d t a power dissipation p d (mw) ambient temperature t a ( ) f=1mhz t a =25 c o v r output capacitance c o (pf) reverse bias voltage v r (v) -300 -30 -30 -3 v o(on) i o t a =25 t a =100 i o /i i =20 output voltage v o(on) (mv) output current i o (ma) 2012-0 willas electronic corp. pnp digital transistor DTA114ECA


▲Up To Search▲   

 
Price & Availability of DTA114ECA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X