Part Number Hot Search : 
XFATM BSO211P M62364E 50020 XR1015CN IRKD5608 D112K MLL961A
Product Description
Full Text Search
 

To Download CSFA101-G12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s m d s u p e r f a s t r e c o v e r y r e c t i f i e r s reverse v oltage: 50 to 600 v olts forward current: 1.0 amp rohs device page 1 rev :a features -ideal for surface mount applications. -easy pick and place. -plastic package has underwriters lab. flammability classification 94v -0. -super fast recovery time 35ns. -built-in strain relief. -low forward voltage drop. mechanical data -case: jedec do-214ac, molded plastic. -t erminals: solderable per mil-std-750, method 2026. -polarity: color band denotes cathode end. -approx. weight: 0.063 grams csf a101-g thru. csf a105-g maximum ratings and electrical characteristics d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) d o - 2 1 4 a c ( s m a ) qw -bs001 csf a101-g 2 no tes : 1. th erm al r esi sta nce fro m jun ctio n t o le ad mo unt ed on p .c. b. wit h 8 .0 8.0 m m cop per pa d a rea . comchip t echnology co., l td. 0.1 10(2.79) 0.086(2.18) 0.067(1.70) 0.051(1.29) 0.209(5.31) 0.185(4.70) 0.012(0.31) 0.006(0.15) 0.008(0.20) 0.004(0.10) 0.059(1.50) 0.035(0.89) 0.091(2.31) 0.067(1.70) 0.180(4.57) 0.160(4.06) max. repetitive peak reverse voltage max. dc blocking voltage max. rms voltage peak surge forward current, 8.3ms single half sine-wave superimposed on rate load (jedec method) max. average forward current max. instantaneous forward voltage @1.0a reverse recovery time max. dc reverse current at t a =25c rated dc blocking voltage t a =100c max. thermal resistance (note 1) max. operating junction temperature storage temperature csf a102-g csf a103-g csf a104-g csf a105-g units symbol parameter v rrm v dc v rms i fsm i o v f t rr i r r jl t j t stg 50 50 35 100 100 70 0.95 200 200 140 30 1.0 35 5.0 100 35 150 -55 to +150 400 400 280 1.25 600 600 420 1.5 v v v a a v ns a o c/w o c o c
qw -bs001 ra ting and characteristic cur ves (csf a101-g thru csf a105-g) percent of rated peak reverse v oltage (%) 140 120 80 60 20 0 fig.1 reverse characteristics 0.1 1 10 100 1000 r e v e r s e c u r r e n t , ( a ) forward v oltage (v) 0 fig.2 forward characteristics 0.001 0.01 0.1 1 10 0.6 reverse v oltage (v) 0.1 fig.3 junction capacitance 0 2 6 12 14 1 10 100 number of cycles at 60hz fig.4 non-repetitive forward surge current 0 15 20 30 comchip t echnology co., l td. page 2 rev :a 0.4 0.8 1.4 1.2 4 8 10 1 10 100 5 25 fig.5 t est circuit diagram and reverse recovery t ime characteristics 50 noninductive 10 noninductive (+) 25vdc (approx.) (-) d.u.t . 1 non- inductive oscillliscope (note 1) pulse genera tor (note 2) (+) (-) notes: 1. rise time=7ns max., input impedance=1 m , 22pf . 2. rise time=10ns max., input impedance=50 . trr set time base for 50 / 10ns / cm 1cm -1.0a -0.25a 0 +0.5a fig.6 current derating curve ambient t emperature (c) a v e r a g e f o r w a r d c u r r e n t , ( a ) 0 50 25 75 100 150 125 175 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 single phase half wave 60hz s m d s u p e r f a s t r e c o v e r y r e c t i f i e r s 40 100 o t j =125 c o t j =75 c o t j =25 c csf a101-g~103-g csf a104-g csf a105-g o t j =25 c pulse width 300 s 4% duty cycle 0.2 1.0 o t j =25 c f=1mhz vsig=50mvp-p 10 o t j =25 c 8.3ms single half sine wave, jedec method j u n c t i o n c a p a c i t a n c e , ( p f ) p e a k f o r w a r d s u r g e c u r r e n t , ( a ) f o r w a r d c u r r e n t , ( a )


▲Up To Search▲   

 
Price & Availability of CSFA101-G12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X