Part Number Hot Search : 
YG901C2R TW1128 ME302015 TLRMH16T NJM2078 PI2EQX 20N60 39504
Product Description
Full Text Search
 

To Download CMSH3-200MHV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cmsh3-100mhv cmsh3-150mhv CMSH3-200MHV surface mount silicon schottky rectifier 3 amp, 100 thru 200 volts description: the central semiconductor cmsh3-100mhv series 3.0 amp surface mount silicon schottky rectifier is a high quality, well constructed, highly reliable component designed for use in all types of commercial, industrial, entertainment, computer, and lighting applications. to order devices on 12mm tape and reel (3000/13? reel), add tr13 suffix to part number. features: ? high voltage capability ? flammability classification ul94v-0 ? energy efficiency ? high reliability ? ?c? bend construction provides strain relief when mounted on pc board maximum ratings: (t a =25c unless otherwise noted) cmsh3 cmsh3 cmsh3 symbol -100mhv -150mhv -200mhv units peak repetitive reverse voltage v rrm 100 150 200 v dc blocking voltage v r 100 150 200 v rms reverse voltage v r(rms) 70 105 140 v average forward current (t l =125c) i o 3.0 a peak forward surge current, tp=8.3ms i fsm 80 a operating and storage junction temperature t j , t stg -65 to +175 c thermal resistance jl 20 c/w electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions min max units i r v r =rated v rrm 50 a i r v r =rated v rrm, t j =100c 20 ma v f i f =3.0a (cmsh3-100mhv) 0.80 v v f i f =3.0a (cmsh3-150mhv, -200mhv) 0.90 v marking code: see marking code table on following page smb case r1 (22-july 2011) www.centralsemi.com
cmsh3-100mhv cmsh3-150mhv CMSH3-200MHV surface mount silicon schottky rectifier 3 amp, 100 thru 200 volts device marking code cmsh3-100mhv cs310mhv cmsh3-150mhv cs315mhv CMSH3-200MHV cs320mhv smb case - mechanical outline www.centralsemi.com r1 (22-july 2011)


▲Up To Search▲   

 
Price & Availability of CMSH3-200MHV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X