Part Number Hot Search : 
76400003 LR3114 SI9750 TL432A SI3090C S3106 JT224505 AD795
Product Description
Full Text Search
 

To Download BZV55B62 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bzv55b2v4-bzv55b75 500mw,2% tolerance zener diode small signal diode ? vz tolerance selection of 2% ? designed for through-hole device type mounting min max min max ? case : mini-melf package (jedec do-213ac) 3.30 3.70 0.130 0.146 ? high temperature soldering guaranteed : 270 c/10s 1.40 1.60 0.055 0.063 0.25 0.40 0.010 0.016 1.25 1.40 0.049 0.055 part no. package code package bzv55b2v4-75 l0 ll34 bzv55b2v4-75 l1 ll34 maximum ratings v br : voltage at i zk i zk : test current for voltage v br z zk : dynamic impedance at i zk i zt : test current for voltage v z v z : voltage at current i zt z zt : dynamic impedance at i zt i zm : maximum steady state current v zm : voltage at i zm maximum ratings and electrical characteristics mw type number units p d power dissipation symbol r ja c t j ,t stg mini-melf (ll34) 500 b dimensions suggested pad layou t c rating at 25 c ambient temperature unless otherwise specified. mechanical data a value packing 10k / 13" reel 2.5k / 7" reel ordering information ? polarity : indicated by cathode band ? weight : approx. 31 mg d hermetically sealed glass features unit (mm) unit (inch) ? wide zener voltage range selection:2.4v to 75v stability and protection against junction contamination ? high reliability glass passivation insuring parameter ? hermetically sealed glass ? pb free version and rohs compliant zener i vs.v characteristics maximum forward voltage @i f =100ma v f 1v storage temperature range -65 to + 175 300 thermal resistance (junction to ambient) (note 1) c/w voltage current i f v f v r i r v br i zk v z i zt v zm i zm forward region leakage region breakdownregion 2.00 0.079 2.50 0.098 1.25 0.049 0.197 5.00 mm inch version : c11
bzv55b2v4-bzv55b75 500mw,2% tolerance zener diode small signal diode electrical characteristics ta = 25c unless otherwise noted v f forward voltage = 1.0v maximum @ i f = 100 ma for all part numbers min nom max bzv55b2v4 2.35 2.4 2.45 5 85 1.0 600 50 1.0 bzv55b2v7 2.65 2.7 2.75 5 85 1.0 600 10 1.0 bzv55b3v0 2.94 3.0 3.06 5 85 1.0 600 4 1.0 bzv55b3v3 3.23 3.3 3.37 5 85 1.0 600 2 1.0 bzv55b3v6 3.53 3.6 3.67 5 85 1.0 600 2 1.0 bzv55b3v9 3.82 3.9 3.98 5 85 1.0 600 2 1.0 bzv55b4v3 4.21 4.3 4.39 5 75 1.0 600 1 1.0 bzv55b4v7 4.61 4.7 4.79 5 60 1.0 600 0.5 1.0 bzv55b5v1 5.00 5.1 5.20 5 35 1.0 550 0.1 1.0 bzv55b5v6 5.49 5.6 5.71 5 25 1.0 450 0.1 1.0 bzv55b6v2 6.08 6.2 6.32 5 10 1.0 200 0.1 2.0 bzv55b6v8 6.66 6.8 6.94 5 8 1.0 150 0.1 3.0 bzv55b7v5 7.35 7.5 7.65 5 7 1.0 50 0.1 5.0 bzv55b8v2 8.04 8.2 8.36 5 7 1.0 50 0.1 6.2 bzv55b9v1 8.92 9.1 9.28 5 10 1.0 50 0.1 6.8 bzv55b10 9.80 10 10.20 5 15 1.0 70 0.1 7.5 bzv55b11 10.78 11 11.22 5 20 1.0 70 0.1 8.2 bzv55b12 11.76 12 12.24 5 20 1.0 90 0.1 9.1 bzv55b13 12.74 13 13.26 5 26 1.0 110 0.1 10 bzv55b15 14.70 15 15.30 5 30 1.0 110 0.1 11 bzv55b16 15.68 16 16.32 5 40 1.0 170 0.1 12 bzv55b18 17.64 18 18.36 5 50 1.0 170 0.1 13 bzv55b20 19.60 20 20.40 5 55 1.0 220 0.1 15 bzv55b22 21.56 22 22.44 5 55 1.0 220 0.1 16 bzv55b24 23.52 24 24.48 5 80 1.0 220 0.1 18 bzv55b27 26.46 27 27.54 5 80 1.0 220 0.1 20 bzv55b30 29.40 30 30.60 5 80 1.0 220 0.1 22 bzv55b33 32.34 33 33.66 5 80 1.0 220 0.1 24 bzv55b36 35.28 36 36.72 5 80 1.0 220 0.1 27 bzv55b39 38.22 39 39.78 2.5 90 0.5 500 0.1 28 bzv55b43 42.14 43 43.86 2.5 90 0.5 600 0.1 32 bzv55b47 46.06 47 47.94 2.5 110 0.5 700 0.1 35 bzv55b51 49.98 51 52.02 2.5 125 0.5 700 0.1 38 bzv55b56 54.88 56 57.12 2.5 135 0.5 1000 0.1 42 BZV55B62 60.76 62 63.24 2.5 150 0.5 1000 0.1 47 bzv55b68 66.64 68 69.36 2.5 160 0.5 1000 0.1 51 bzv55b75 73.50 75 76.50 2.5 170 0.5 1000 0.1 56 notes: 1. the zener voltage ( v z ) is tested under pulse condition of 10ms 2. the device numbers listed have a standard tolerance on the nominal zener voltage of 2% . 4. the zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current ( i zt or i zk ) is superimposed to i zt or i zk . part number z zt @ i zt (?) max z zk @ i zk (?) max v z @ i zt (volt) i r @ v r (a) max i zk (ma) i zt (ma) v r (v) 3. for detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter voltage tolerances, contact your nearest taiwan semiconductor representative. version : c11
bzv55b2v4-bzv55b75 500mw,2% tolerance zener diode small signal diode rating and sharacteristic curves version : c11 0 10 0 20 0 30 0 40 0 50 0 60 0 0 4 0 8 0 1 20 16 0 2 00 te mp er at ur e [ ] pd -p ow er p as si pa ti on [ mw ] ta = 2 5 0. 1 1 10 10 0 10 00 0 0 .2 0. 4 0 .6 0. 8 1 1. 2 vf - f or w a rd v ol ta ge [ mv ] fo rw ard c ur re nt [ ma ] pd = 5 00mw ta = 25 0 50 100 150 200 250 300 0 2 4 6 8 1 0 vz - r eve rs e v olt age [ v] rev ers e cu rr ent [m a] pd = 5 00 mw ta = 2 5 0. 01 0. 1 1 10 10 0 15 25 35 45 55 65 75 vz - r ev er se v ol ta ge [ v] re ve rs e cu rr en t [m a] f = 1m hz ta = 2 5 1 10 10 0 10 00 0 20 40 60 80 vz - r ev er se v ol ta ge [ v] to ta l ca pa ci ta nc e [p f] vr = 0 v vr = 2 v vr = 5 v vr = 20 v vr = 30 v ta = 2 5 0. 1 1 10 10 0 10 00 1 10 10 0 vz - r ev er se v ol ta ge [ v] di ff er en ti al z en er i mp ed an ce [ ] iz =1 0m a iz =5 ma iz =2 ma iz =1 ma fi gu re 1 . po wer d is si pa ti on v s am bi en t te mp er at ur e va li d pr ov id ed l ea ds a t a di st an ce o f 0. 8m m fr om c as e ar e ke pt a t am bi en t te mp er at ur e fi gu re 2 . to ta l ca pa ci ta nc e fi gu re 5 . re ve rs e cu rr en t vs . re ve rs e vo lt ag e fi gu re 6 . re ve rs e cu rr en t vs . re ve rs e vo lt ag e fi gu re 3 . di ff er en ti al i mp ed an ce v s. z en er v ol ta ge fi gu re 4 . fo rwa rd c ur re nt v s. f or wa rd v ol ta ge
bzv55b2v4-bzv55b75 500mw,2% tolerance zener diode small signal diode tape & reel specification 178 1 330 1 55 min 100min 14.4max symbol c d 13.0 0.20 1.75 0.10 8.00 0.30 d1 1.50 0.10 0.230.005 item carrier width carrier length carrier depth sprocket hole reel outside diameter reel inner diameter feed hole width sprocket hole position 1.83 0.10 3.73 0.10 1.80 0.10 d2 d a b 3.50 0.05 f p0 overall tape thickness t punch hole position sprocke hole pitch embossment center 4.00 0.10 2.00 0.05 dimension(mm) reel width w1 p1 tape width w e top cover tape carieer ta p e a n y additional label ( if re q uired ) tsc label direction of feed t c d p1 p0 a b f w e w1 d1 d2 d version : c11


▲Up To Search▲   

 
Price & Availability of BZV55B62

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X