Part Number Hot Search : 
PAM8407 LT1520 BDT29DF A2918SW 110AS90 2SC52 MBR1045 5962F
Product Description
Full Text Search
 

To Download BYW95A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  low cost diffused junction low leakage low forward voltage drop high current capability and s im ilar s olvents case:jedec do-27,molded plastic polarity: color band denotes cathode weight:0.041ounces, 1.15 grams mounting position: any maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. byw95b byw95c units maximum recurrent peak reverse voltage v rrm 400 600 v max imum rms v oltage v rms 280 420 v maximum dc blocking voltage v dc 400 600 v maximum average forw ard rectified current 9.5mm lead length, @t a =75 peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @t j =125 maximum instantaneous forw ard voltage @ 3.0 a v f v maximum reverse current @t a =25 at rated dc blocking voltage @t a =100 maximium reverse recovery time (note1) t rr ns typical junction capacitance (note2) c j pf typical thermal resistance (note3) r ja <d operating junction temperature range t j storage temperature range t stg note: 1. measured with i f =0.5a, i r =1a, i rr =0.25a. 3. thermal resistance f rom junction to ambient. 32 3.0 70.0 1.5 10.0 voltage range: 200 --- 600 v current: 3.0 a a i f(av) 200 do - 27 easily cleaned with freon,alcohol,isopropanol the plastic material carries u/l recognition 94v-0 BYW95A 200 140 a i fsm 2. measured at 1.0mhz and applied rev erse v oltage of 4.0v dc. a i r -55-----+150 100.0 250 22 -55-----+150 dimensions in millimeters BYW95A-byw95c fast recovery rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
pulse generator (note2) d.u.t. 1 n.1. 50 n.1. oscilloscope (note 1) (+) 50vdc (approx) (-) 10 n.1. (-) (+) -1.0a -0.25a 0 +0.5a t rr 1cm t j - 25 t j - 125 0 20 40 60 80 100 120 140 0.01 0.1 1.0 10 0.6 0.8 1.0 1.2 1.4 1.6 0.01 0.02 0.06 0.04 0.1 0.2 0.4 1.0 2 4 10 100 t j =25 pulse width=300 s 1.8 2.0 12 4 6 10 20 100 40 60 t j =125 ?? 8.3ms single half sine-wave 100 40 60 80 20 0 0.6 1.2 1.8 2.4 3.0 025 100 150 0 175 50 125 75 single phase half wave 60hz resistive or inductive load amperes amperes amperes reverse current,microamperes average forward rectified current 2. rise time = 10ns max. source impedance = 50 peak forward surge current instantaneous forward current fi g. 3 --peak forward surge current fig.2 --forward derating current instantaneous forward voltage,volts percent of rated reversevoltage,% fi g. 4--typi cal forward characteri sti c fi g. 5--typi cal reverse characteri sti cs ambient temperature, number of cycles at 60 hz notes: 1. rise time = 7ns max. input impedance = 1m . 22pf set time base for 50/100 ns /cm fi g. 1 -- reverse recovery ti me characteri sti c and test ci rcui t di agram BYW95A-byw95c fast recovery rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of BYW95A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X