Part Number Hot Search : 
MCR100 01M10 Y100E ANTX2N6 Y100E MAJ110 2SC3902 L4100
Product Description
Full Text Search
 

To Download BAV99DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  any changing of specification will not be informed individual BAV99DW quad chips surface mount switching diode array maximum ratings (each diode) rating symbol value unit reverse voltage v r 75 vdc forward current i f 150 madc peak forward surge current i fm(surge) 400 madc thermal characteristics characteristic symbol max unit total device dissipation fr 5 board (1) t a = 25 c derate above 25 c p d 200 1.8 mw mw/ c thermal resistance, junction to ambient r  ja 556 c/w total device dissipation alumina substrate, (2) t a = 25 c derate above 25 c p d 250 2.4 mw mw/ c thermal resistance, junction to ambient r  ja 417 c/w junction and storage temperature t j , t stg 55 to +150 c device marking b a v99dw= kjg electrical characteristics (t a = 25 c unless otherwise noted) (each diode) characteristic symbol min max unit off characteristics reverse breakdown voltage (i (br) = 100 m adc) v (br) 75 e vdc reverse voltage leakage current (v r = 25 vdc, t j = 150 c) (v r = 70 vdc) (v r = 70 vdc, t j = 150 c) i r e e e 3 0 2.5 5 0 m adc diode capacitance (v r = 0, f = 1.0 mhz) c d e 2 pf forward voltage (i f = 1.0 madc) (i f = 10 madc) (i f = 50 madc) (i f = 150 madc) v f e e e e 715 855 1000 1250 mvdc reverse recovery time (i f = i r = 10 madc, i r(rec) = 1.0 madc) (figure 1) r l = 100 w t rr e 4.0 ns 1 . fr ? 5 = 1.0 x 0.75 x 0.06 2 in. 2.alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. features  fast switching speed  surface mount package ideally suited for automatic insertion  for general purpose switching applications  high conductance http://www.secosgmbh.com ele k troni sche bauelemente to p v i e w 01 -j a n-200 6 rev. b page 1 of 2 sot-363 dimensions in inches and (millimeters) .014(0.35) .006(0.15) .087(2.20) .079(2.00) .055(1.40) .047(1.20) .026typ (0.65typ) .096(2.45) .085(2.15) .021ref (0.525)ref .018(0.46) .010(0.26) .006(0.15) .003(0.08) .053(1.35) .045(1.15) .043(1.10) .035(0.90) .039(1.00) .035(0.90) .004(0.10) .000(0.00) 8 o o 0 rohs compliant product a suffix of "-c" specifies halogen & lead-free
any changing of specification will not be informed individual BAV99DW dual series chips surface mount switching diode 100 0.2 0.4 v f , f orward voltage (v) 0.6 0.8 1.0 1.2 10 1.0 0.1 t a = 85 c 10 0 v r , r everse voltage (v) 1.0 0.1 0.01 0.001 10 20 30 40 50 0.68 0 v r , r everse voltage (v) 0.64 0.60 0.56 0.52 c d , d iode capacitance (pf) 2468 i f , f orward current (ma) (ma) figure 2. forward voltage figure 3. leakage current figure 4. capacitance t a = 40 c t a = 25 c t a = 150 c t a = 125 c t a = 85 c t a = 55 c t a = 25 c i r , r everse curren t ( m a) notes: 1. a 2.0 k w variable resistor adjusted for a forward current (i f ) of 10 ma. notes: 2. input pulse is adjusted so i r(peak) is equal to 10 ma. notes: 3. t p ? t rr +10 v 2.0 k 820 w 0.1 m f dut v r 100 m h 0.1 m f 50 w output pulse generator 50 w i nput sampling oscilloscopes t r t p t 10% 90% i f i r t rr t i r(rec ) = 1.0 ma output pulse (i f = i r = 10 ma; measured at i r(rec ) = 1.0 ma) i f input signal figure 1. recovery time equivalent test circuit http://www.secosgmbh.com ele k troni sche bauelemente 01 -jan-2006 rev. b page 2 of 2


▲Up To Search▲   

 
Price & Availability of BAV99DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X