Part Number Hot Search : 
6N03L BR1300 8EWF06S TC4422EG BFXXXX SBR5050 39VF1601 XN0A311G
Product Description
Full Text Search
 

To Download BAV99-LFR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BAV99-LFR page: 1 frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http: //www.frontierusa.com dual surface mount switching diode BAV99-LFR features z fast switching z surface mount package ideally suited for automatic insertion z high conductance z lead free mechanical data z case: sot-23, plastic, dimensions in millimeters z terminals: solderable per mil-std-202, method 208 z polarity: see diagram z weight: 0.008 grams ratings symbol BAV99-LFR units non-repetitive peak reverse voltage v rm 100 v peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 70 v rms reverse voltage v r(rms) 49 v forward continuous current (note 1) i fm 300 ma rectified current average ,half wave rectification with resist load at t amb 25 c and R 50mh z note 1 i o 150 ma non-repetitive peak forward surge current @ t=1.0 s @ t=1.0 s i fsm 1.0 2.0 a power dissipation note 1 derate above 25 c p d 350 2.8 mw mw/ c thermal resistance junction to ambient air note 1 r ja 357 c/ w junction temperature t j - 55 to + 150 c storage temperature range t s - 55 to + 150 c marking a7 electrical characteristics @ t a =25 c unless otherwise specified characteristics symbol min. max. unit test condition maximum forward voltage v f - 715 855 1.0 1.25 mv mv v v i f =1.0 ma i f =10 ma i f =50 ma i f =150 ma maximum peak reverse current i rm - 5.0 100 30 a v r =70v v r =70v, t j =150 c v r =25v, t j =150 c capacitance c j - 4.0 pf v r =0, f=1.0mhz reverse recovery time t rr - 6.0 ns i f =10ma to i rr =1.0 ma v r =6.0v , r l =100 note: 1. diode on ceramic substrate 10mm 8 mm 0.7mm 1 d b c a 2 3 1 g e h j k m l 3 2 1 dim min max a 0.30 0.51 b 1.20 1.60 c 2.10 3.00 d 0.85 1.05 e 0.45 1.00 g 1.70 2.10 h 2.70 3.10 j 0.00 0.13 k 0.89 1.30 l 0.30 0.61 m 0.076 0.25
BAV99-LFR page: 2 rating and characteristics curves bav99-lf i f , instantaneous forward current, (ma) 1000 100 10 1.0 0.1 0.01 t j =100 t j =25 0 1 2 instantaneous forward voltage (v) fig.2- leakage current vs junction temperture 0 100 200 junction temperature ( ) v r =20v i r , leakage current (na) 10,000 1000 100 10 1


▲Up To Search▲   

 
Price & Availability of BAV99-LFR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X