Part Number Hot Search : 
M38B79M3 2SK389GR D2415 BR10100 C5039 SK240 LR8729 B65883A
Product Description
Full Text Search
 

To Download BAT54X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  extremely fast switching speed. low forward voltage?0.35v(typ). high speed switching application. type no. marking package code BAT54X jv sod-523 maximum rating @ ta=25 unless otherwise specified parameter symbol limits unit dc reverse voltage v r 30 v continuous forward current i f 200 ma peak forward surge current i fsm 600 ma total power dissipation p tot 200 mw total resistance junction to ambient r ja 635 /w junction temperature t j 150 storage temperature t stg -55-150 electrical characteristics @ ta=25 unless otherwise specified parameter symbol min. typ. max. unit conditions reverse breakdown voltage v (br)r 30 v i r =100 a forward voltage v f 0.22 0.41 0.52 0.29 0.35 0.24 0.5 0.8 0.32 0.40 v i f =0.1ma i f =30ma i f =100ma i f =1.0ma i f =10ma reverse current i r 0.5 2.0 a v r =25v diode capacitance c d 7.6 10 pf v r =1v,f=1mhz reverse recovery time t rr 5 ns i f =i r =10ma BAT54X schottky barrier diode features applications ? ? ? dimensions in inches and (millimeters) sod-523 ordering information http://www.luguang.cn mail:lge@luguang.cn
typical characteristics @ ta=25 unless otherwise specified BAT54X schottky barrier diode http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of BAT54X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X