Part Number Hot Search : 
KBPC15 2SA185 SP13T R5101015 BUK72 DTC14 TLP798G TSL25
Product Description
Full Text Search
 

To Download BAT54X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente BAT54X 0.2a , 30v surface mount schottky barrier diode 13-mar-2012 rev. c page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? low forward voltage drop ? extremely fast switching speed ? low reverse capacitance marking: package information package mpq leader size sod-523 3k 7 inch absolute maximum ratings (t a =25 c unless otherwise specified) parameter symbol ratings unit non-repetitive peak reverse voltage v rm 30 v dc blocking voltage v r 21 v forward current i f 200 v repetitive peak forward current i frm 300 ma non-repetitive peak forward current@ t=1 s i fsm 600 ma power dissipation p d 200 mw thermal resistance junction to ambient air r ja 635 c / w storage temperature t j , t stg 125, -40~125 c electrical characteristics (t a =25 c unless otherwise specified) parameter symbol min. typ. max. unit teat conditions reverse breakdown voltage v (br)r 30 - v i r = 100a reverse current i r - 0.5 2 a v r =25v - 0.22 0.24 i f =0.1ma - 0.29 0.32 i f =1ma - 0.35 0.4 i f =10ma - 0.41 0.5 i f =30ma forward voltage v f - 0.52 1 v i f =100ma capacitance between terminals c t - 7.6 - pf v r =1v, f=1mhz reveres recovery time t rr - - 5 ns i f =10ma, i r =10ma ~1ma r l =100 ? sod-523 e f b c d a millimete r millimete r ref. min. max. ref. min. max. a 1.50 1.70 d 1.10 1.30 b 0.70 0.90 e 0.25 0.35 c 0.50 0.77 f 0.07 0.20 jv b
elektronische bauelemente BAT54X 0.2a , 30v surface mount schottky barrier diode 13-mar-2012 rev. c page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of BAT54X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X