Part Number Hot Search : 
2SC5606 BZ5239 0LT1G WP7113 29L333C 70233 MHS132 P47C2
Product Description
Full Text Search
 

To Download BAT54X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features z extremely fast switching speed z low forward voltage ? 0.35 v (typ) @ i f = 10 madc marking: jv maximum ratings and electrical characteristics, single diode @t a =25 parameter symbol limits unit dc reverse voltage v r 30 v forward current i f 200 ma repetitive peak forward current i frm 300 ma non-repetitive peak forward current (t=1us) i fsm 600 ma total device dissipation p d 200 mw thermal resistance junction to ambient r ja 635 /w junction temperature t j 150 storage temperature t stg 150 electrical ratings @t a =25 parameter symbol min. typ. max. unit conditions reverse breakdown voltage v (br)r 30 i r =10ua v f1 0.22 0.24 i f =0.1ma v f2 0.41 0.5 i f =30ma v f3 0.52 0.8 i f =100ma v f4 0.29 0.32 i f =1.0ma forward voltage v f5 0.35 0.40 v i f =10ma reverse recovery time t rr 5 ns i f =i r =10madc,i r(rec) =1madc reverse current i r 0.5 2.0 a v r =25v total capacitance c t 7.6 10 pf v r =1v,f=1mhz 1.6?.1 1.2?.05 0.8?.05 cathode mark 0.6?.1 0 . 1 2 0 . 0 5 s o d - 5 2 3 0 . 3 0 . 0 5 dimensions in millimeters any changing of specification will not be informed individual BAT54X 30 volt silicon hot-carrier detector surface mount schottky barrier diode http://www.secosgmbh.com elektronische bauelemente 30-may-2007 rev. a page 1 of 2 rohs compliant product a suffix of "-c" specifies halogen & lead-free
t y p i c a l c h a r a c t e r i s t i c s any changing of specification will not be informed individual BAT54X 30 volt silicon hot-carrier detector surface mount schottky barrier diode http://www.secosgmbh.com elektronische bauelemente 30-may-2007 rev. a page 1 of 2


▲Up To Search▲   

 
Price & Availability of BAT54X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X