Part Number Hot Search : 
7N0607 KBP156 TAR5S27U A3842 BD4854 CPT2308 IRHM5 APM4548
Product Description
Full Text Search
 

To Download B5A100VI07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2007. 5. 21 1/2 semiconductor technical data b5a100vi schottky barrier type diode revision no : 2 switching type power supply application. converter & chopper application. features average output rectified current : i o =5a (tc=115 ). repetitive peak reverse voltage : v rrm =100v. fast reverse recovery time : t rr =35ns. low peak forward voltage : 0.73v(typ.) maximum rating (ta=25 ) dim millimeters to-220is 0.76+0.09/-0.05 a b c d e f g 0.5+0.1/-0.05 h 1.2+0.25/-0.1 1.5+0.25/-0.1 j k l m n p q r f q 1 2 3 l p n b g j m d n h e r k l s 0.5 typ s d a c 2.70 0.3 + _ 12.0 0.3 + _ 13.6 0.5 + _ 3.7 0.2 + _ 3.2 0.2 + _ 10.0 0.3 + _ 15.0 0.3 + _ 3.0 0.3 + _ 4.5 0.2 + _ 2.54 0.1 + _ + 2.6 0.2 _ 6.8 0.1 + _ 1. cathode 2. nc 3. anode electrical characteristics (ta=25 ) characteristic symbol test condition min. typ. max. unit peak forward voltage v fm i fm =5a, tc=25 - 0.73 0.78 v repetitive peak reverse current i rrm v rrm =rated - - 3 ma reverse recovery time t rr i f =1.0a, di/dt=-20a/ s - - 35 ns thermal resistance r th(j-c) juction to case - - 4.5 /w characteristic symbol rating unit repetitive peak reverse voltage v rrm 100 v average output rectified current (tc=115 ) i o 5 a peak one cycle surge forward current (non-repetitive 60hz) i fsm 100 a junction temperature t j -40 150 storage temperature range t stg -55 150
2007. 5. 21 2/2 b5a100vi revision no : 2 average forward current i f(av) (a) average forward current i f(av) (a) current derating (ambient) current derating (case) p f(av) (w) average forward current i f(av) (a) p f(av) - i f(av) average forward power dissipation reverse current i r (ma) reverse voltage v r (v) i r - v r i f - v f forward voltage v f (v) forward current i f (a) case temperature tc ( c) ambient temperature t a ( c) 0 100 110 120 130 140 150 2 4 6 8 rated voltage r =4.5 c/w th(j-c) dc 180 square wave applied 1 3 5 7 0 02 468 1 2 3 4 5 (resistive load) 180 square wave dc i av = pk i 0 0 40 80 120 160 rated voltage applied r =60 c/w th(j-a) (no heat sink) dc 180 square wave 0.5 20 60 100 140 1.0 1.5 2.0 2.5 3.0 3.5 4.0 0.001 0 0.2 0.5 0.4 0.6 0.8 1.0 1.2 1.0 3.0 5.0 10 30 50 t =125 c j j t =75 c j t =25 c 20 40 60 80 0.01 0.1 1.0 10 100 t =150 c j j t =125 c j t =100 c j t =75 c j t =25 c t =50 c j 100


▲Up To Search▲   

 
Price & Availability of B5A100VI07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X