Part Number Hot Search : 
SP485 GBU1510 CTP4551 AK442010 05010 C3021 P2907 ANTX2
Product Description
Full Text Search
 

To Download B1200C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  battrax slic protector http://www.littelfuse.com 2 - 50 ? 2004 littelfuse, inc. +1 972-580-7777 sidactor ? data book and design guide battrax slic protector this solid state protection device can be referenced to either a positive or negative voltage source. the b1xx0c_ is for a -v ref and the b2050c_ is for a +v ref . designed using an scr and a gate diode, the b1xx0c_ battrax begins to conduct at |-v ref | + |-1.2 v| while the b2050c_ battrax begins to conduct at |+v ref |+|1.2v|. for a diagram of a battrax application, see figure 3.38. * for individual ?ca? and ?cc? surge ratings, see table below. general notes: ? all measurements are made at an ambient temperature of 25 c. i pp applies to -40 c through +85 c temperature range. ? i pp is a repetitive surge rating and is guaranteed for the life of the product. ? i pp ratings assume v ref = 48 v. ? v drm is measured at i drm. ? v s is measured at 100 v/s. ? off-state capacitance (c o ) is measured at 1 mhz with a 2 v bias and is a typica l value. ?cc? product is approximately 2x the listed value. ? positive battrax information is preliminary data. ? v ref maximum value for the negative battrax is -200 v. ? v ref maximum value for the positive battrax is 110 v. pin 3 (-v ref ) pin 1 (line) pin 2 (ground) gate -battrax b1xx0c_ pin 3 (+v ref ) pin 2 (ground) pin 1 (line) +battrax b2050c_ electrical parameters part number * v drm volts v s volts v t volts i drm amps i gt mamps i t amps i h mamps c o pf b1100c_ |-v ref | + |-1.2 v| |-v ref | + |-10 v| 4 5 100 2.2 100 50 b1160c_ |-v ref | + |-1.2 v| |-v ref | + |-10 v| 4 5 100 2.2 160 50 B1200C_ |-v ref | + |-1.2 v| |-v ref | + |-10 v| 4 5 100 2.2 200 50 b2050c_ |+v ref | + |1.2 v| |+v ref | + |10 v| 4 5 50 2.2 50 50 surge ratings series i pp 2x10 s amps i pp 8x20 s amps i pp 10x160 s amps i pp 10x560 s amps i pp 10x1000 s amps i tsm 60 hz amps di/dt amps/s a 150 150 90 60 50 20 500 c 500 400 200 150 100 50 500
battrax slic protector ? 2004 littelfuse, inc. 2 - 51 http://www.littelfuse.com sidactor ? data book and design guide +1 972-580-7777 data sheets thermal considerations package symbol parameter value unit modified do-214aa t j operating junction temperature range -40 to +150 c t s storage temperature range -65 to +150 c r ja thermal resistance: junction to ambient 85 c/w pin 3 (v ref ) pin 1 (line) pin 2 (ground) i h i t i s i drm v drm v t +v -v +i -i v s i h i drm v drm v t +v +i v s i gt i t -v -i v-i characteristics for negative battrax i h i drm v drm v t +v +i v s i gt i t -v -i v-i characteristics for positive battrax -8 -40 -20 0 20 40 60 80 100 120 140 160 -6 -4 0 2 4 6 8 10 12 14 junction temperature (t j ) ? ?c percent of v s change ? % 25 ?c normalized v s change versus junction temperature 0.4 -40 -20 0 20 40 60 80 100 120 140 160 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 case temperature (t c ) ? ?c ratio of i h i h (t c = 25 ?c) 25 ?c normalized dc holding current versus case temperature


▲Up To Search▲   

 
Price & Availability of B1200C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X