Part Number Hot Search : 
LC75010 102ST W48C101 MH88511 5R105 S495A ZX84C10 CX2014
Product Description
Full Text Search
 

To Download AMEPR30D-15200AZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am epr 30d - az up to 2 a | a c - dc / dc- dc led driver www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 0 52.1e r3. g 1 of 5 north america only features: models single output model max output power (w) output voltage range (v) no load output voltage (v m ax. ) output current (a) input voltage (vac/hz) input voltage (vdc) efficiency (%) amepr30d - 5070az +suffix 35 36-50 64 0.7 90- 264/47- 440 120- 370 85 amepr30d - 4270az +suffix 29.4 32 - 42 54 0.7 90 - 264/47 - 440 120 - 370 84 amepr 30 d - 3670 az +suffix 25. 2 24-36 52 0. 7 90-2 64 /47 - 440 120- 3 7 0 83 amepr30d - 36100az +suffix 36 24 - 36 52 1 90 - 264/47 - 440 120 - 370 84 amepr 30 d - 2412 5 az +suffix 30 12-24 34 1.25 90-2 64 /47 - 440 120- 3 7 0 8 2 amepr30d - 24140az +suffix 33.6 12 - 24 34 1.4 90 - 264/47 - 440 120 - 370 83 amepr 30 d - 15200 az +suffix 30 8 -15 23 2 90-2 64 /47 - 440 120- 3 7 0 8 1 exceeding the maximum output power will permanently damage the converter model nomenclature for ordering: add suffix - u universal ac input 90 - 264vac(no triac dimming with this option) add suffix - 110 ac input 90 - 135vac, add suffix - 220 ac input 180 - 264vac note: all specificatio ns in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. i nput specifications parameters conditions typical maximum units inrush current <2ms 115vac 1 0 a 230vac 2 0 leakage current 115vac 0. 2 ma 230vac 0. 25 ac current 115vac 0. 35 a 230vac 0. 15 power factor 115vac 0.9 230vac 0.9 external fuse 250v/1a start up time 200 ms output specifications parameters conditions typical maximum units current accuracy 5 % line regulation ll - hl 7 % load regulation 0 - 100% load 5 % ripple & noise 20mhz bandwidth 1 - 3 v p - p hold - up time 1 m s minimum load voltage see the models table tested with 0.1f (m/c) or (c/c) and 47f (e /c) parallel capacitors at the end. ? ac - dc or dc - dc constant current led driver ? over temperature protection ? input range 90 - 2 64 vac /47 - 440hz ? ip 67 case ? active pfc with triac dimmable ? high efficiency up to 8 4 % ? operating temperature - 20 to 80 c ? total harmonic distortion < 20% ? sc p, over load protection ? leading or trailing edge triac
series am epr 30d - az up to 2 a | a c - dc / dc- dc led driver www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 0 52.1e r3. g 2 of 5 north america only isolation specifications parameters conditions typical maximum units tested i/o voltage 3sec 3000 v ac isolation resistance >1000 m general specifications parameters conditions typical maximum units switching frequency 65 khz over l oad protection 110% of iout over voltage protection 110% of vout short circuit protection continuous short circuit restart auto recovery over temperature protection >105c operating temperature with derating over 55c - 20 to + 80 o c maximum case temperature 100 o c storage temperature - 40 to +95 o c t emp era ture coefficient 0.02 % / o c cooling free air convection humidity 95 % rh c ase material plastic wires ul1015 20 awg * 1 0cm weight 200 g dimensions (l x h x w) 133x3 3x30 mm (5.24 x 1.30 x 1.18 inch) mtbf >400,000 hrs (mil - hdbk - 217f at +25c) environment approval test parameters conditions shock wave form half sine wave acceleration amplitude 5gn bump duration 30 ms converter operation before an d after test, body mounted (on chassis) number of bumps 18 (3 in each direction for every axis) vibration test mode sweep sine, 10 - 100hz, speed 0.05hz/s displacement 1 mm acceleration 3g, 3 loops 30min one cycle, 3h total, every axis tested conver ter operation before and after test, body mounted (on chassis) safety specifications parameters agency approvals culus, ce, fcc standards en61347 - 1, en61347 - 2 - 13 , iec62384 , ul8750, ul60950 - 1, en55015 , en55024 standards radiated and conducted emission fcc part 15 subpart b, class b, ansi c63.4 :2003 emi - conducted and radiated emission en 5502 2 harmonic current emissions iec/en 61000 - 3 - 2, (en60555 - 2) voltage fluctuations and flicker iec/en 61000 - 3 - 3, (en60555 - 3) electrostatic discharge immunity iec 61000 - 4 - 2 rf, electromagnetic field immunity iec 61000 - 4 - 3 electrical fast transient/burst immunity iec 61000 - 4 - 4 surge immunity iec 61000 - 4 - 5 rf, conducted disturbance immunity iec 61000 - 4 - 6 power frequency magnetic field immunity iec 61000 - 4 - 8 voltage dips, short interruptions immunity iec 61000 - 4 - 11
series am epr 30d - az up to 2 a | a c - dc / dc- dc led driver www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 0 52.1e r3. g 3 of 5 north america only dimensions temperature graph - 20 0 20 40 60 80 100 100 80 60 40 20 0 55 o c safe operating area - 25 free air convection ambient temperature o c output power %
series am epr 30d - az up to 2 a | a c - dc / dc- dc led driver www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 0 52.1e r3. g 4 of 5 north america only triac dimming feature ac earth ground line (brown) neutral (blue) triac device aimtec led driver red (+) black (-) led lighting application triac dimming notes : a- the triac device can be installed on either line or neutral b- aimtec led drivers have been designed to function with a wide range of available triac devices , however the following list of triac devices have been tested and are recommended by aimtec . 1) company: lutron series: skylark model: sf-10p-wh (input voltage: 120vac) model: sf-12p-277-wh ( input voltage 277vac) 2) company lutron series: diva model: dvf-103p-wh (input voltage: 120vac) model: dvf-103p-277-wh (input voltage : 277vac) 3) company berker model: 2867 10 (input voltage :230vac) if the power voltage range is 90~135vac, triac suggested use model sf-10p-wh or dvf-103p-wh. if the power voltage range is 180~260vac , triac suggested use model sf -12p-277-wh or dvf-103p-277-wh.
series am epr 30d - az up to 2 a | a c - dc / dc- dc led driver www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 0 52.1e r3. g 5 of 5 north america only triac dimming performance amepr 30 d - 3670 az triac dimming perfor mance is typical as with other models, for specific details on other model performance, please see the aimtec triac dimming application note at www.aimtec.com note: 1. datasheets are updated as needed and as such, specifications are subject to change without notice. once printed or downloaded, datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency certifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4 . all specifications are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. .aimtec may not hav e conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited informat ion are considered proprietary and may not be available for release. 5. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control s ystems or other such applications which necessitate s pecific safety and regulatory standards other the ones listed in this datasheet.


▲Up To Search▲   

 
Price & Availability of AMEPR30D-15200AZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X