Part Number Hot Search : 
800BA ADC2300E MSS00 015020 CS9202 C101M LR8K4 A1106
Product Description
Full Text Search
 

To Download AM1DS-0505D-NZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am 1ds -nz 1 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12 . b 1 of 3 north america only features: ? rohs compliant ? operating temperature - 40 c to + 85 c ? high efficiency up to 76 % ? continuous short circuit protection ? low profile plastic package ? pin compatible with multiple manufacturers ? 7 pin sip package ? up to 3000vdc isolation models single output model input voltage (v) output voltage (v) output current max ( ma) isolation (vdc) efficiency (%) am1ds - 0303s - nz 3.0 - 3.6 3.3 303 1000 68 am1ds - 0305s - nz 3.0 - 3.6 5 200 1000 70 am1ds - 0505s - nz 4.5 - 5.5 5 200 1000 73 am1ds - 0509s - nz 4.5 - 5.5 9 112 1000 73 am1ds - 0512s - nz 4.5 - 5.5 12 83 1000 75 am1ds - 0515s - nz 4.5 - 5.5 15 67 1000 75 am1ds - 0524s - nz 4.5 - 5.5 24 42 1000 76 am1ds - 1205s - nz 10.8 - 13.2 5 200 1000 73 am1ds - 1209s - nz 10.8 - 13.2 9 112 1000 72 am1ds - 1212s - nz 10.8 - 13.2 12 83 1000 75 am1ds - 12 15s - nz 10.8 - 13.2 15 67 1000 76 am1ds - 1515s - nz 13.5 - 16.5 15 67 1000 75 am1ds - 2403s - nz 21.6 - 26.4 3.3 303 1000 70 am1ds - 2405s - nz 21.6 - 26.4 5 200 1000 70 am1ds - 2412s - nz 21.6 - 26.4 12 83 1000 75 am1ds - 2415s - nz 21.6 - 26.4 15 67 1000 76 am1ds - 0305sh30 - nz 3.0 - 3.6 5 200 3000 70 am1ds - 0505sh30 - nz 4.5 - 5.5 5 200 3000 73 am1ds - 0512sh30 - nz 4.5 - 5.5 12 83 3000 75 am1ds - 0515sh30 - nz 4.5 - 5.5 15 67 3000 75 am1ds - 0524sh30 - nz 4.5 - 5.5 24 42 3000 76 am1ds - 1205sh30 - nz 10.8 - 13.2 5 200 3000 73 am1ds - 1212sh30 - nz 10.8 - 13.2 12 83 3000 75 am1ds - 2405sh30 - nz 21.6 - 26.4 5 200 3000 70 models dual output model input voltage (v) output voltage (v) output current max ( ma ) isolation (vdc) efficiency (%) am1ds - 0505d - nz 4.5 - 5.5 5 100 1000 69 am1ds - 0509d - nz 4.5 - 5.5 9 56 10 00 73 am1ds - 0512d - nz 4.5 - 5.5 12 42 1000 74 am1ds - 0515d - nz 4.5 - 5.5 15 34 1000 74 am1ds - 0524d - nz 4.5 - 5.5 24 21 1000 76 am1ds - 1205d - nz 10.8 - 13.2 5 100 1000 70 am1ds - 1212d - nz 10.8 - 13.2 12 42 1000 76 am1ds - 1215d - nz 10.8 - 13.2 15 34 1000 76 am1 ds - 2405d - nz 21.6 - 26.4 5 100 1000 68 am1ds - 2412d - nz 21.6 - 26.4 12 42 1000 76 am1ds - 2415d - nz 21.6 - 26.4 15 34 1000 76 am1ds - 0505dh30 - nz 4.5 - 5.5 5 100 3000 69 am1ds - 0512dh30 - nz 4.5 - 5.5 12 42 3000 74 am1ds - 0515dh30 - nz 4.5 - 5.5 15 34 3000 7 4 am1ds - 1212dh30 - nz 10.8 - 13.2 12 42 3000 76
series am 1ds -nz 1 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12 . b 2 of 3 north america only models dual output (continued) model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) efficiency (%) am1ds - 1215dh30 - nz 10.8 - 13.2 15 34 3000 76 am1ds - 2405dh30 - nz 21.6 - 26.4 5 100 3000 70 am1ds - 2412dh30 - nz 21.6 - 26.4 12 42 3000 76 note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. input specific ations parameters nominal typical maximum units voltage range 3.3 3.0 - 3.6 vdc 5 4.5 - 5.5 12 10.8 - 13.2 15 13.5 - 16.5 24 21.6 - 26.4 filter capacitor start up time ms absolute maximum rating 3.3 7 vdc 5 9 12 18 15 21 24 3 0 peak input voltage time 1 s no load input current 50 ma isolation specifications parameters conditions typical rated units tested i/o voltage 60 sec 1000, 3000 vdc resistance > 1000 mohm capacitance 15 pf output specifications param eters conditions typical maximum units voltage accuracy 5 % short circuit protection continuous short circuit restart auto recovery line voltage regulation for 1.0% change of vin 1.5 % of vin load voltage regulation load 10~100% 20% % tempera ture coefficient 0.03 %/ o c ripple & noise 20mhz bandwidth 200 mv p - p minimum load current 10 % of max general specifications parameters conditions typical maximum units switching frequency 100 % load 100 khz operating temperature - 40 to +85 o c storage temperature - 55 to +125 o c maximum case temperature 100 o c derating not - required %/ o c cooling free air convection humidity 95 % rh case material non - conductive black plastic ( ul94v - 0 rated) weight 2.3 g
series am 1ds -nz 1 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12 . b 3 of 3 north america only general specifications (cont inued) parameters conditions typical maximum units dimensions (l x w x h) 0.7 7 x 0.24 x 0.3 7 inches 19.5 x 6.00 x 9.35 mm mtbf >1 940 000 hrs (mil - hdbk - 217f, ground benign, t=+25 o c) maximum soldering temperature 1.5 mm from case for 10sec 300 o c pin out specifications pin 1000 vdc 3000vdc single dual single dual 1 + v input + v input + v input + v input 2 - v input - v input - v input - v input 4 - v output - v output no pin no pin 5 no pin common - v output - v output 6 + v output + v output no pin common 7 no pin no pin + v output + v output dimensions 19.50 (0.76) 15.20 (0.60) 2.54 (0.10) 6.00 (0.24) printed face 0.50 (0.02) 0.50 (0.02) 0.25 (0.01) 1.25 (0.05) 6.00 (0.24) 9.50 (0.37) 9.50 (0.37) 4.10 (0.16) 0.50 (0.02) note: unit:mm [inch] pin tolerances: 0.10mm [ 0.004inch] general tolerances: 0.25mm [ 0.010inch] note: 1. datasheets are updated as needed and as such, specifications are subject to change without notice. once printed or downloaded, datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency certifications on labels, may vary based on the date manufactured. 3. mechani cal drawings and specifications are for reference only. 4. all specifications are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destru ctive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary and may not be available for release. 6. this product is not designe d for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such a pplications which necessitate specific safety and regulatory standards other the ones listed in this datasheet. 7. warranty is in accordance with aimtecs standard terms of sale available at www.aimtec.com.


▲Up To Search▲   

 
Price & Availability of AM1DS-0505D-NZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X