Part Number Hot Search : 
PT2300L AT24C16 01GUA SMCJ78A PE4352 U3000A NTRPB MAJ150A
Product Description
Full Text Search
 

To Download ACT9209 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  reflow 10 secs max @ 240 deg c please enquire for full profile please specify iso9001 registered for quotations or further information please contact us at: 3 the business centre, molly millars lane, wokingham, berks, rg41 2ey, uk http://www.actcrystals.com tel : 0044 (0) 118 979 1238 fax : 0044 (0) 118 979 1283 email : info@actcrystals.com 0.6ns typ. 10ps rms max 1.125vdc max (lvds) 1.375vdc min (lvds) vdd -1.63vdc max (lvpecl) vdd -1.02vdc min (lvpecl) 100 differential load (lvds) 50 into vdd -2.0v (lvpecl) 10ms max 3ppm / year max lvds please specify please specify pecl pecl pecl lvds 1.25vdc - lvds @ 20 ~ 80% voh vdd -1.30vdc - lvpecl tw/t fa tr/tf n/cl tosc iop tj condition specification 25.00 ~ 650.00 mhz 20ppm ~ 100ppm 0 ~ +70c std, -40 ~ +85c also avail. -55 to +125c 3.3vdc 5% 85ma up to 160.0 mhz start-up time aging jitter fo df/fo frequency range frequency stability topr tstg vdd output level ?0? supply voltage supply current (max) output load ACT9209 lvpecl / lvds oscillato r specification please note that all parameters can not necessarily be specified in the same device vol symbol parameter 95ma 161.00 ~300.0 mhz 45ma up to 100.0 mhz 70ma 101.0 ~ 650.0 mhz 40 / 60% std temp operating range in line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without no tice the ACT9209 pecl / lvds oscillator is a miniature low profile device allowing for frequencies up to 650 mhz to be available in a 7x5 mm surfacemount package. this device is ideal for a wide range of applications where pcb space dictates small size and / or automatic assembly is a requirement. the ACT9209 utilises a 6x3.5mm crystal and a multiplier making it suitable for design into many applications requiring higher frequencies, including communications / wireless equipment, networking and many more. the parts are available loose or on 1k reels to accommodate low / high volume requirements. c us t omer t o spec if y : f requency, f requency st a bilit y, o pera ti ng t empera t ure r ange, o u t pu t t yp e 100ma 301.00 ~ 650.0 mhz temp storage range output level ?1? rise & fall time (max) duty cycle #1 id mark 5.0 0.2 7.0 0.2 1.8 0.2 0.8 1.2 1.4 5.08 2.6 2.0 4.2 1.8 5.08 suggested footprint 1 2 3 4 5 6 tri-state not connected ground output complementary output vdd pad connections dimensions in mm 1 2 3 5 4 6 issue :5 d2 date :01/08/05
tel : +44 118 979 1238 fax : +44 118 979 1283 email : info@actcrystals.com in line with our ongoing policy of product evolvement and improvement, the above specification is subject to change without not ice. iso9001: 2000 registered for quotations or further information please contact us at: 3 th e b us i ness c en t re, m o ll y mill ars l ane, w o ki ng h am, b er k s, rg41 2ey , uk http://www.actcrystals.com ACT9209 tape and reel specifications reel s o f 1 kp cs issue :5 d2 date:01/08/05 ACT9209


▲Up To Search▲   

 
Price & Availability of ACT9209

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X