Part Number Hot Search : 
LM246 2N120 D31AD E075WB SR510 CFAST F2015ERW C358C
Product Description
Full Text Search
 

To Download AA-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gamewell-fci 12 clintonville road, northford, ct 06472-1610 usa ? tel: (203) 484-7161 ? fax: (203) 484-7118 specifications are for information only, are not intended for installation purposes, and are subject to change without notice. no responsibility is assumed by gamewell-fci for their use. ?2007 by honeywell international inc. all rights reserved. www.gamewell-fci.com 9020-0595 rev. d2 page 1 of 1 aa series amplifiers amplifiers for emergency voice evacuation systems description ? the gamewell-fci aa series audio amplifiers provide the latest audio technology and bulk amplification for the gamewell-fci e3 series? classic emergency voice evacuation system. two (2) models are available. the model AA-100 provides 100 watts @ 70.7 v rms (power-limited), while the model aa-120 provides 120 watts @ 25 v rms (power-limited). both models use high-efficiency, power-switching, regula- tion technology to reduce the generation of heat, and mini- mize the size for ease of installation. an integral automatic back-up tone generator allows for slow whoop or high/low signal tones. the amplifiers include power supply, battery transfer control, amplifier supervision and back-up amplifier transfer control. indicators and controls normal level green led incorrect level yellow led amplifier trouble yellow led speaker trouble yellow led brown-out/ac failure yellow led battery supervision yellow led specifications rated output: 100 watts rms (AA-100) 120 watts rms (aa-120) output voltage: 70.7 v rms (AA-100) 25 v rms (aa-120) total harmonic distortion@ 1 khz: 4.0% frequency response (+3, -1db): 170-7, 500 hz supply voltage: 120 v, 60 hz power consumption @ 120 vac: standby:.306 a alarm: 1.85 a 24 vdc (battery) consumption: standby:.051 a dimensions: 7.0? h x 19.0? w x 4.5? d (17.8 h x 48.3 w x 11.4 d cm) weight: 16.0 lbs. (35.3 kg.) e3 series? is a trademark of honeywell international inc. features ? AA-100 provides dual outputs of up to 100 watts @ 70.7 v rms (max. 100 watts of combined output). ? aa-120 provides up to 120 watts @ 25 v rms . ? low power standby mode for low battery drain. ? includes ?grouped? or ?one-to-one? backup amplifier switching bus. ? battery input and brown-out transfer control. ? high efficiency power-switching regulation technology. ? plug-in terminal strips and cable connectors for ease of installation. ? 10-position level adjust and indicator leds. ? integral chassis for cabinet mount. ? includes automatic back-up tone generator (slow whoop or high/low). ordering information model description AA-100 amplifier, 100w aa-120 amplifier, 120w aa amplifier an iso 9001-20 00 company 3022355 s1949 691 1-0 6 94:26 0 approved fm signaling


▲Up To Search▲   

 
Price & Availability of AA-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X