Part Number Hot Search : 
12864F MM1566 LTC1662C DS2422S LTC1662C NTE5953 LA1600 74AHC1
Product Description
Full Text Search
 

To Download 6N40L-TN3-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd 6n40 preliminary power mosfet www.unisonic.com.tw 1 of 6 copyright ? 2011 unisonic technologies co., ltd qw-r502-487.d 6a, 400v n-channel power mosfet ? description the utc 6n40 is an n-channel enhancement mode power mosfet using utc?s perfect planar stripe, dmos technology to provide customers with superior switching performance and minimum on-state resistance. it also can withstand high energy pulse in the avalanche and commutation mode. the utc 6n40 is generally used in applications , such as electronic lamp ballasts based on half bridge topology and high efficiency switched mode power supplies. ? features * r ds(on) =1.0 ? @ v gs =10v * fast switching speed * improved dv/dt capability ? symbol to-220 1 1 to-220f to-252 1 ? ordering information ordering number pin assignment lead free halogen free package 1 2 3 packing 6n40l-ta3-t 6n40g-ta3-t to-220 g d s tube 6n40l-tf3-t 6n40g-tf3-t to-220f g d s tube 6N40L-TN3-R 6n40g-tn3-r to-252 g d s tape reel note: pin assignment: g: gate d: drain s: source
6n40 preliminary power mosfet unisonic technologies co., ltd 2 of 6 www.unisonic.com.tw qw-r502-487.d ? absolute maximum ratings (t c = 25c, unless otherwise specified) parameter symbol ratings unit drain-source voltage v dss 400 v gate-source voltage v gss 30 v avalanche current (note 2) i ar 6 a continuous i d 6 (note 5) a drain current pulsed (note 2) i dm 24(note 5) a single pulsed (note 3) e as 330 mj avalanche energy repetitive (note 2) e ar 8.5 mj peak diode recovery dv/dt (note 4) dv/dt 4.5 v/ns to-220 73 to-220f 38 power dissipation to-252 p d 62.5 w junction temperature t j +150 c storage temperature t stg -55 ~ +150 c notes: 1. absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. 2. repetitive rating : pulse width lim ited by maximum junction temperature 3. l=19mh, i as =5.5a, v dd = 50v, r g =25 ? , starting t j =25c 4. i sd 6a, di/dt 200a/ s, v dd bv dss , starting t j =25c 5. drain current limited by maximum junction temperature ? thermal data parameter symbol ratings unit to-220 / to-220f 62.5 junction to ambient to-252 ja 110 c/w to-220 1.71 to-220f 3.31 junction to case to-252 jc 2.0 c/w
6n40 preliminary power mosfet unisonic technologies co., ltd 3 of 6 www.unisonic.com.tw qw-r502-487.d ? electrical characteristics (t c =25c, unless otherwise specified) parameter symbol test conditions min typ max unit off characteristics drain-source breakdown voltage bv dss v gs =0v, i d =250a 400 v breakdown voltage temperature coefficient bv dss / t j i d =250 a, referenced to 25c 0.54 v/c v ds =400v, v gs =0v 1 a drain-source leakage current i dss v ds =320v, t j =125c 10 a forward v ds =0v ,v gs =+30v +100 na gate-source leakage current reverse i gss v ds =0v ,v gs =-30v -100 na on characteristics gate threshold voltage v gs(th) v ds =v gs , i d =250a 2.0 4.0 v drain-source on-state resistance r ds(on) v gs =10v, i d =3a 0.8 1 ? dynamic parameters input capacitance c iss 480 625 pf output capacitance c oss 80 105 pf reverse transfer capacitance c rss v ds =25v,v gs =0v,f=1.0mhz 15 20 pf switching parameters total gate charge q g 16 20 nc gate-source charge q gs 2.3 nc gate-drain charge q gd v ds =320v, v gs =10v, i d =6a (note 1,2) 8.2 nc turn-on delay time t d(on) 13 35 ns turn-on rise time t r 65 140 ns turn-off delay time t d(off) 21 55 ns turn-off fall time t f v dd =200v, i d =6a, r g =25 ? (note 1,2) 38 85 ns source- drain diode ratings and characteristics maximum body-diode continuous current i s 6 a maximum body-diode pulsed current i sm 24 a drain-source diode forward voltage v sd i s =6a, v gs =0v 1.4 v body diode reverse recovery time t rr 230 ns body diode reverse recovery charge q rr v gs =0v, i s =6a, di f /dt=100a/ s (note 1) 1.7 c notes: 1. pulse test : pulse width 300 s, duty cycle 2% 2. essentially independent of operating temperature
6n40 preliminary power mosfet unisonic technologies co., ltd 4 of 6 www.unisonic.com.tw qw-r502-487.d ? test circuits and waveforms same type as d.u.t. l v dd driver v gs r g - v ds d.u.t. + * dv/dt controlled by r g * i sd controlled by pulse period * d.u.t.-device under test - + peak diode recovery dv/dt test circuit p. w. period d= v gs (driver) i sd (d.u.t.) i fm , body diode forward current di/dt i rm body diode reverse current body diode recovery dv/dt body diode forward voltage drop v dd 10v v ds (d.u.t.) v gs = p.w. period peak diode recovery dv/dt waveforms
6n40 preliminary power mosfet unisonic technologies co., ltd 5 of 6 www.unisonic.com.tw qw-r502-487.d ? test circuits and waveforms(cont.) v ds 90% 10% v gs t d(on) t r t d(off) t f switching test circuit switching waveforms 10v charge q gs q gd q g v gs gate charge test circuit gate charge waveform v dd t p time bv dss i as i d(t) v ds(t) unclamped inductive switching test circuit unclamped inductive switching waveforms
6n40 preliminary power mosfet unisonic technologies co., ltd 6 of 6 www.unisonic.com.tw qw-r502-487.d utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior writ ten consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of 6N40L-TN3-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X