Part Number Hot Search : 
SHD12 MG100 TNY380G SMCJ13C 111UX NJU7600M MPSA18 A1458
Product Description
Full Text Search
 

To Download 450TA502BM2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industrial 15/16" (24mm) diameter 1/2 watt composition variable resistor the cts 450 stock pot? program provides immediate off-the-shelf availability from select cts distributors. the program offers a choice of 11 of the most commonly used resistance values, linear or 10% logarithmic tapers and 17 popular plug in shafts which can be quickly assembled. ? off-the-shelf availability ? choice of linear or 10% logarithmic tapers ? wide resistance range ? 20% resistance tolerance ? available with four shaft styles: knurled and slotted, flatted or round, with a wide selection of lengths and styles. generally eliminates the need for cutting or modification. ? economical even in limited volume applications ? supplied with mounting hardware series 450 stock pot? technical data sheet 1448c cts corporation / manufacturer of reliable electronic components electrical and mechanical specifications resistance range 500 ohms through 1 megohm resistance tolerance standard 20% power rating, watts through 10k ohms, 1 / 2 watt; above 100k ohms through 100k ohms, 1 / 3 watt; above 100k ohms, 1 / 4 watt voltage rating bushing to terminals: high pot test, one minute 1080 vac operating maximum 750 vdc shaft information diameter: .250" (6.35mm) angle of rotation total rotation: 300 degrees, 5o effective rotation: approximately 300 degrees bushing information material: diecast zinc diameter: eia std. 3 / 8 C 32 unef-2a thread length: 3 / 8 " 1 / 64 " (9.53mm 0.39mm) available with 3 / 8 " C 32 unef-2a thread only terminal information solder lug, pc formed to rear locating lug left side, terminals down optional switch spst rotary switch 050 is available with limited shaft and resistance options. see ordering information. technical data sheet 1450spb
cts type 450 stock pot? ordering information plug in shafts popular shaft styles are available with trim selections including screwdriver slot (.047" wide x .063" or 1.19mm x 1.60mm), flat (molded shaft flat is.156" wide x .500" long or 3.96mm x 12.7mm, brass shaft flat is .375 x .156 or 9.53mm x 3.69mm), knurled and slotted (diameter over knurl molded is .240" - .246" or 6.10 - 6.25 mm, brass is .231" - .241" or 5.87 - 6.12 mm), or full round. see trim selections and shaft details in chart below. dimension: mm inch order from: cts corporation, resistor/electrocomponents / 1601 mishawaka street / elkhart, indiana 46514 north america toll free (888) 287-4690 / (219) 296-6700 / fax: (219) 293-1240 http://www.ctscorp.com cts components taiwan, ltd. / 7, central 6th road (chung liu road) / p.o. box 26-20 kaohsiung export processing zone / kaohsiung, taiwan, rep. of china (07) 8216145 / fax: (07) 8417642.8110040 11-99 i 450 t a103 e m4 s resistance log a linear ohms taper or d taper 500 d501 1k a102 d102 2.5k a252 d252 5k a502 d502 10k a103 d103 25k a253 d253 50k a503 d503 100k a104 d104 250k a254 d254 500k a504 d504 1m a105 d105 shaft options brass molded b1 - 5 / 8 sd slot m1 - 1 / 2 k&s b2 - 3 / 4 sd slot m2 - 5 / 8 k&s b3 - 7 / 8 sd slot m3 - 3 / 4 k&s b4 - 1 sd slot m4 - 7 / 8 k&s b5 - 3 / 4 flat m5 - 1 k&s b6 - 7 / 8 flat m6 - 7 / 8 flat b7 - 1 flat m7 - 1 flat b8 - 3 / 4 k&s m8 - 2 round b9 - 7 / 8 k&s shaft m5 required with switch terminal style t C solder lug v C pc formed to rear switch blank C no switch s C spst rotary 050 switch is supplied with an assembled molded shaft. shaft option m5 only mounting style b C 3/8 diecast bushing e C ear mount


▲Up To Search▲   

 
Price & Availability of 450TA502BM2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X