Part Number Hot Search : 
JAR8005 C4241 YT43M MTZJ36B 225IV MMBD452 IRFF331R TMA1505D
Product Description
Full Text Search
 

To Download 2SA957 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SA957 2sa958 d escription with to-220 package high breakdown voltage high power dissipation applications for general purpose applications pinning pin description 1 emitter 2 collector;connected to mounting base 3 base absolute maximum ratings(ta=25 ) symbol parameter conditions value unit 2SA957 -150 v cbo collector- base voltage 2sa958 open emitter -200 v 2SA957 -150 v ceo collector- emitter voltage 2sa958 open base -200 v v ebo emitter-base voltage open collector -6 v i c collector current -2.0 a i b base current -1.0 a p t total power dissipation t c =25 30 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-220) and symbol
savantic semiconductor product specification 2 silicon pnp power transistors 2SA957 2sa958 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit 2SA957 -150 v ceo(br) collector-emitter breakdown voltage 2sa958 i c =-25ma ,i b =0 -200 v v cesat collector-emitter saturation voltage i c =-0.7a; i b =-0.07a -1.5 v 2SA957 v cb =-150v; i e =0 i cbo collector cut-off current 2sa958 v cb =-200v; i e =0 -100 a i ebo emitter cut-off current v eb =-6v; i c =0 -1.0 ma h fe dc current gain i c =-0.7a ; v ce =-10v 40 f t transition frequency i c =-0.2a ; v ce =-12v 20 mhz switching times resistive load t r rise time 0.4 s t s storage time 1.5 s t f fall time i c =-1.0a i b1 =- i b2 =-0.1a r l =20 b ;v cc =-20v 0.5 s
savantic semiconductor product specification 3 silicon pnp power transistors 2SA957 2sa958 package outline fig.2 outline dimensions(unindicated tolerance:0.10 mm)


▲Up To Search▲   

 
Price & Availability of 2SA957

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X