Part Number Hot Search : 
20100 EMV62T AZ78L05M 80001 EM78M68 A225M 2N4890 ESJC07
Product Description
Full Text Search
 

To Download 2SA1036KXLT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mediu m powe r transistor (  32 v , 0.5a)  absolute maximum ratings (ta = 25  c)  device marking 1 ) 2sa1036kqlt1 =hq 2 ) 2sa1036krlt1 =hr 1 2 3 pnp 1 2 3 sot-23 features 1) large i c . i cmax. = 500ma 2) low v ce(sat) . ideal for low-voltage operation. 3)  structure epitaxial planar type pnp silicon transistor  ordering information device package shipping 2sa1036kx lt1g 3000/tape & reel sot-23 we declare that the material of product compliance with rohs requirements. 2SA1036KXLT1 2012- willas electronic corp.
symbol min. typ. max. unit bvcbo 40 v bvceo 32 v bvebo 5 v icbo 1 a iebo 1 a vce(sat) 0.4 v hfe 120 390 ft 200 mhz cob 7 pf parameter collector-base breakdown voltage collector-emitter breakdown voltage emitter-base breakdown voltage collector cutoff current emitter cutoff current collector-emitter saturation voltage dc current transfer ration vcb= 20v veb= 4v ic/ib= 100ma/ 10ma vce= 3v,ic= 10ma conditions ic= 100a ic= 1ma i e= 100a vce = 5v,ie =20ma,f=100mhz vcb= 10v,i e=0a,f=1mhz transition frequence output capacitance  electrical characteristics (ta = 25  c)  hfe values are classified as follows. item hfe q r 120~270 180~390 2012- willas electronic corp. mediu m powe r transistor (  32 v , 0.5a) 2SA1036KXLT1
 electrical characteristic curves 2012- willas electronic corp. mediu m powe r transistor (  32 v , 0.5a) 2SA1036KXLT1
mm inches 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 0.031 0.8 sot-23 2012- willas electronic corp. mediu m powe r transistor (  32 v , 0.5a) 2SA1036KXLT1 dimensions in inches and (millimeters) .080(2.04) .070(1.78) .110(2.80) .083(2.10) .006(0.15)min. .008(0.20) .003(0.08) .055(1.40) .035(0.89) .020(0.50) .012(0.30) .004(0.10)max. .122(3.10) .106(2.70) .063(1.60) .047(1.20)


▲Up To Search▲   

 
Price & Availability of 2SA1036KXLT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X