Part Number Hot Search : 
AS393P STA51 STP5NB90 645ETT BYQ28E ON2675 RJ2037 EFH3016
Product Description
Full Text Search
 

To Download 1581780000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | plug connectors, solder connection, pitch 5.00/5.08 | sl 5.00-5.08/180 | sl 5.00/180b - 1 - general ordering data order no. 1581780000 part designation sl 5.00/2/180b3.2sn or version pcb plug-in connector, male connectors, soldered connection, pitch: 5.00 mm, no. of poles: 2, 180, box ean 4008190048730 qty. 100 pc(s). system parameters fitted to pcb soldered connection outgoing elbow 180 pitch 5 mm pitch in inch 0.197 inch no. of poles 2 solder pin length 3.2 mm can be coded yes no. of rows 1 no. of solder pins per pole 1 dia. of fitting hole 1.3 mm fitting hole tolerance + 0.1 mm l1 in mm 5 mm l1 in inch 0.197 inch insulation resistance 1 m
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | plug connectors, solder connection, pitch 5.00/5.08 | sl 5.00-5.08/180 | sl 5.00/180b - 2 - system parameters electric shock protection to din vde 0470 ip20 plugged electric shock protection to din vde 0470 safe from finger touch, plugged material data insulating material pbt colour orange colour chart similar to ral 2000 insulating material group iiia flammability class ul 94 v-0 cti >= 200 contact base material cusn contact surface tinned constant operating temp., min. -25 c constant operating temp., max. 100 c storage temperature, min. -25 c storage temperature, max. 55 c max. relative humidity during storage 80 % din iec rating data rated current, min. no. pins (tu=20c) 18 a rated current, max. no. pins (tu=20c) 14.5 a rated current, min. no. pins(tu=40c) 15 a rated current, max. no. pins (tu=40c) 12 a rated voltage for overvoltage class/pollution severity iii/3 250 v rated impulse withstand voltage for overvoltage class/pollution severity iii/3 4 kv rated voltage for overvoltage class/pollution severity iii/2 320 v rated impulse withstand voltage for overvoltage class/pollution severity iii/2 4 kv rated voltage for overvoltage class/pollution severity ii/2 400 v rated impulse withstand voltage for overvoltage class/pollution severity ii/2 4 kv short-time withstand current resistance 3 x 1s with 120 a csa rating data rated voltage (use group d) 300 v rated current (use group d) 10 a ul 1059 rating data rated voltage (use group d) 300 v rated current (use group d) 10 a
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | plug connectors, solder connection, pitch 5.00/5.08 | sl 5.00-5.08/180 | sl 5.00/180b - 3 - approvals approvals institutes downloads cad library (p-cad format - standard) sl.lib classifications etim 2.0 nk etim 3.0 ec001284 eclass 4.1 27-26-07-01 eclass 5.0 27-26-07-01 eclass 5.1 27-26-07-04 similar products order no. part designation version 1581790000 sl 5.00/3/180b3.2sn or pcb plug-in connector, male connectors, soldered connection, pitch: 5.00 mm, no. of poles: 3, 180, box 1581800000 sl 5.00/4/180b3.2sn or pcb plug-in connector, male connectors, soldered connection, pitch: 5.00 mm, no. of poles: 4, 180, box 1581810000 sl 5.00/5/180b3.2sn or pcb plug-in connector, male connectors, soldered connection, pitch: 5.00 mm, no. of poles: 5, 180, box 1581820000 sl 5.00/6/180b3.2sn or pcb plug-in connector, male connectors, soldered connection, pitch: 5.00 mm, no. of poles: 6, 180, box 1581830000 sl 5.00/7/180b3.2sn or pcb plug-in connector, male connectors, soldered connection, pitch: 5.00 mm, no. of poles: 7, 180, box 1581840000 sl 5.00/8/180b3.2sn or pcb plug-in connector, male connectors, soldered connection, pitch: 5.00 mm, no. of poles: 8, 180, box 1581850000 sl 5.00/9/180b3.2sn or pcb plug-in connector, male connectors, soldered connection, pitch: 5.00 mm, no. of poles: 9, 180, box 1581860000 sl 5.00/10/180b3.2sn or pcb plug-in connector, male connectors, soldered connection, pitch: 5.00 mm, no. of poles: 10, 180, box 1581870000 sl 5.00/11/180b3.2sn or pcb plug-in connector, male connectors, soldered connection, pitch: 5.00 mm, no. of poles: 11, 180, box 1581880000 sl 5.00/12/180b3.2sn or pcb plug-in connector, male connectors, soldered connection, pitch: 5.00 mm, no. of poles: 12, 180, box
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | plug connectors, solder connection, pitch 5.00/5.08 | sl 5.00-5.08/180 | sl 5.00/180b - 4 - 1581890000 sl 5.00/13/180b3.2sn or pcb plug-in connector, male connectors, soldered connection, pitch: 5.00 mm, no. of poles: 13, 180, box 1581900000 sl 5.00/14/180b3.2sn or pcb plug-in connector, male connectors, soldered connection, pitch: 5.00 mm, no. of poles: 14, 180, box 1581910000 sl 5.00/15/180b3.2sn or pcb plug-in connector, male connectors, soldered connection, pitch: 5.00 mm, no. of poles: 15, 180, box 1581920000 sl 5.00/16/180b3.2sn or pcb plug-in connector, male connectors, soldered connection, pitch: 5.00 mm, no. of poles: 16, 180, box 1581930000 sl 5.00/17/180b3.2sn or pcb plug-in connector, male connectors, soldered connection, pitch: 5.00 mm, no. of poles: 17, 180, box 1581940000 sl 5.00/18/180b3.2sn or pcb plug-in connector, male connectors, soldered connection, pitch: 5.00 mm, no. of poles: 18, 180, box 1581950000 sl 5.00/19/180b3.2sn or pcb plug-in connector, male connectors, soldered connection, pitch: 5.00 mm, no. of poles: 19, 180, box 1581960000 sl 5.00/20/180b3.2sn or pcb plug-in connector, male connectors, soldered connection, pitch: 5.00 mm, no. of poles: 20, 180, box 1581970000 sl 5.00/21/180b3.2sn or pcb plug-in connector, male connectors, soldered connection, pitch: 5.00 mm, no. of poles: 21, 180, box 1581980000 sl 5.00/22/180b3.2sn or pcb plug-in connector, male connectors, soldered connection, pitch: 5.00 mm, no. of poles: 22, 180, box 1581990000 sl 5.00/23/180b3.2sn or pcb plug-in connector, male connectors, soldered connection, pitch: 5.00 mm, no. of poles: 23, 180, box 1582000000 sl 5.00/24/180b3.2sn or pcb plug-in connector, male connectors, soldered connection, pitch: 5.00 mm, no. of poles: 24, 180, box


▲Up To Search▲   

 
Price & Availability of 1581780000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X