Part Number Hot Search : 
OHN3013U B1100 R471G 0UP20D FZT788B 00MD6 BC847B AT45D
Product Description
Full Text Search
 

To Download 0674912030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/25/2010 please check www.molex.com for latest part information part number: 0674912030 status: active overview: serial_ata_products description: 1.27mm (.050") pitch serial ata high speed header, through hole, vertical, 7 circuits, gold (au) flash, with 2.05mm (.081") pc tail length, for 1.60mm (.063") pcb, blue housing, lead-free documents: 3d model product specification ps-67491-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 67491 application board-to-board, wire-to-board overview serial_ata_products product name serial ata physical breakaway no circuits (loaded) 7 color - resin blue durability (mating cycles max) 50 first mate / last break yes glow-wire compliant no guide to mating part no keying to mating part yes lock to mating part yes material - plating mating gold material - plating termination tin material - resin polyester number of rows 1 orientation vertical pc tail length (in) 0.081 in pc tail length (mm) 2.05 mm pcb locator yes pcb retention yes packaging type tray pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm pitch - term. interface (in) 0.050 in pitch - term. interface (mm) 1.27 mm plating min: mating (in) 2 plating min: mating (m) 0.05 plating min: termination (in) 50.8 plating min: termination (m) 1.27 polarized to mating part yes polarized to pcb yes shrouded no stackable no surface mount compatible (smc) no temperature range - operating -35c to +85c termination interface: style through hole electrical current - maximum per contact 1.5a series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 67491 series mates with serial ata signal connector 67489 , 88755
voltage - maximum 15v dc material info reference - drawing numbers product specification ps-67491-001 sales drawing sd-67491-002 this document was generated on 05/25/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 0674912030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X