Part Number Hot Search : 
B2409 QT60320 KBU600 2750060 TFI02 SCD14L C4521 Z25LA821
Product Description
Full Text Search
 

To Download 0513741072 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/17/2010 please check www.molex.com for latest part information part number: 0513741072 status: active description: 0.50mm (.020") pitch easy-on? type ffc/fpc connector, vertical, smt, zif, 10 circuits, lead-free, gold (au) plating contact documents: 3d model product specification ps-51374-023 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family ffc/fpc connectors series 51374 product name easy-on? physical circuits (loaded) 10 circuits (maximum) 10 color - resin natural contact position top durability (mating cycles max) 20 entry angle vertical mated height (in) 0.159 in mated height (mm) 4.05 mm material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 1 orientation vertical pc tail length (in) 0.019 in pc tail length (mm) 0.47 mm pcb locator no pcb retention yes packaging type embossed tape on reel pitch - mating interface (in) 0.020 in pitch - mating interface (mm) 0.50 mm pitch - term. interface (in) 0.020 in pitch - term. interface (mm) 0.50 mm plating min: mating (in) 4 plating min: mating (m) 0.1 plating min: termination (in) 40 plating min: termination (m) 1 polarized to pcb no stackable no surface mount compatible (smc) n/a temperature range - operating -25c to +85c termination interface: style surface mount wire/cable type ffc/fpc electrical current - maximum per contact 0.4a voltage - maximum 50v ac (rms)/dc material info reference - drawing numbers series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 51374 series
product specification ps-51374-023, rps-51374-035, rps-51374-037, rps-51374-040, rps-51374-041 sales drawing sd-51374-026, sd-51374-027 this document was generated on 04/17/2010 please check www.molex.com for latest part information





▲Up To Search▲   

 
Price & Availability of 0513741072

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X