Part Number Hot Search : 
005057 HA1V6 BZX84C15 TAR5S27U P6KE600C AK200B5 IR3510M TMEGA1
Product Description
Full Text Search
 

To Download 0271060000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | terminals | screwing technology | sak-series modular terminals | ts 32 | polyamide pa 6.6 | modular feed-through terminals | 16 mm2 - 1 - general ordering data order no. 0271060000 part designation sak 16 version feed-through terminal, 16 mm2, screw connection, pa 66, beige, ts 32 ean 4008190078324 qty. 50 pc(s). product notes note, ordering data if qis are aligned side by side, then a tw/ap must be used. note, technical data twin wire end ferrules zh 2.5 - zh 16 can be used. pt okiecex/atex rating data eu-type examination certificate kema97atex1798u download, german kema97atex1798u_d.pdf download english kema97atex1798u_e.pdf iecex certificate of conformity iecexkem06.0014u atex voltage 690 v atex current 66 a atex conductor cross-section 16 mm2 iecex voltage 690 v iecex current 66 a iecex conductor cross-section 16 mm2 voltage when using cross-connections crossconnectionguide.pdf operating temperature range einsatztemperaturbereich siehe eg- baumusterprfbescheinigung/iecex-certificate of conformity marking en 60079-7 ex e ii marking atex directive 94/9/ec ex ii 2 g d additional technical data colour of insulating material beige connection direction on side end plate required yes explosion-tested version "ex e" no installation advice ts 32 insulating material pa 66 levels cross-connected internally no no. of identical terminals 1
product catalogue | terminals | screwing technology | sak-series modular terminals | ts 32 | polyamide pa 6.6 | modular feed-through terminals | 16 mm2 - 2 - additional technical data no. of levels 1 no. of terminal strips per level 2 open sides right operating temperature range - 50 c, + 100 c type of connection screwed type of mounting snap-on ul 94 flammability rating of insulation material v2 version feed-through terminal csa rating data voltage (csa) 600 v csa current 87 a min. cross-section (csa) awg 14 max. cross-section (csa) awg 6 conductors for clamping (additional connection) flexible with ferrule, min. (din 46228 pt 1) 4 mm2 flexible with ferrule, max. (din 46228 pt 1) 16 mm2 conductors for clamping (rated connection) clamping range, min. 2.5 mm2 clamping range, max. 16 mm2 type of connection screw connection 2nd type of connection screwed connection direction on side no. of connections 2 stripping length 15 mm clamping screw m 4 blade size 1.0 x 5.5 mm tightening torque range 2.0...4.0 nm gauge to iec 60947-1 b6 solid, min. 2.5 mm2 solid, max. 10 mm2 stranded, min. 4 mm2 stranded, max. 16 mm2 flexible, min. 4 mm2 flexible, max. 16 mm2 flexible with ferrule, min. (din 46228/1) 4 mm2 flexible with ferrule, max. (din 46228/1) 16 mm2 flexible, min., ferrule with plastic collar (din 46228 pt 4) 16 mm2 flexible, max., ferrule with plastic collar (din 46228 pt 4) 16 mm2 twin wire-end ferrule, min. 1.5 mm2 twin wire end ferrule, max. 10 mm2 awg conductor size, min. awg 12 awg conductor size, max. awg 6 awg conductor size, min. 3.31 mm2 awg conductor size, max. 16 mm2
product catalogue | terminals | screwing technology | sak-series modular terminals | ts 32 | polyamide pa 6.6 | modular feed-through terminals | 16 mm2 - 3 - dimensions width 12 mm height of lowest version 57.5 mm length 50 mm ts 32 offset 25 mm rating data rated cross-section 16 mm2 rated voltage 1,000 v rated impulse voltage 8 kv rated current 76 a standards iec 60947-7-1 current with max. conductor 76 a pollution severity 3 ul rating data voltage (ul) 600 v current (ul) 80 a min. cross-section (ul) awg 12 max. cross-section (ul) awg 4 approvals approvals institutes downloads dxf 04038_sak_16_dxf.dxf step 0271060000_04038_sak_16_stp.stp classifications etim 2.0 ec000897 etim 3.0 ec000897 eclass 4.1 27-14-11-20 eclass 5.0 27-14-11-20 eclass 5.1 27-14-11-20
product catalogue | terminals | screwing technology | sak-series modular terminals | ts 32 | polyamide pa 6.6 | modular feed-through terminals | 16 mm2 - 4 - similar products order no. part designation version 0271080000 sak 16 bl feed-through terminal, 16 mm2, screw connection, pa 66, blue, ts 32


▲Up To Search▲   

 
Price & Availability of 0271060000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X