Part Number Hot Search : 
V23990 UN5116 16DN8 PCF8566U 0100C MPS3702 AN629 Z4A28I
Product Description
Full Text Search
 

To Download 0270320000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | terminals | screwing technology | sak-series modular terminals | ts 32 | germin krg | spring loaded terminals - 1 - general ordering data order no. 0270320000 part designation rsf 1 krg version feed-through terminal, 10 mm2, screw connection, krg, medium yellow, ts 32 ean 4008190009922 qty. 50 pc(s). product notes note, technical data when used with an awg 8/7 conductor, the tightening torque is 1.6 nm. additional technical data colour of insulating material medium yellow connection direction on side end plate required yes explosion-tested version "ex e" no installation advice ts 32 insulating material krg levels cross-connected internally no no. of identical terminals 1 no. of levels 1 no. of terminal strips per level 2 open sides right operating temperature range - 60 c, + 130 c product family sak series type of connection screwed type of mounting snap-on ul 94 flammability rating of insulation material 5va version feed-through terminal csa rating data voltage (csa) 300 v csa current 50 a min. cross-section (csa) awg 14 max. cross-section (csa) awg 8 conductors for clamping (rated connection) clamping range, min. 0.5 mm2 clamping range, max. 10 mm2 type of connection screw connection 2nd type of connection screwed connection direction on side no. of connections 2 stripping length 15 mm clamping screw m 4 blade size 1.0 x 5.5 mm tightening torque range 1.2...1.6 nm torque level with dms electric screwdriver 4 gauge to iec 60947-1 a5 solid, min. 0.5 mm2
product catalogue | terminals | screwing technology | sak-series modular terminals | ts 32 | germin krg | spring loaded terminals - 2 - conductors for clamping (rated connection) solid, max. 10 mm2 stranded, min. 0.5 mm2 stranded, max. 10 mm2 flexible, min. 1.5 mm2 flexible, max. 4 mm2 flexible with ferrule, min. (din 46228/1) 0.5 mm2 flexible with ferrule, max. (din 46228/1) 6 mm2 dimensions width 11 mm height of lowest version 60 mm length 50 mm disconnect terminals torque level with dms electric screwdriver 4 rating data rated cross-section 10 mm2 rated voltage 500 v rated impulse voltage 6 kv rated current 57 a standards iec 60947-7-1 current with max. conductor 57 a pollution severity 3 approvals approvals institutes classifications etim 2.0 ec000897 etim 3.0 ec000897 eclass 4.1 27-14-11-20 eclass 5.0 27-14-11-20 eclass 5.1 27-14-11-20 similar products order no. part designation version 0623320000 rsf 2 disconnect and modular disconnect terminal, 6 mm2, screw connection, krg, beige, ts 32


▲Up To Search▲   

 
Price & Availability of 0270320000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X