Part Number Hot Search : 
40270 67BGC 2405E 2SC34 C1210 60UFD 1933R C1210
Product Description
Full Text Search
 

To Download 0224007DRT2UP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  255 ? 2009 littelfuse, inc. specications are subject to change without notice. axial lead & cartridge fuses 2ag > fast acting > 224/225 series 224/225 series please refer to www.littelfuse.com/series/224.html or /225.html for current information. 224/225 series 224/225 series lead-free 2ag, fast-acting the 2ag fast-acting fuses are available in cartridge form or with axial leads. 2ag fuses provide the same performance characteristics as their 3ag counterpart, while occupying one-third the space. sleeved fuses are available. agency approvals agency agency file number ampere range e10480 100ma - 3.5a e10480 4a - 10a lr 29862 100ma - 10a ps e nbk200405-e10480 nbk060405-e10480 cartridge: 1a - 10a pigtail: 1a - 10a 100ma - 10a features electrical characteristics for series t *obddpsebodf with underwriters laboratories standard ul 248-14 t "wbjmbcmfjodbsusjehf and axial lead form and with various forming dimensions t 3p)4dpnqmjbouboe lead-free applications % of ampere rating opening time 100% 4 hours, minimum 135% 1 hour, maximum 200% 1 sec., maximum amp code ampere rating (a) voltage rating (v) interrupting rating nominal cold resistance (ohms) nominal melting i 2 t (a 2 sec) agency approvals ? ps e .100 .1 250 35a@250vac 10ka@125vac 10ka@125vdc 6.1500 0.00075 x x x .125 0.125 250 3.9000 0.00286 x x x .250 0.25 250 1.1500 0.0300 x x x .375 0.375 250 0.3950 0.171 x x x .500 0.5 250 0.2650 0.365 x x x .750 0.75 250 0.1520 1.050 x x x 001. 1 250 0.1027 2.220 x x x x 01.5 1.5 250 0.0712 0.800 x x x x 002. 2 250 100a@250vac 10ka@125vac 10ka@125vdc 0.0497 1.500 x x x x 02.5 2.5 250 0.0372 2.680 x x x x 003. 3 250 0.0317 4.620 x x x x 03.5 3.5 250 0.0265 6.700 x x x x 004. 4 125 100a@250vac 500a@125vac 0.0240 9.400 xxxx 005.5125 0.018617.0 xxxx 005. 5 250 0.0186 17.0 x x x 006. 6 125 500a@125vac 0.0154 22.1 xxxx 007. 7 125 0.0130 40.0 xxxx 008. 8 125 0.0107 56.0 xxxx 010. 10125 0.0075116.0 xxxx electrical characteristic specications by item used as supplementary protection in appliance or utilization equipment to provide individual protection for components or internal circuits. ps e description * 10a with 500a @ 125 vdc internal breaking capacity testing. revised: april 1, 2010
introduction to circuit protection introduction to circuit protection transientology 256 ? 2009 littelfuse, inc. specications are subject to change without notice. axial lead & cartridge fuses 2ag > fast acting > 224/225 series 224/225 series please refer to www.littelfuse.com/series/224.html or /225.html for current information. average time current curves temperature rerating curve 100 10 1 0.1 0.01 0.001 0.1 1 10 100 1000 .125a .100a .250a .375a .500a .750a 1.00a 1.50a 2.00a 2.50a 3a 4a 5a 6a 7a 8a 10a time in seconds current in amperes soldering parameters - wave soldering dwell t ime 0 20 4 0 60 80 100 120 1 4 0 160 180 200 220 2 4 0 260 280 300 0 10 20 30 4 0 5 0 60 70 80 90 100 110 120 130 1 4 0 1 5 0 160 170 180 190 200 210 220 230 2 4 0 t ime (seconds) t emperature (c) - measured on bottom side of board cooling t ime preheat t ime wave parameter lead-free recommendation preheat: (depends on flux activation temperature) 5zqjdbm*oevtusz3fdpnnfoebujpo
temperature minimum: 100 c temperature maximum: 150 c preheat time: 60-180 seconds solder pot temperature: 260 c maximum solder dwell time: 2-5 seconds recommended hand-solder parameters: 4pmefs*spo5fnqfsbuvsf?$ ?$ )fbujoh5jnftfdpoetnby note: these devices are not recommended for ir or convection reow process. recommended process parameters:
257 ? 2009 littelfuse, inc. specications are subject to change without notice. axial lead & cartridge fuses 2ag > fast acting > 224/225 series 224/225 series please refer to www.littelfuse.com/series/224.html or /225.html for current information. 224/225 series product characteristics dimensions materials body : glass cap : nickelCplated brass leads: tinCplated copper terminal strength .*-45%'.fuipe"  test condition a solderability 3fgfsfodf*&$4fdpoe&ejujpo 2003-01 annex a product marking cap1 : brand logo, current and voltage ratings cap2 : series and agency approval mark operating temperature: o?$up ?$ thermal shock: .*-45%' .fuipe( 5ftu$poejujpo# $zdmft?$up ?$
 vibration .*-45%' .fuipe" humidity .*-45%'.fuipe# 5ftu$poejujpo" )jhi3) 
boefmfwbufeufnq ?$
gps 240 hours salt spray .*-45%'.fuipe% 5ftu$poejujpo# 225 000p series 224 000p series 4.5 (.177") 14.48 (.57") 14.48 (.57") 4.7 (.184") .635 (.025") 38.1 (1.50") typ. part numbering system 0224 m x p xxxx lead-free packaging code quantity code amp code series x = filler m = 1000 refer to amp code column of electrical characteristics table
introduction to circuit protection introduction to circuit protection transientology 258 ? 2009 littelfuse, inc. specications are subject to change without notice. axial lead & cartridge fuses 2ag > fast acting > 224/225 series 224/225 series please refer to www.littelfuse.com/series/224.html or /225.html for current information. packaging packaging option packaging specication quantity quantity & packaging code taping width 224 series bulk /" 5vx /" bulk /" 5 vxu /" bulk /" 100 )9 /" bulk /" 100 )96 /" bulk /" 1000 mx /" bulk /" 1000 mx250u /" bulk /" 1000 mxf16 /" bulk /" 1000 mxf23 /" bulk /" 1000 mxu /" reel and tape &*"& 1500 drt1 t1=52mm (2.062) reel and tape &*"& 1500 drt1u t1=52mm (2.062) reel and tape &*"& 1500 drt2 t2=63mm (2.500) reel and tape &*"& 1500 drt3 t3=73mm (2.874) reel and tape &*"& 2500 ert1 t1=52mm (2.062) reel and tape &*"& 2500 ert2 t2=63mm (2.500) reel and tape &*"& 2500 ert3 t3=73mm (2.874) bulk /" 1000 mx50le /" 225 series bulk /" 5vx /" bulk /" 5 vxu /" bulk /" 100 )9 /" bulk /" 100 )96 /" bulk /" 1000 mx /" bulk /" 1000 mxu /"


▲Up To Search▲   

 
Price & Availability of 0224007DRT2UP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X