features ? plastic material used carries underwriters laboratory classifications 94v-0 ? metal silicon junction, ma jority carrier conduction ? low power loss, high efficiency ? high current capability, low forward voltage drop ? high surge capability ? for use in power supply ? output rectification, power management, instrumentation ? guardring for overvoltage protection ? high temperature soldering guaranteed: 260 o c/10 seconds,0.25?(6.35mm)from case mechanical data ? cases: jedec TO-220AB molded plastic body ? polarity: as marked ? mounting position: any ? mounting torque: 5 in. - lbs. max ? weight: 0.08 ounce, 2.24 grams dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25 o c ambient temperature unle ss otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol mbr 10h100ct mbr 10h150ct mbr 10h200ct units maximum recurrent peak reverse voltage v rrm 100 150 200 v maximum rms voltage v rms 70 105 140 v maximum dc blocking voltage v dc 100 150 200 v maximum average forward rectified current at tc=125 o c i (av) 10 a peak repetitive forward current (rated v r , square wave, 20khz) at tc=125 o c i frm 32 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 120 a peak repetitive reverse surge current (note 1) i rrm 1.0 0.5 a maximum instantaneous forward voltage at: (note 2) i f =5a, t c =25 o c i f =5a, t c =125 o c i f =10a, t c =25 o c i f =10a, t c =125 o c v f 0.85 0.75 0.95 0.85 0.88 0.75 0.97 0.85 v 5 maximum instantaneous reverse current @ tc =25 o c at rated dc blocking voltage @ tc=125 o c (note 2) i r 1.0 ua ma voltage rate of change (rated v r ) dv/dt 10,000 v/us maximum typical thermal resistance (note 3) r jc 1.5 o c/w operating junction temperature range t j -65 to +175 o c storage temperature range t stg -65 to +175 o c notes: 1. 2.0us pulse width, f=1.0 khz 2. pulse test: 300us pulse width, 1% duty cycle 3. thermal resistance from junction to case per leg, mount on heatsink size of 2 in x 3 in x 0.25in al-plate. mbr10h100ct-mbr10h200ct 10.0amp. schottky barrier rectifiers TO-220AB http://www.luguang.cn mail:lge@luguang.cn
fig.2- maximum non-repetitive forward surge current peak forward surge current. (a) 1 10 100 180 150 120 90 60 30 0 number of cycles at 60hz fig.4- typical reverse characteristics instantaneous reverse current. (ma) 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage. (%) 0.0001 0.01 0.001 0.1 1 5 fig.6- typical transient thermal characteristics per leg transient thermal impedance. ( c/w) o 1 0.01 0.1 10 100 0.1 10.0 1 100 t, pulse duration. (sec) fig.5- typical junction capacitance junction capacitance.(pf) 0.1 1.0 10 100 100 1,000 5,000 reverse voltage. (v) tj=25 c f=1.0mhz vsig=50mvp-p 0 fig.1- forward current derating curve average forward current. (a) 0 50 125 150 12 10 8 6 4 2 0 case temperature. ( c) o resistive or inductive load ratings and characteristic curves (mbr10h100ct thru mbr10h200ct) 500 tj=tj max. 8.3ms single half sine-wave jedec method tj=75 c 0 tj=125 c 0 tj=25 c 0 fig.3- typical forward characteristics instantaneous forward current. (a) 0.6 0.8 1.0 1.2 1.4 0.1 10 100 forward voltage. (v) 0.4 0.2 0 5 tj=25 c pulse width=300 s 1% duty cycle o 1 25 75 100 175 tj=125 c 0 tj=25 c 0 mbr10h100ct-mbr10h200ct 10.0amp. schottky barrier rectifiers http://www.luguang.cn mail:lge@luguang.cn
|