Part Number Hot Search : 
26706VMM AEE02F12 A4982SLP BC848 PMBT3946 4AR01 P6KE350 14514
Product Description
Full Text Search
 

To Download SC15-11YWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsad2313 rev no: v.7 date: may/24/2007 page: 1 of 5 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000807 38.1mm (1.5inch) single digit numeric display part number: SC15-11YWA yellow features z 1.5 inch digit height. z low current operation. z excellent character appearance. z high light output. z easy mounting on p.c. boards or sockets. z i.c. compatible. z multicolor available. z mechanically rugged. z standard : gray face, white segment. z rohs compliant. description the yellow source color devices are made with gallium arsenide phosphide on galliu m phosphide yellow light emitting diode. package dimensions& internal circuit diagram notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. specifications are subject to change without notice.
spec no: dsad2313 rev no: v.7 date: may/24/2007 page: 2 of 5 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000807 selection guide note: 1. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. part no. dice lens type iv (ucd) [1] @ 10ma min. typ. SC15-11YWA yellow (gaasp/gap) white diffused 1900 8000 common cathode, rt. hand decimal. description symbol parameter device typ. max. units test conditions peak peak wavelength yellow 590 nm i f =20ma d [1] dominant wavelength yellow 588 nm i f =20ma ? 1/2 spectral line half-width yellow 35 nm i f =20ma c capacitance yellow 20 pf v f =0v;f=1mhz v f [2] forward voltage per segment or (dp) yellow 4.2 (2.1) 5.0 (2.5) v i f =20ma i r reverse current per segment or (dp) yellow 10 (10) ua v r =10v (v r =5v) parameter yellow units power dissipation per segment or (dp) 150 (75) mw dc forward current per segment or (dp) 30 (30) ma peak forward current [1] per segment or (dp) 140 (140) ma reverse voltage per segment or (dp) 10 (5) v operating / storage temperature -40c to +85c lead solder temperature[2] 260c for 3-5 seconds
spec no: dsad2313 rev no: v.7 date: may/24/2007 page: 3 of 5 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000807 yellow SC15-11YWA
spec no: dsad2313 rev no: v.7 date: may/24/2007 page: 4 of 5 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000807
spec no: dsad2313 rev no: v.7 date: may/24/2007 page: 5 of 5 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000807 packing & label specifications SC15-11YWA


▲Up To Search▲   

 
Price & Availability of SC15-11YWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X