Part Number Hot Search : 
CT273 1N4753A GLZJ10 H7805A S72N42SF MAX409 MCRF202 BU806FI
Product Description
Full Text Search
 

To Download RS60E561MDN1XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nichicon corporation / fpcap elec tronics (suzhou) co., ltd. lead-free rohs compliance z specifications [unit : mm] z dimensions z size list [ d l] products / radial lead type functional polymer aluminum solid electrolytic capacitors s6 series z applications z features switching power supply and dc/dc converter. buck up power supplies of cpu(vrm etc.) miniature high power supply. by using functional polymer cathode, frequency & temp. characteristics are greatly improved. low esr at a high frequency range. high ripple current capability. long life and high reliability. z environmental correspondence any environmental hazardous substances are not used. the lead free of terminal plating (sn 100%) large capacitance low esr low profile condition capacitance leakage current tan 20% (m) 105c 2000hrs at rated voltage capacitance tolerance item s characteristics s6 capacitance range 2.5 to 25 v dc 33 to 560 f operating temp. range rated voltage range -55 to +105c failure rate within 20% of the value before test not to exceed the value specified not to exceed 150% of the value specified 0.1% / 1000hrs. max (60%cl) endurance dl dp 6.35 0.5 2.5 1.0 6.36 0.45 2.5 1.0 r.v (s.v.) [v] cap. [ f] 33 6.35 100 6.36 150 6.35 560 6.35 2.5 (2.8) 25 (28.7) 10 (11.5) 16 (18.4) 26 aluminum case l+ max 15min 4min d stand off wire (lead free) d+0.5max p 0.5
nichicon corporation / fpcap elec tronics (suzhou) co., ltd. rated voltage rated capacitance leakage current * tan esr rated ripple current case size (v) ( f, 120hz) nichicon fpcap ( a, 2 min) (120hz) (m ? , 100khz) (ma, r.m.s.) dl(mm) 2.5 560 rs60e561mdn1 ?? fp-2r5re561m-s6 ?? 700 0.12 13 3600 6.3 5 10 150 rs61a151mdn1 ?? fp-010re151m-s6 ?? 450 0.10 25 2500 6.3 5 16 100 rs61c101mds1 ?? fp-016re101m-s6 ?? 500 0.10 24 2490 6.3 6 25 33 rs61e330mdn1 ?? fp-025re330m-s6 ?? 165 0.10 60 1700 6.3 5 part number * in case of some doubt about measured values, measure after applying rated voltage for 120 minutes at 105 c. z part number & specifications ds r s6 1c 101 m 1 type series name rated capacitance capacitance tolerance configuration lead forming rated voltage s6 fp 016 re 101 m r rated voltage rated capacitance capacitance tolerance lead forming fpcap p/n z part number (ex) 16v, 100 f nichicon p/n control code control code series name commodity mark classification r: long lead (bulk) cg: cut lead (bulk) jt: 6.3x5/6, 2.5mm pitch taping p : 6.3, 5.0mm pitch taping cg: cut lead (bulk) jt : 6.3x5/6, 2.5mm pitch taping px : 6.3 5.0mm pitch taping 27 z frequency characteristics 1 10 100 1000 10000 100000 0.1 1 10 100 1000 10000 16v 100 f (s6 series) 1 10 100 1000 10000 0.1 1 10 100 1000 10000 16v 100 f (s6 series) frequency (khz) frequency (khz) esr (m ) impedance (m )


▲Up To Search▲   

 
Price & Availability of RS60E561MDN1XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X