Part Number Hot Search : 
008226 GRM32ER M5S61AJ 50000 SI6955 TDA21201 U7001BG A6818SEP
Product Description
Full Text Search
 

To Download PLW0501D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  only one name means protektion? www.protekdevices.com 05263.r4 3/11 page 1 05263 PLW0501D miniatu r e t vs a rr a y de s c r i p tion the PLW0501D is a transient voltage suppressor array (tvs) designed to protect applicatons such as wireless telecom - municaton devices, pcmcia cards and portable electronics. the PLW0501D is available in a unidirectonal confgu - raton with a working voltage of 5.0v and a minimum breakdown voltage of 6.0v. this device is rated for 150 wat peak pulse power using the 8/20s waveform, which is sufcient protecton for tertary type lightning threats at key interface locatons. the PLW0501D is also suited to protect data lines against esd and eft. this device meets the iec 61000-4-2 and iec 61000-4 requirements. at higher operatng frequencies or faster edge rates, inserton loss and signal integrity are a major concern. this device in conjuncton with passive components integrated into a tvs/flter network can be used for emi/rfi protecton. featu r e s ? compatble with iec 61000-4-2 (esd): air 15kv, contact 8kv ? compatble with iec 61000-4-4 (eft): 40a, 5/50ns ? 150 wats peak pulse power per line (tp = 8/20s) ? esd protecton > 25 kilovolts ? cable discharge event (cde) protecton ? unidirectonal confguraton ? provides 1 line of protecton ? rohs compliant ? reach compliant m echanica l cha r acte r i s tic s ? molded jedec dfn-2-0402 package ? approximate weight: 0.8 milligrams ? lead-free pure-tin platng (annealed) ? solder refow temperature: pure-tin - sn, 100: 260-270c ? 8mm tape and reel per eia standard 481 ? flammability ratng ul 94v-0 a ppl ication s ? ethernet 10/100/1000 base t ? smart phones ? portable electronics ? usb interfaces p in con f i g u r ation df n -2 p acka g e 1 2
only one name means protektion? www.protekdevices.com 05263.r4 3/11 page 2 05263 PLW0501D t yp ica l d e v ice cha r acte r i s tic s ma x imum r atin gs @ 25c unless o therwise specifed p a r amete r sy m b o l v a l ue unit s operatng temperature t a -55 to 150 c storage temperature t stg -55 to 150 c peak pulse power (tp = 8/20s) - see figure 1 p pp 150 wats peak pulse current (tp = 8/20s) i pp 10 a soldering temperature for 10 seconds t l 265 c typical forward voltage @ 10ma v f 0.8 v e l ect r ica l cha r acte r i s tic s p e r l ine @ 25c unless o therwise specifed p a r t num b e r d e v ice ma r kin g r ate d s tan d- o ff v o l ta g e v wm v o l t s minimum br eak d o w n v o l ta g e @ 1 m a v (br) v o l t s ma x imum c l am p in g v o l ta g e (f ig. 2) @ i p = 1 a v c v o l t s ma x imum l eaka g e cu rr ent @v w m i d a t yp ica l ca p acitance @0v, 1 mh z c p f PLW0501D 4 5.0 6.0 9.8 1.0 70 f i g u r e 1 p eak p u ls e p o w e r vs p u ls e time t d - pulse duraton - s 150w, 8/20s waveform 0.1 1 10 100 1,000 10,000 p pp - peak pulse power - wats 10 100 1,000 10,000
only one name means protektion? www.protekdevices.com 05263.r4 3/11 page 3 05263 PLW0501D t yp ica l d e v ice cha r acte r i s tic s test waveform parameters t f = 8s t d = 20s t f e -t peak value i pp t d = t/(i pp /2) f i g u r e 2 p u ls e w a v e f o r m t - time - s 0 5 10 15 20 25 30 i pp - peak pulse c urrent - % of i pp 0 20 40 60 80 100 120 f i g u r e 3 ca p acitance vs r e v e rs e v o l ta g e ( n ormalized to c apactance at 2.5 v d c & 25c) 0 1 2 3 4 5 6 v r - reverse voltage - volts c j - c apacitance (n ormalized) 0 0.4 0.8 1.2 1.6
only one name means protektion? www.protekdevices.com 05263.r4 3/11 page 4 05263 PLW0501D t yp ica l d e v ice cha r acte r i s tic s f i g u r e 4 8k v po s iti v e e sd c l am p in g w a v e f o r m f i g u r e 5 8k v ne g ati v e e sd c l am p in g w a v e f o r m
only one name means protektion? www.protekdevices.com 05263.r4 3/11 page 5 05263 PLW0501D df n -2-0402 p acka g e in f o r mation out l ine d imen s ion s d im mi ll imete rs inche s min ma x min ma x a 0.99 1.04 0.039 0.041 b 0.58 0.64 0.023 0.025 c 0.43 0.48 0.017 0.019 h 0.13 0.18 0.005 0.007 l1 0.28 0.33 0.011 0.013 l2 0.23 0.28 0.009 0.011 l3 0.23 0.28 0.009 0.011 l4 0.18 0.23 0.007 0.009 notes 1. dimensioning and tolerances per ansi y14.m, 1985. 2. controlling dimension: inches. p a d l a y out d imen s ion s d im mi ll imete rs inche s min ma x min ma x a 0.737 0.787 0.029 0.031 b 0.331 0.381 0.013 0.015 c 0.356 0.406 0.014 0.016 e 1.423 1.523 0.056 0.060 f 0.534 0.584 0.021 0.023 note s 1. controlling dimension: inches. 2. decimal tolerances for mountng pad: 0.003 (0.08 mm). a l1 l2 l3 1 2 top bottom a e f solder print diameter 0.010 - 0.012 b c c end b l4 h
only one name means protektion? www.protekdevices.com 05263.r4 3/11 page 6 05263 PLW0501D ta p e an d r ee l o rd e r in g in f o r mation b a s e p a r t num b e r l ea dfr ee s u ff i x ta p e s u ff i x q t y/r ee l r ee l s i z e tu b e q t y PLW0501D -lf -t73 3,000 7 n/a sp eci f ication s ree l dia. t a p e wi d th a 0 b0 k 0 d e f w p0 p2 p tmax 178mm (7) 8mm 0.70 0.05 1.15 0.05 0.60 0.003 1.55 0.10 1.75 0.10 3.50 0.05 8.00 0.30 4.00 0.10 2.00 0.05 2.00 0.05 0.25 n ote s 1. dimensions are in millimeters. 2. surface mount product is taped and reeled in accordance with eia-481. 3. empty pocket underneath sprocket holes. 4. sufx - t73 = 7 reel - 3,000 pieces per 8mm tape (sprocket hole skipped). 5. marking on part - marking code (see page 2) and polarity band. package outline, pad layout and tape specifcatons per document number 06094.r1 3/11 - opton 1. 10 pitches cumulatve tolerance on tape 0.2 w f b0 e p2 p0 d p a0 k0 t user directon of feed top cover tape polarity band
only one name means protektion? www.protekdevices.com 05263.r4 3/11 page 7 05263 PLW0501D com p an y in f o r mation com p any pr ofile protek devices, based in tempe, arizona usa, is a manufacturer of transient voltage suppression (tvs) products designed specifcally for the protecton of electronic systems from the efects of lightning, electrostatc discharge (esd), nuclear electromagnetc pulse (nemp), in - ductve switching and emi/rfi. with over 25 years of engineering and manufacturing experience, protek designs tvs devices that provide applicaton specifc protecton solutons for all electronic equipment/systems. protek devices analog products division, also manufactures analog interface, control, rf and power management products. copyright ? protek devices 2007 - this literature is subject to all applicable copyright laws and is not for resale in any manner. specifications: protek reserves the right to change the electrical and or mechanical characteristcs described herein without notce. design changes: protek reserves the right to discontnue product lines without notce and that the fnal judgement concerning selecton and specifcatons is the buyers and that in furnishing engineering and technical assistance. protek assumes no responsibility with respect to the selecton or specifcatons of such products. protek makes no warranty, representaton or guarantee regarding the suitability of its products for any partcular purpose, nor does protek assume any liability arising out of the applicaton or use of any product or circuit and specifcally disclaims any and all liability without limitaton special, consequental or incidental damages. life support policy: protek devices products are not authorized for use in life support systems without writen consent from the factory. contact us c orporate h eadquarters 2929 south fair lane tempe, arizona 85282 usa by t elephone general: 602-431-8101 sales: 602-414-5109 customer service: 602-414-5114 by fax general: 602-431-2288 by e -mail: sales: sales@protekdevices.com customer service: service@protekdevices.com technical support: support@protekdevices.com web www.protekdevices.com www.protekanalog.com


▲Up To Search▲   

 
Price & Availability of PLW0501D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X