Part Number Hot Search : 
AA10C 4100B SR5000 FZT749NL AA10C 2SA1090 EAC311 74LV08PW
Product Description
Full Text Search
 

To Download MS8050-H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? sot-23 plastic- encapsulate transistors ? capable of 0.2watts(tamb=25 o c) of power dissipation. ? collector- cur rent 0.8a ? collector- base voltage 40v ? operating and storage junction temperature range: -55 o c to +150 o c ? marking code: y11 electrical characteristics @ 25 o c unless otherwise specified symbol parameter min max units off characteristics v (br)cbo collector- base breakdown voltage (i c =100uadc, i e =0) 40 --- vdc v (br)ceo collector-emitter breakdown voltage (i c =1madc, i b =0) 25 --- vdc v (br)ebo emitter- base breakdown voltage (i e =100uadc, i c =0) 6.0 --- vdc i cbo collector cutoff current (v cb =35vdc, i e =0) --- 0.1 uadc i ceo collector cutoff current (v ce =20vdc, i b =0) --- 0.1 uadc on characteristics h fe(1) dc current gain (i c =5madc, v ce =1.0vdc) 45 h fe(3) dc current gain (i c =800madc, v ce =1.0vdc) 40 v ce(sat) collector- emitter saturation voltage (i c =800madc, i b =80madc) --- 0.5 vdc v be(sat) base- emitter saturation voltage (i c =800madc, i b =80madc) --- 1.2 vdc small-signal characteristics f t transistor frequency (i c =20madc, v ce =6.0vdc, f=30mhz) 150 --- mhz classification of h fe (2) rank l h range 80-200 200-300 npn silicon plastic-encapsulate transistor sot-23 suggested solder pad layout dimensions inches mm dim min max min max note a .110 .120 2.80 3.04 b .083 .098 2.10 2.64 c .047 .055 1.20 1.40 d .035 .041 .89 1.03 e .070 .081 1.78 2.05 f .018 .024 .45 .60 g .0005 .0039 .013 .100 h .035 .044 .89 1.12 j .003 .007 .085 .180 k .015 .020 .37 .51 a b c d e g h j .079 2.000 inches mm .031 .800 .035 .900 . 03 7 .950 .037 .950 k f revision: a 2011/01/01  
 omp onents 20736 marilla street chatsworth       
     mcc tm micro commercial components e b c www. mccsemi .com 1 of 3 x case material: molded plastic. ul flammability classification rating 94v-0 and msl rating 1 h fe(2) dc current gain (i c =100madc, v ce =1.0vdc) 80 300 ms8050-l MS8050-H
mcc tm micro commercial components revision: a 2011/01/01 www. mccsemi .com 2 of 3 typical characteristics ms8050-l MS8050-H
mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 3 of 3 2 d e vi c e p ac k i n g part number-tp tape&reel: 3 k p c s / r e e l *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. ordering information :


▲Up To Search▲   

 
Price & Availability of MS8050-H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X