Part Number Hot Search : 
APR50B10 1ETTE 1AB3W Z5234 20F1T UP0431N C10H1 54FCT
Product Description
Full Text Search
 

To Download MPM-04DV-1205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  input parameter conditions min. typ. max. units input voltage range 90 305 vac 120 430 vdc input frequency 47 440 hz input current see model selection guide inrush current 115 vac 15.0 a pk 230 vac 25.0 emi meets cispr pub. 22/fcc class b emc meets en 55024 output parameter conditions min. typ. max. units output voltage see model selection guide output current see model selection guide output voltage accuracy see note 2 ?.0 % line regulation, see note 3 3.3v output, v in = min to max ?.5 % 5v to 24v output, v in = min to max ?.2 load regulation, single output 3.3v output, i o = 0% to 100% ?.5 % load regulation, single output 5v to 24v output, i o = 0% to 100% ?.5 % load regulation, dual output vout 1, i o = 10% to 100% ?.5 % load regulation, dual output vout 2, i o = 10% to 100% ?.0 % ripple/noise (20 mhz) single 3.3v & 5v outputs 150.0 mv p-p all other models 100.0 hold-up time 115 vac 15 msec temperature coef cient ?.02 %/? over voltage protection zener diode clamp 120 % of v o short circuit protection, see note 4 continuous (autorecovery) overload protection 105 120 % of i o general parameter conditions min. typ. max. units isolation voltage input to output 3,000 vac isolation resistance 500 vdc 100 m  emi/rfi conducted en 55022 level b emc compliance electrostatic discharge (esd) en 61000-4-2 level b rf field susceptibility en 61000-4-3 electrical fast transients/bursts on mains en 61000-4-4 level 3 2 kv surge en 61000-4-5 level 3 1kv/2 kv switching frequency 132 khz environmental parameter conditions min. typ. max. units operating temperature range ambient -40 +25 +70 ? storage temperature range -40 +125 ? cooling free air convection (see derating curve) humidity rh, non-condensing 95 % physical case size 1.44 x 1.06 x 0.67 inches (36.5 x 27.0 x 17.1 mm) case material non-conductive plastic & fiberglass (ul94-v0) weight 0.91 oz (26g) reliability speci cations parameter conditions min. typ. max. units mtbf mil hdbk 217f, 25?, gnd benign 350 khours safety standards ul 60950, en 60950 safety approvals ul, cul; file no. e245422 safety class iec 61140 class ii compact, board mount 4w ultra-wide input range ac/dc power supplies mpm-04v series electrical speci cations speci cations typical @ +25?, 230 vac input voltage & rated output current, unless otherwise noted. speci cations subject to change without notice. key features: 4w output power universal 90-305 vac input miniature size en 60950 approved (ul) meets iec safety class ii single and dual outputs meets en 55022 b >350 khour mtbf micropower direct 292 page street suite d stoughton, ma 02072 usa t: (781) 344-8226 f: (781) 344-8481 e: sales@micropowerdirect.com w: www.micropowerdirect.com www.micropowerdirect.com
model selection guide notes: all dimensions are typical in inches (mm) tolerance x.xx = 0.01 ( 0.25) pin single dual pin single dual 1nc nc 10nc +vr 7 ac-neutral 11 -vo common 9 ac-line 12 +vo +vo nc = no connection pin connections model number input output 1 (see note 1) output 2 (see note 1) maximum output power (w) ef ciency (%, typ) current (a) voltage (vdc) current (ma) maximum cap. load (f) voltage (vdc) current (ma) maximum cap. load (f) 115 vac 230 vac max. min. max. min. mpm-04sv-03 0.075 0.055 3.3 1.200 0.0 14,000 3.96 70 mpm-04sv-05 0.075 0.055 5.0 800 0.0 8,000 4.0 72 mpm-04sv-08 0.075 0.055 8.0 500 0.0 2,700 4.0 74 mpm-04sv-09 0.075 0.055 9.0 444 0.0 2,400 4.0 75 mpm-04sv-12 0.075 0.055 12.0 333 0.0 1,000 4.0 76 mpm-04sv-14 0.075 0.055 14.0 286 0.0 750 4.0 76 mpm-04sv-15 0.075 0.055 15.0 267 0.0 700 4.0 76 mpm-04sv-24 0.075 0.055 24.0 167 0.0 220 4.0 77 mpm-04dv-0503 0.085 0.065 +5.0 +600 0.0 5,600 +3.3 +150 0.0 4,700 3.5 72 mpm-04dv-0805 0.085 0.065 +8.0 +375 0.0 1,000 +5.0 +120 0.0 4,700 3.6 74 MPM-04DV-1205 0.085 0.065 +12.0 +250 0.0 330 +5.0 +120 1.2 4,700 3.6 75 derating curve , vin = 90-280 vac mechanical dimensions micropower direct we power your success - for less! 292 page street ste d stoughton, ma 02072 tel: (781) 344-8226 fax: (781) 344-8481 e-mail: sales@micropowerdirect.com www.micropowerdirect.com notes: 1. for dual output models, output 1 is +vo and output 2 is +vr. a 47 f/25v ceramic capacitor must be connected from +vo (pin 12) of dual output models to common (pin 11). without this capacitor, the unit may not meet all speci cations. 2. for dual output models, output voltage accuracy is speci ed as ?% for +vo and ?% for +vr. 3. for dual output models, line regulation is speci ed as ?.2% for +vo and ?% for +vr. 4. output short circuit protection is provided by a ?iccup mode circuit. the unit recovers automatically when the fault condition is removed. 5. operation at under no load conditions will not damage these units. it is recommended that the minimum load values in the table above be used. 6. it is recommended that a fuse be used on the input of a power supply for protection. for the mpm-04v series, a 3.15a/250 vac slow blow should be used. derating curve , vin = 280-305 vac


▲Up To Search▲   

 
Price & Availability of MPM-04DV-1205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X