Part Number Hot Search : 
IP82C88 0125M3 APTM1 24006 MBRM10E SPT5204 1SM5916B PCA1608U
Product Description
Full Text Search
 

To Download MPM-04D-1205E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  input parameter conditions min. typ. max. units input voltage range 85 264 vac 120 370 vdc input frequency 47 440 hz input current see model selection guide inrush current 115 vac 15.0 a pk 230 vac 25.0 emi meets cispr pub. 22/fcc class b output parameter conditions min. typ. max. units output voltage see model selection guide output current see model selection guide output voltage accuracy see note 2 ?.0 ?.0 % line regulation, see note 3 v in = min to max ?.5 ?.0 % load regulation, single output 3.3v output, i o = 0% to 100% ?.0 ?.5 % load regulation, single output 5v to 24v output, i o = 0% to 100% ?.5 ?.0 % load regulation, dual output, see note 4 i o = 10% to 100% ?.5 ?.0 % ripple/noise (20 mhz) single 3.3v & 5v outputs 100 150 mv p-p ripple/noise (20 mhz) all other models 0.8 1.0 %v p-p of v o hold-up time 115 vac 20 msec temperature coef cient ?.01 ?.02 %/? over voltage protection zener diode clamp 120 % of v o short circuit protection, see note 4 continuous (autorecovery) overload protection, see note 5 105 % of i o general parameter conditions min. typ. max. units isolation voltage input to output 3,000 vac isolation resistance 500 vdc 100 m  emi/rfi conducted en 55022 level b emc compliance electrostatic discharge (esd) en 61000-4-2 level b rf field susceptibility en 61000-4-3 level a electrical fast transients/bursts on mains en 61000-4-4 level b surge en 61000-4-5 level b conducted disturbances en 61000-4-6 level b power frequency field immunity en 61000-4-8 level a voltage dip, interruption & variation en 61000-4-11 level b/c switching frequency 130 khz environmental parameter conditions min. typ. max. units operating temperature range ambient -25 +25 +60 ? storage temperature range -40 +85 ? cooling free air convection (see derating curve) humidity rh, non-condensing 95 % physical case size 1.44 x 1.06 x 0.67 inches (36.5 x 27.0 x 17.1 mm) case material non-conductive plastic & fiberglass (ul94-v0) weight 0.91 oz (26g) reliability speci cations parameter conditions min. typ. max. units mtbf mil hdbk 217f, 25?, gnd benign 330 khours safety standards en 60950 safety class iec 60536 class ii eco design erp directive 2009/125/ec low cost, board mount 4w single and dual output ac/dc power supplies mpm-04e series electrical speci cations speci cations typical @ +25?, 230 vac input voltage & rated output current, unless otherwise noted. speci cations subject to change without notice. key features: 4w output power miniature size en 60950 approved (ul) erp directive compliant universal 85-264 vac input meets iec safety class ii single and dual outputs meets en 55022 b micropower direct 292 page street suite d stoughton, ma 02072 usa t: (781) 344-8226 f: (781) 344-8481 e: sales@micropowerdirect.com w: www.micropowerdirect.com www.micropowerdirect.com mic r opo w e r di r ect
model selection guide notes: all dimensions are typical in inches (mm) tolerance x.xx = 0.01 ( 0.25) pin single dual (? dual (sep) 1n c 2n c 3+v out +v out +v out1 4-v out common common 5np -v out +v out2 6 ac-neutral 7 ac-line nc = no connection np = no pin pin connections model number input output 1 output 2 ef ciency (%, typ) current (a) voltage (vdc) current (ma) maximum cap. load (f) voltage (vdc) current (ma) maximum cap. load (f) 115 vac 230 vac max. min. max. min. mpm-04s-03e 0.082 0.065 3.3 1.200 0.0 14,000 70 mpm-04s-05e 0.082 0.065 5.0 800 0.0 8,000 72 mpm-04s-09e 0.077 0.065 9.0 444 0.0 2,400 75 mpm-04s-12e 0.076 0.065 12.0 333 0.0 1,000 76 mpm-04s-15e 0.076 0.065 15.0 267 0.0 700 76 mpm-04s-24e 0.076 0.065 24.0 167 0.0 220 77 mpm-04d-12e 0.076 0.065 +12.0 +166 0.0 330 -12.0 -166 0.0 330 77 mpm-04d-15e 0.076 0.065 +15.0 +133 0.0 260 -15.0 -133 0.0 260 77 mpm-04d-0503e 0.072 0.065 +5.0 +600 150.0 5,600 +3.3 +150 37.5 4,700 72 MPM-04D-1205E 0.072 0.065 +12.0 +250 62.5 330 +5.0 +120 30.0 4,700 75 derating curve mechanical dimensions micropower direct we power your success - for less! 292 page street ste d stoughton, ma 02072 tel: (781) 344-8226 fax: (781) 344-8481 e-mail: sales@micropowerdirect.com www.micropowerdirect.com notes: 1. for models, mpm-04d-0503e and MPM-04D-1205E output voltage accuracy is speci ed as ?% typical and ?% max. 2. for models, mpm-04d-0503e and MPM-04D-1205E line regulation is speci ed as ?.5% typical/?.0% max for v o1 and ?.0% typical/?.0% max for v o2 . 2. for models, mpm-04d-0503e and MPM-04D-1205E load regulation is speci ed as ?.5% typical/?.0% max for v o1 and ?.5% typical/?.0% max for v o2 . 4. output short circuit protection is provided by a ?iccup mode circuit. the unit recovers automatically when the fault condition is removed. 5. overload protection is provided by a foldback circuit. extended operation under an overload condition could damage the unit. 6. operation at under no load conditions will not damage these units. it is recommended that the minimum load values in the table above be used. 6. it is recommended that a fuse be used on the input of a power supply for protection. for the mpm-04e series, a 1a/250 vac slow blow should be used.


▲Up To Search▲   

 
Price & Availability of MPM-04D-1205E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X