Part Number Hot Search : 
BGC420 M6244 MAX6496 AO4930 C845U TOTX170 D45242 10C3TR
Product Description
Full Text Search
 

To Download MPM-02SV-09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  input parameter conditions min. typ. max. units input voltage range 85 305 vac 120 430 vdc input frequency 47 63 hz input current see model selection guide inrush current 110 vac 5.0 a pk 230 vac 11.0 leakage current 110/230 vac 0.15 ma output parameter conditions min. typ. max. units output voltage see model selection guide output current see model selection guide output voltage accuracy see note 1 ?.0 % line regulation v in = min to max ?.0 % load regulation see note 2 ?.0 % ripple & noise (20 mhz) 100 200 mv pk - pk hold-up time 115 vac 30 msec 230 vac 140 temperature coef cient ?.02 %/? short circuit protection continuous (autorecovery) over current protection >110% with autorecovery general parameter conditions min. typ. max. units isolation voltage input to output 3,000 vac emi/rfi, see note 3 conducted cispr22/en 55022 level b radiated cispr22/en 55022 level b emc compliance electrostatic discharge (esd) en 61000-4-2 level b 4 kv/8 kv rf field susceptibility en 61000-4-3 level a 10v/m electrical fast transients/bursts on mains en 61000-4-4 level b 2 kv surge en 61000-4-5 level b 1 kv/2 kv cs en 61000-4-6 level a 10v rms pfm en 61000-4-8 level a 10a/m volt. dips, short & inter. immunity en 61000-4-11 level b 0 - 70% switching frequency 100 khz environmental parameter conditions min. typ. max. units operating temperature range ambient -25 +25 +70 ? storage temperature range -40 +85 ? cooling free air convection (see derating curve) humidity rh, non-condensing 90 % physical case size 1.327 x 0.874 x 0.708 inches (33.7 x 22.2 x 18.0 mm) case material non-conductive black plastic (ul94-v0) weight 0.70 oz (20g) reliability speci cations parameter conditions min. typ. max. units mtbf mil hdbk 217f, 25?, gnd benign 300 khours safety approvals ul 60950, en 60950 safety class iec 61140 class ii ultra wide input, 2w miniature, board mount ac/dc power supplies key features: 2w output power universal 85-305 vac input en 60950 approved (ul) meets iec safety class ii -25? to +70? operation single regulated output >300 khour mtbf ultra-miniature dip case mpm-02v series electrical speci cations speci cations typical @ +25?, 230 vac input voltage & rated output current, unless otherwise noted. speci cations subject to change without notice. micropower direct 292 page street suite d stoughton, ma 02072 usa t: (781) 344-8226 f: (781) 344-8481 e: sales@micropowerdirect.com w: www.micropowerdirect.com www.micropowerdirect.com
model selection guide mechanical dimensions notes: all dimensions are typical in inches (mm) tolerance x.xx = 0.01 ( 0.25) pin function 1 ac-neutral 2 ac-line 3 -vout 4 +vout pin connections notes: 1. output voltage accuracy for 3.3v output models is ?% max. 2. load regulation is measured for an output change of 10% to 100% at nominal input line. 3. the mpm-02v meets en 55022 class b without external components. for applications where noise sensitivity is critical, a recommended circuit is given below. 4. it is recommended that a fuse be used on the input of a power supply for protection. for the mpm-02v series, a 0.5a/250 vac slow blow should be used. model number input output standby power (w typ) capacitive load (?, max) ef ciency (%, typ) current (ma) voltage (vdc) current (ma) 115 vac 230 vac mpm-02sv-03 44 25 3.3 600 0.1 4,000 65 mpm-02sv-05 44 25 5.0 400 0.1 4,000 70 MPM-02SV-09 44 25 9.0 222 0.1 2,200 72 mpm-02sv-12 44 25 12.0 167 0.1 2,200 76 mpm-02sv-15 44 25 15.0 133 0.1 1,000 76 mpm-02sv-24 44 25 24.0 83 0.1 680 78 typical connection the diagram above illustrates a typical application connection of the mpm-02v series. notes on this circuit (starting with the input circuit) are: 1. to maintain clearance and creepage distances (for class i & class ii devices) the board layout should guarantee the following spacing between the l and n inputs (before the fuse): clearance - 2 mm creepage - 2.5 mm 2. the recommended fuse is a 0.5a/250v slow blow. additionally, a thermistor (ntc) may be used on the input line. a 5d-9 is recommended. 3. for emi sensitive applications, the input ltering circuit (inside the dotted boxes) may be added. the lter consists of: c x : capacitor c 3 is 0.1 f/300v to 0.33 f/300v c y : capacitors c 1 and c 2 are 2200 pf/400v t 1 : common mode choke. inductance is about 10 mh to 30 mh. 4. the mov is required for surge protection. recommended is a 561kd14. 5. the output ltering capacitor (c 5 ) is a high frequency, low resistance electrolytic capacitor. a ceramic capacitor (c 4 ) is used to lter high frequency noise. recommended values are given in the table at right. 6. the tvs is recommended to protect application circuitry in the event of a fault. recommended values are given in the table at right. derating curve micropower direct we power your success - for less! 292 page street ste d stoughton, ma 02072 tel: (781) 344-8226 fax: (781) 344-8481 e-mail: sales@micropowerdirect.com v out c 4 c 5 tvs 3.3 1 f/50v 220 f smbj7.0a 5.0 1 f/50v 220 f smbj7.0a 9.0 1 f/50v 120 f smbj12a 12.0 1 f/50v 120 f smbj20a 15.0 1 f/50v 120 f smbj20a 24.0 1 f/50v 68 f smbj30a n www.micropowerdirect.com


▲Up To Search▲   

 
Price & Availability of MPM-02SV-09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X