Part Number Hot Search : 
B23N20 XXXGP TGL475D TA7279 C847A SMBG1 SA5570 5KP78
Product Description
Full Text Search
 

To Download MBRF20U45CTA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2012. 3. 26 1/2 semiconductor technical data MBRF20U45CTA schottky barrier type diode revision no : 0 switching mode power supply application. converter & chopper application. features h average output rectified current : i o =20a. h repetitive peak reverse voltage : v rrm =45v. h fast reverse recovery time : t rr =35ns. maximum rating (ta=25 ? ) to-220is (1) a a b b c c d d e e f f g g h h 1.47 max 1.47 max j j k k l m l n nn o o q 1. anode 2. cathode 3. anode r q r 123 m dim millimeters 10.16 0.2 + _ 15.87 0.2 + _ 2.54 0.2 + _ 0.8 0.1 + _ 3.18 0.1 + _ 0.5 0.1 + _ 3.23 0.1 + _ 13.0 0.5 + _ 2.54 0.2 + _ 4.7 0.2 + _ 6.68 0.2 + _ 2.76 0.2 + _ 3.3 0.1 + _ 12.57 0.2 + _ electrical characteristics (ta=25 ? ) characteristic symbol test condition min. typ. max. unit peak forward voltage (note) v fm i fm =10a - - 0.70 v repetitive peak reverse current (note) i rrm v rrm =rated - - 100  a reverse recovery time (note) t rr i f =1.0a, di/dt=-30a/ k - - 35 ns thermal resistance (note) r th(j-c) juction to case - - 4.0 ? /w characteristic symbol rating unit repetitive peak reverse voltage v rrm 45 v average output rectified current (tc=105 ? ) (note) i o 20 a peak one cycle surge forward current (non-repetitive 60hz) i fsm 250 a junction temperature t j -40 q 150 ? storage temperature range t stg -55 q 150 ? note : average forward current of centertap full wave connection. note : a value of one cell y 4 5
2012. 3. 26 2/2 MBRF20U45CTA revision no : 0 reverse current i r ( a) reverse voltage v r (v) i r - v r i f - v f forward voltage v f (v) forward current i f (a) 0 0.1 0.1 0.2 0.3 0.4 0.5 0.6 0.7 1 100 10 51015 0.001 10 1 0.1 0.01 100,000 10,000 1,000 100 20 25 30 35 40 45 j t =-25 c j t =25 c t j =125 c t j =25 c t j =-25 c t =125 c j


▲Up To Search▲   

 
Price & Availability of MBRF20U45CTA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X