Part Number Hot Search : 
90FEB HT46R23 1C3Q25 8F08AP AS19761 EPF811 BUL310 EPA2214B
Product Description
Full Text Search
 

To Download LU1S041X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  single rj 45 connec t or modu le wit h i n te gr a t e d 10/100 base-tx magne t ics p/n: LU1S041X page : 1/ 2 feature rj-45 connector integrat ed with x?fmr / impedance resistor/high v o ltage capacitor size same as rj-45 connector to save pcb board space. reduced emi radiation to improve emi performance. design for 100 base transmission over utp-5 cable. operating temper ature range: 0 j to +70 j . storage temperature range: -25 j to +125 j . electrical sp ecifica tions @ 25 c tu r n s r a t i o (5%) insertion loss (db max ) part number tx r x ocl (uh min ) @100k hz/0.1 v w i t h 8ma dc b i as c w/ w (pf max ) l.l (uh max ) 0.3-10 0mhz hi-pot (v rms) lu1s 041 x 1 c t : 1ct 1ct : 1ct 3 5 0 5 6 0 . 5 - 0 . 8 150 0 con t inue return loss (db min) cross talk (db min) cmr (db min) part number 3 0 m h z 4 0 m h z 5 0 m h z 6 0 m h z 8 0 m h z 0 . 3 - 3 0 m h z 30-6 0 mhz 60-1 00mhz 1 - 3 0 m h z 30-6 0 m h z 60-1 2 5 m h z lu1s 041 x - 1 6 - 1 4 - 1 3 . 5 - 1 3 - 1 0 - 4 0 - 3 5 - 3 0 - 3 0 - 2 5 - 2 0 schematic a 6 ( 0 5 / 0 3 ) bothhandusa.com
single rj 45 connec t or modu le wit h i n te gr a t e d 10/100 base-tx magne t ics p/n: LU1S041X page : 2/ 2 mechanical 1. plastic mate ri al : thermopl asti c (ul 94v -0), black hou s in g 2. metal shield : brass, 20u in che s thick ni ckel 3 . s p r i n g wire : phospho r bro n ze with sel e ctive gold plat ing 4. solder pin : 0.4x0.4mm, phos pho r bro n ze with sol d er plated 5. du rability : 300 matin g cycles mi n. pcb la y o u t mounting hole(t op v i ew ) a 6 ( 0 5 / 0 3 )


▲Up To Search▲   

 
Price & Availability of LU1S041X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X