Part Number Hot Search : 
52B17S M19264 LTC1701 M19264 M6010G 5HF12 BT8060KC MBT22
Product Description
Full Text Search
 

To Download LU1S041FLF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p/n: lu1s041f lf feature rj-45 connector integrated with transformer/i m pedance resistor/high voltage capacitor . size same as rj-45 connector to save pcb board space. reduced emi radiation to improve emi performance. design for 10/100 base transmi ssion over utp-5 cable. comply wit h rohs re quirements-whole part no cd, no hg, no cr6 + , no pbb and pbde and no pb on e x ternal pins . operating temper ature range: 0 j to +70 j . storage temperature range: -25 j to +125 j . electrical sp ecifica tions @ 25 c tu r n s r a t i o (5%) cmr (db min) part number tx r x ocl (uh min) @ 100 khz/0.1 v w i t h 8ma dc b i as 1 - 3 0 m h z 3 0 - 6 0 m h z 60-1 2 5 m h z hi-pot (v rms) lu1s 041f lf 1ct : 1ct 1ct : 1ct 3 5 0 - 3 0 - 2 5 - 2 0 150 0 con t inue insertion loss (db max ) return loss (db min) cross talk (db min) part number 0.3-10 0 m h z 3 0 m h z 4 0 m h z 5 0 m h z 6 0 m h z 8 0 m h z 0.3-30m h z 3 0 - 6 0 m h z 60-1 0 0 m h z lu1s 041f lf -1.15 -16 -14 - 1 3 . 5 - 1 3 - 1 0 - 4 0 - 3 5 - 3 0 schematic bothhand usa.com
p/n: lu1s041f lf mechanical 1. plastic mate ri al : thermopl asti c (ul 94v -0), black hou s in g 2. metal shield : brass, 20u in che s thick ni ckel 3 . s p r i n g wire : phospho r bro n ze with sel e ctive gold plat ing 4. solder pin : 0.4x0.4mm, phos pho r bro n ze with sol d er plated 5. du rability : 750 matin g cycles mi n. pcb la y o u t mounting hole(t op v i ew ) bothhandusa.com


▲Up To Search▲   

 
Price & Availability of LU1S041FLF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X