Part Number Hot Search : 
MCP6241 HV841 DAC10FX FN3158 2815S SMB5925B LA4425PV OM5234
Product Description
Full Text Search
 

To Download LU1S041CM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?lan - mate ? series single rj45 connector module with integrated 10/100 base-tx magnetics p/n: LU1S041CM page: 1 /2 feature l complies with requiremen t of ieee 802.3u standards. l rj 45 connector with 10/100 base-tx magnetic. l operating temperature range: -40j to +85j. l storage temperature range: -40j to +125j. electrical specifications @ 25c turns ratio (5%) insertion loss (db max) part number tx rx ocl (uh min) @ 100khz/0.1v with 8ma dc bias c w/w (pf max) l.l (uh max) 0.3 -100mhz hi -pot (vrms) LU1S041CM 1ct:1ct 1ct:1ct 350 28 0.4 -1.15 1500 continue return loss (db min) cross talk (db min) cmr (db min) part number 30mhz 40mhz 50mhz 60mhz 80mhz 0.3 -30mhz 30-60mhz 60- 100mhz 1-30mhz 30-60mhz 60- 125mhz LU1S041CM -16 -14 -13.5 -13 -10 -40 -35 -30 -30 -25 -20 schematic bothhandusa.com
?lan - mate ? series single rj45 connector module with integrated 10/100 base-tx magnetics p/n: LU1S041CM page: 2 /2 mechanical 1. plastic material : thermoplastic (ul 94v -0), black housing 2. metal shield : brass, 20u" inches thick nickel 3. spring wire : phosphor bronze with selective gold plating 4. solder pin : 0.4 x0.4mm, phosphor bronze with solder plated 5. durability : 750 mating cycles min. pcb layout mounting hole(top view) bothhandusa.com


▲Up To Search▲   

 
Price & Availability of LU1S041CM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X