Part Number Hot Search : 
AN17821 HUL7281 6025074 PC250 DS18B20 AN79M20F B2520 LM618
Product Description
Full Text Search
 

To Download HSR1100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hi-sincerity microelectronics corp. spec. no. : hl200708 issued date : 2007.04.01 revised date : 2009.03.24 page no. : 1/3 hsr120 thru HSR1100 hsmc product specification hsr120 thru HSR1100 do-41 schottky barrier rectifiers (reverse voltage 20 to 100v, forward current 1a) features ? low forward voltage drop ? high current capability ? high reliability ? high surge current capability mechanical data ? cases: do-41 molded plastic ? epoxy: ul 94v-0 rate flame retardant ? lead: axial leads, solderable per mil-std-202, method 208 guaranteed ? polarity: color band denotes cathode end ? high temperature soldering guaranteed: 250 c/10seconds/.375?(9.5mm) lead lengths at 5lbs.,(2.3kg) tension ? weight: 0.35gram maximum ratings & electrical characteristics ratings at 25 c ambient temperature unles s otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load. derate current by 20%. ratings symbol hsr 120 hsr 130 hsr 140 hsr 150 hsr 160 hsr 180 hsr 1100 unit repetitive peak reverse voltage v rrm 20 30 40 50 60 80 100 v surge peak reverse voltage v rsm 14 21 28 35 42 57 71 v dc blocking voltage v dc 20 30 40 50 60 80 100 v average forward rectified current (t a =75 o c) i fav 1 a peak forward surge current, 50hz half sine-wave (t a =25 o c) i fsm 40 a repetitive peak forward c (f>15hz) i frm 12 a instantaneous forward voltage v f 0.48 0.52 0.65 0.8 v leakage current (t j =25 o c, v r =v rrm ) 0.1 ma leakage current (t j =100 o c, v r =v rrm ) i r 10 ma typical junction capacitance c j 170 pf rating for fusing, t<10ms (t a =25 o c) i 2 t 12.5 a 2 s thermal resistance junction to ambient air r ja 30 c/w thermal resistance junction to lead r jl 15 c/w operating junction temperature range t j -65 to +125 c storage temperature range t stg -65 to +150 c esd protection voltage v esd 12 kv
hi-sincerity microelectronics corp. spec. no. : hl200708 issued date : 2007.04.01 revised date : 2009.03.24 page no. : 2/3 hsr120 thru HSR1100 hsmc product specification characteristics curve forward current derating curve 0 0.5 1 1.5 0 25 50 75 100 125 150 175 lead temperature() average forw a current(a) resistive or inductive load 0.375? (9.5mm) lead length maximum non-repetitive peak forward surge current 0 5 10 15 20 25 30 1 10 100 number of cycles at 60hz peak forward su r current(a) tj=tj max.8.3ms single half sine-wave (jedec method typical reverse characteristics 0.001 0.01 0.1 1 10 0204060801 percent of rated peak reverse voltage(%) instantaneous reve current(ma) typical instantaneous forw ard characteristics per leg 0.01 0.1 1 10 0 0.2 0.4 0.6 0.8 1 vf,forw ard voltage(v) if,forward curren 00 tj=25 tj=75 tj=125 50-60v t 20-40v 80-100v ` typical transient thermal impedance 0.1 1 10 100 0.01 0.1 1 10 100 t,pulse duration(sec.) transient thermal impedan c /w) typical junction capacitance 1 10 100 1000 0.1 1 10 100 reverse voltage(v) junction capacitance(p tj=25oc, f=1mhz vsig=50mvp-p
hi-sincerity microelectronics corp. spec. no. : hl200708 issued date : 2007.04.01 revised date : 2009.03.24 page no. : 3/3 hsr120 thru HSR1100 hsmc product specification do-41 dimension important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of hsmc. ? hsmc reserves the right to make changes to its products without notice. ? hsmc semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? hsmc assumes no liability for any consequence of customer prod uct design, infringement of paten ts, or application assistance. head office and factory: ? head office (hi-sincerity microelectronics corp.): 10f.,no. 61, sec. 2, chung-shan n. rd. taipei taiwan r.o.c. tel: 886-2-25212056 fax: 886-2-25632712 ? factory 1: no. 38, kuang fu s. rd., fu-kou hsin-chu industrial park hsin-chu taiwan. r.o.c tel: 886-3-5983621~5 fax: 886-3-5982931 marking: marking around the surface of cylinder date code control code hsr1 product series 20,30,40,50,60,80,100 pb free mark pb-free: " . " (note) normal: none note: green label is used for pb-free packing 2-lead do-41 molded plastic package hsmc package code: l e b c a d dim min. max. a 0.71 0.86 b 25.40 - c 4.10 5.20 d 25.40 - e 2.00 2.70 unit: mm


▲Up To Search▲   

 
Price & Availability of HSR1100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X