Part Number Hot Search : 
TSC1141 CR1206 K3235 UPA809T 1N6330 LCE15A 78R03 1GT8607
Product Description
Full Text Search
 

To Download HD74CDC2510B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  HD74CDC2510B 3.3-v phase-lock loop clock driver ade-205-219f (z) 7th. edition october 1999 description the HD74CDC2510B is a high-performance, low-skew, low-jitter, phase-lock loop clock driver. it uses a phase-lock loop (pll) to precisely align, in both frequency and phase, the feedback (fbout) output to the clock (clk) input signal. it is specifically designed for use with synchronous drams. the HD74CDC2510B operates at 3.3 v v cc and is designed to drive up to five clock loads per output. bank of outputs provide ten low-skew, low-jitter copies of the input clock. output signal duty cycles are adjusted to 50 percent independent of the duty cycle at the input clock. bank of outputs can be enabled or disabled via the control (g) inputs. when the g inputs are high, the outputs switch in phase and frequency with clk; when the g inputs are low, the outputs are disabled to the logic-low state. unlike many products containing plls, the HD74CDC2510B does not require external rc networks. the loop filter for the pll is included on-chip, minimizing component count, board space, and cost. because it is based on pll circuitry, HD74CDC2510B requires a stabilization time to achieve phase lock of the feedback signal to the reference signal. this stabilization time is required, following power up and application of a fixed-frequency, fixed-phase signal at clk, as well as following any changes to the pll reference or feedback signals. the pll can be bypassed for test purposes by strapping av cc to ground. features meets ?c sdram registered dimm design support document, rev. 1.2 phase-lock loop clock distribution for synchronous dram applications external feedback (fbin) pin is used to synchronize the outputs to the clock input no external rc network required support spread spectrum clock (ssc) synthesizers note: only by a change of a suffix (a to b) for standardization, there isn? any change of the product.
HD74CDC2510B 2 function table inputs outputs g clk 1y (0:9) fbout xlll lhlh hhhh h : high level l : low level x : immaterial pin arrangement (top view) 15 16 17 18 19 20 21 22 23 24 v cc v cc av cc v cc v cc 1 2 3 4 5 6 7 8 9 10 11 12 agnd 1y0 1y1 1y2 gnd gnd 1y3 1y4 g fbout clk 1y9 1y8 gnd gnd 1y7 1y6 1y5 13 14 fbin
HD74CDC2510B 3 absolute maximum ratings item symbol ratings unit conditions supply voltage v cc ?.5 to 4.6 v input voltage *1 v i ?.5 to 6.5 v output voltage *1, 2 v o ?.5 to v cc +0.5 v input clamp current i ik ?0 ma v i < 0 output clamp current i ok 50 ma v o < 0 or v o > v cc continuous output current i o 50 ma v o = 0 to v cc supply current i cc or i gnd 100 ma maximum power dissipation at ta = 55 c (in still air) *3 p t 0.7 w storage temperature t stg ?5 to +150 c notes: stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under ?ecommended operating conditions?is not implied. exposure to absolute maximum rated conditions for extended periods may affect device reliability. 1. the input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed. 2. this value is limited to 4.6 v maximum. 3. the maximum package power dissipation is calculated using a junction temperature of 150 c and a board trace length of 750 mils. recommended operating conditions item symbol min typ max unit conditions supply voltage v cc 3.0 3.6 v input voltage v ih 2.0 v v il 0.8 v i 0v cc output current i oh ?2 ma i ol 12 operating temperature t a 085 c note: unused inputs must be held high or low to prevent them from floating.
HD74CDC2510B 4 logic diagram pll 24 clk 13 fbin av 23 cc 1y5 15 1y6 16 11 g 1y0 3 1y1 4 1y2 5 1y3 8 1y4 9 1y7 17 1y8 20 1y9 21 fbout 12
HD74CDC2510B 5 pin function pin name n o . type description clk 24 i clock input. clk provides the clock signal to be distributed by the HD74CDC2510B clock driver. clk is used to provide the reference signal to the integrated pll that generates the clock output signals. clk must have a fixed frequency and fixed phase for the pll to obtain phase lock. once the circuit is powered up and a valid clk signal is applied, a stabilization time is required for the pll to phase lock the feedback signal to its reference signal. fbin 13 i feedback input. fbin provides the feedback signal to the internal pll. fbin must be hard-wired to fbout to complete the pll. the integrated pll synchronizes clk and fbin so that there is nominally zero phase error between clk and fbin. g 11 i output bank enable. g is the output enable for outputs 1y(0:9). when g is low, outputs 1y(0:9)are disabled to a logic-low state. when g is high, all outputs 1y(0:9) are enabled and switch at the same frequency as clk. fbout 12 o feedback output. fbout is dedicated for external feedback. it switches at the same frequency as clk. when externally wired to fbin, fbout completes the feedback loop of the pll. 1y(0:9) 3, 4, 5, 8, 9, 15, 16, 17, 20, 21 o clock outputs. these outputs provide low-skew copies of clk. output bank 1y(0:9) is enabled via the g input. these outputs can be disabled to a logic low state by deasserting the g control input. av cc 23 power analog power supply. av cc provides the power reference for the analog circuitry. in addition, av cc can be used to bypass the pll for test purposes. when av cc is strapped to ground, pll is bypassed and clk is buffered directly to the device outputs. agnd 1 ground analog ground. agnd provides the ground reference for the analog circuitry. v cc 2, 10, 14, 22 power power supply gnd 6, 7, 18,19 ground ground
HD74CDC2510B 6 electrical characteristics item symbol min typ *1 max unit test conditions input clamp voltage v ik ?.2 v v cc = 3 v, i i = ?8 ma output voltage v oh v cc ?.2 v v cc = min to max, i oh = ?00 m a 2.1 v cc = 3 v, i oh = ?2 ma 2.4 v cc = 3 v, i oh = ? ma v ol 0.2 v cc = min to max, i ol = 100 m a 0.8 v cc = 3 v, i ol = 12 ma 0.55 v cc = 3 v, i ol = 6 ma input current i in 5 m av cc = 3.6 v, v in = v cc or gnd quiescent supply current i cc 10 m aav cc = gnd, v cc = 3.6 v, v i = v cc or gnd, i o = 0 d i cc 500 m aav cc = gnd, v cc = 3.3 to 3.6 v one input at v cc ?.6 v, other inputs at v cc or gnd input capacitance c in ?pfv cc = 3.3 v, v i = v cc or gnd output capacitance c o ?pfv cc = 3.3 v, v o = v cc or gnd note: 1. for conditions shown as min or max, use the appropriate value specified under recommended operating conditions.
HD74CDC2510B 7 switching characteristics (c l = 30 pf, ta = 0 to 85 c) item symbol v cc = 3.3 v 0.3 v unit from (input) to (output) min typ max phase error time t pe ?50 150 ps 66 mhz < clkin - 100 mhz fbin - between output pins skew *1 t sk (o) 200 ps any y or fbout any y or fbout cycle to cycle jitter ?00 100 ps f (clkin = 100 mhz) any y or fbout duty cycle 45 55 % f (clkin = 66 to 100 mhz) any y or fbout output rise / fall time t tlh 5.0 1.0 volts/ns any y or fbout t thl 5.0 1.0 any y or fbout analog power supply rejection (dc to 10 mhz) vapsr *2 100 mv p? av cc notes: the specifications for parameters in this table are applicable only after any appropriate stabilization time has elapsed. 1. the t sk(o) specification is only valid for equal loading of all outputs. 2. this parameter is characterized but not tested. timing requirements item symbol min max unit test conditions input clock frequency f clock 50 125 mhz input clock duty cycle 40 60 % stabilization time *1 1 ms after power up note: 1. time required for the integrated pll circuit to obtain phase lock of its feedback signal to its reference signal. in order for phase lock to be obtained, a fixed-frequency, fixed-phase reference signal must be present at clk. until phase lock is obtained, the specifications for propagation delay and skew parameters given in the switching characteristics table are not applicable.
HD74CDC2510B 8 test circuit 500 w from output under test c = 30 pf l *1 note: 1. c l includes probe and jig capacitance. waveforms ?1 v oh v ol cc 0 v 3 v 50% v cc 50% v cc 50% v 2 v 2 v 0.4 v 0.4 v tlh t thl t input output (=fbout) notes: 1. all input pulses are supplied by generators having the following characteristics: prr 100 mhz, z o = 50 w , t r = 1.2 ns, t f = 1.2 ns. 2. the outputs are measured one at a time with one transition per measurement.
HD74CDC2510B 9 waveforms ?2 phase error t clkin fbin sk (o) t fbout any y sk (o) t any y any y
HD74CDC2510B 10 package dimensions unit : mm 0.13 m 0.65 112 24 13 7.80 4.4 8.10 max 0.5 0.1 0 ?8 0.17 0.05 6.4 0.2 0.10 1.10 max 0.65 max 0.22 +0.08 ?.07 0.07 +0.03 ?.04 1.0 hitachi code jedec eiaj weight (reference value) ttp-24db 0.08 g 0.20 0.06 0.15 0.04 dimension including the plating thickness base material dimension
HD74CDC2510B 11 cautions 1. hitachi neither warrants nor grants licenses of any rights of hitachi? or any third party? patent, copyright, trademark, or other intellectual property rights for information contained in this document. hitachi bears no responsibility for problems that may arise with third party? rights, including intellectual property rights, in connection with use of the information contained in this document. 2. products and product specifications may be subject to change without notice. confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. hitachi makes every attempt to ensure that its products are of high quality and reliability. however, contact hitachi? sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. design your application so that the product is used within the ranges guaranteed by hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as fail-safes, so that the equipment incorporating hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the hitachi product. 5. this product is not designed to be radiation resistant. 6. no one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from hitachi. 7. contact hitachi? sales office for any questions regarding this document or hitachi semiconductor products. hitachi, ltd. semiconductor & integrated circuits. nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan tel: tokyo (03) 3270-2111 fax: (03) 3270-5109 copyright ? hitachi, ltd., 1999. all rights reserved. printed in japan. hitachi asia pte. ltd. 16 collyer quay #20-00 hitachi tower singapore 049318 tel: 535-2100 fax: 535-1533 url northamerica : http:semiconductor.hitachi.com/ europe : http://www.hitachi-eu.com/hel/ecg asia (singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm asia (taiwan) : http://www.hitachi.com.tw/e/product/sicd_frame.htm asia (hongkong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm japan : http://www.hitachi.co.jp/sicd/indx.htm hitachi asia ltd. taipei branch office 3f, hung kuo building. no.167, tun-hwa north road, taipei (105) tel: <886> (2) 2718-3666 fax: <886> (2) 2718-8180 hitachi asia (hong kong) ltd. group iii (electronic components) 7/f., north tower, world finance centre, harbour city, canton road, tsim sha tsui, kowloon, hong kong tel: <852> (2) 735 9218 fax: <852> (2) 730 0281 telex: 40815 hitec hx hitachi europe ltd. electronic components group. whitebrook park lower cookham road maidenhead berkshire sl6 8ya, united kingdom tel: <44> (1628) 585000 fax: <44> (1628) 778322 hitachi europe gmbh electronic components group dornacher strae 3 d-85622 feldkirchen, munich germany tel: <49> (89) 9 9180-0 fax: <49> (89) 9 29 30 00 hitachi semiconductor (america) inc. 179 east tasman drive, san jose,ca 95134 tel: <1> (408) 433-1990 fax: <1>(408) 433-0223 for further information write to:


▲Up To Search▲   

 
Price & Availability of HD74CDC2510B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X