Part Number Hot Search : 
127141N IN5179 95301E3 SD526 DG202C SST25VF0 NE500100 SI2124
Product Description
Full Text Search
 

To Download FR50105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fr501 - fr507 fast recovery rectifier diodes prv : 50 - 1000 volts io : 5.0 amperes features : * high current capability * high surge current capability * high reliability * low reverse current * low forward voltage drop * fast switching for high efficiency mechanical data : * case : do-201ad molded plastic * epoxy : ul94v-o rate flame retardant * lead : axial lead solderable per mil-std-202, method 208 guaranteed * polarity : color band denotes cathode end * mounting position : any * weight : 1.16 grams maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. symbol fr501 fr502 fr503 fr504 fr505 fr506 fr507 unit maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward current half-wave resistive load ta = 75 c peak forward surge current 8.3ms single half sine wave superimposed on rated load (jedec method) maximum peak forward voltage at i f = 5 a v f 1.3 v maximum dc reverse current at v rrm i r 10 m a maximum reverse recovery time ( note 1 ) trr 150 250 500 ns junction temperature range t j - 65 to + 150 c storage temperature range t stg - 65 to + 150 c notes : ( 1 ) reverse recovery test conditions : i f = 0.5 a, i r = 1.0 a, irr = 0.25 a. page 1 of 2 rev. 02 : march 25, 2005 a a rating i fsm i f(av) 5.0 300 do-201ad 0.21 (5.33) 0.19 (4.82) 0.375 (9.52) 0.285 (7.24) 0.052 (1.32) 0.048 (1.22) 1.00 (25.4) min. 1.00 (25.4) min. dimensions in inches and ( millimeters ) * pb / rohs free
rating and characteristic curves ( fr501 - fr507 ) fig.1 - reverse recovery time characteristic and test circuit diagram + notes : 1. rise time = 7 ns max., input impedance = 1 megaohm, 22 pf. 2. rise time = 10 ns max., source impedance = 50 ohms. 3. all resistors = non-inductive types. fig.2 - derating curve for output fig.3 - maximum non-repetitive peak rectified current forward surge current 0 25 50 75 100 125 150 175 1 2 4 6 10 20 40 60 100 ambient temperature, ( c) number of cycles at 60hz fig.4 - typical forward characteristics fig.5 - typical reverse characteristics 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 forward voltage, volts page 2 of 2 rev. 02 : march 25, 2005 60hz resistive load 4 3 2 1 5 10 10 1.0 240 0 300 0 180 12 60 1.0 80 0.01 0.01 0.1 0.1 100 140 0 20 40 60 120 percent of rated reverse voltage, (%) peak forward surge current, amperes average forward output current, amperes forward current, amperes reverse current, microamperes t j = 25 c t j = 100 c t j = 25 c pulse width = 300 m s 1% duty cycle 8.3 ms single half sine wave set time base for 50/100 ns/cm trr + 0.5 a 0 - 0.25 a - 1.0 a 1 cm 50 vdc (approx) oscilloscope ( note 1 ) 1 w 50 w 10 w d.u.t. pulse generator ( note 2 ) 20


▲Up To Search▲   

 
Price & Availability of FR50105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X