Part Number Hot Search : 
M188R6 TL432A ISL28217 ZX84C10 VN1120ND W83877F 2DD1621T ZX84C10
Product Description
Full Text Search
 

To Download DTC144TE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features x built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit) x the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost comp letely eliminating parasitic effects x only the on/off conditions need to be set for operation, making device design easy absolute maximum ratings parameter symbol value unit collector-base voltage v cbo 50 v collector-emitter voltage v ceo 50 v emitter-base voltage v ebo 5 v collector current-continuous i c 100 ma collector dissipation p c 150m w junction temperature t j 150 : storage temperature range t stg -55~150 : electrical characteristics sym parameter min typ max unit v (br)cbo collector-base breakdown voltage (i c =50ua, i e =0) 50 --- --- v v (br)ceo collector-emitter breakdown voltage (i c =1ma, i b =0) 50 --- --- v v (br)ebo emitter-base breakdown voltage (i e =50ua, i c =0) 5 --- --- v i cbo collector cut-off current (v cb =50v, i e =0) --- --- 0.5 ua i ebo emitter cut-off current (v eb =4v, i c =0) h fe dc current gain (v ce =5v, i c =1ma) 100 300 600 --- v ce(sat) collector-emitter saturation voltage (i c =5 ma, i b =0.5 ma) --- --- 0.3 v f t transition frequency (v ce =10v, i e =-5ma, f=100mhz) --- 250 --- mhz --- --- 0.5 ua r 1 input resistance 32.9 47 61.1 k sot-523 *marking: 06 epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 2012-0 willas electronic corp. npn digital transistor DTC144TE dimensions in inches and (millimeters) .043(1.10) .035(0.90) .069(1.75) .057(1.45) .004(0.10)min. .008(0.20) .004(0.10) .035(0.90) .028(0.70) .006(0.15) .014(0.35) .004(0.10)max. .067(1.70) .059(1.50) .035(0.90) .028(0.70) .014(0.35) .010(0.25)
2012-0 willas electronic corp. npn digital transistor DTC144TE 0.1 1 10 100 10 100 1000 0.1 1 10 100 10 100 1000 0 1 02 03 04 0 0.1 1 10 0.1 1 10 100 0.1 1 10 100 02468 0 1 2 3 4 5 0 25 50 75 100 125 150 0 50 100 150 200 250 300 350 t a =100 t a =25 =10 i c v cesat ?? collector-emitter saturation voltage v cesat (mv) collector curremt i c (ma) 3000 i c h fe ?? t a =100 t a =25 dc current gain h fe collector current i c (ma) common emitter v ce = 5v f=1mhz i e =0 t a =25 v cb c ob ?? c ob reverse voltage v (v) capacitance c (pf) collector current i c (ma) base-emmiter voltage v be (v) i c ?? v be t a = 2 5 t a = 1 0 0 common emitter v ce =5v ambient temperature t a ( ) power dissipation p d (mw) p d ?? t a static characteristic common emitter t a =25 10ua 9ua 8ua 7ua 6ua 5ua 4ua 3ua 2ua i b =1ua collector current i c (ma) collector-emitter voltage v ce (v) DTC144TE typical characteristics


▲Up To Search▲   

 
Price & Availability of DTC144TE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X