Part Number Hot Search : 
MOC3009X 470MF BCX70K SMLP311 EE08617 AD542 T6250340 PAN3501
Product Description
Full Text Search
 

To Download DTC144TCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  DTC144TCA npn digital transistor features ? built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit) ? the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects ? only the on/off conditions need to be set for operation, making device design easy absolute maximum ratings parameter symbol value unit collector-base voltage v cbo 50 v collector-emitter voltage v ceo 50 v emitter-base voltage v ebo 5 v collector current-continuous i c 100 ma collector dissipation p c 200 mw junction temperature t j 150 storage temperature range t stg -55~150 electrical characteristics sym parameter min typ max unit v (br)cbo collector-base breakdown voltage (i c =50ua, i e =0) 50 --- --- v v (br)ceo collector-emitter breakdown voltage (i c =1ma, i b =0) 50 --- --- v v (br)ebo emitter-base breakdown voltage (i e =50ua, i c =0) 5 --- --- v i cbo collector cut-off current (v cb =50v, i e =0) --- --- 0.5 ua i ebo emitter cut-off current (v eb =4v, i c =0) h fe dc current gain (v ce =5v, i c =1ma) 100 300 600 --- v ce(sat) collector-emitter saturation voltage (i c =10ma, i b =1ma) --- --- 0.3 v f t transition frequency (v ce =10v, i c =-5ma, f=100mhz) --- 250 --- mhz  
omponents 20736 marilla street chatsworth    !"# $
% !"# mcc www. mccsemi .com revision: 1 2005/06/29 --- -- - 0.5 ua sot-23 suggested solder pad layout dimensions inches mm dim min max min max note a .110 .120 2.80 3.04 b .083 .098 2.10 2.64 c .047 .055 1.20 1.40 d .035 .041 .89 1.03 e .070 .081 1.78 2.05 f .018 .024 .45 .60 g .0005 .0039 .013 .100 h .035 .044 .89 1.12 j .003 .007 .085 .180 k .015 .020 .37 .51 a b c d e f g h j .079 2.000 inches mm .031 .800 .035 .900 .037 .950 .037 .950 k 3 1 2 1. base 2. emitter 3. collector r 1 input resistance 32.9 47 61.1 k tm micro commercial components
www. mccsemi .com revision: 1 2005/06/2 9 DTC144TCA mcc tm micro commercial components


▲Up To Search▲   

 
Price & Availability of DTC144TCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X