Part Number Hot Search : 
5BR10 10150 RL52AC 0H90C SF117 SF117 PS21A79 P1167
Product Description
Full Text Search
 

To Download COM23025-22000-WLAN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  raltron electronics corporation 10651 nw 19th st. miami, florida 33172 u.s.a. tel: 305-593-6033 fax: 305-594-3973 e-mail: sales@raltron.com internet: http://www.raltron.com surface mount crystal oscillators for wlan applications specifications outline drawing com23025-22.000-wlan features ultra small profile of 5 x 3.2 x 1mm low voltage at 2.84 v ideal for ieee 802.11 applications 2.54 .100 1.5 .059 1.6 .063 2.5 .098 marking area 0.1 ? 1.0 0.1 ? 3.2 0.1 5.0 .004 ? .039 .004 ? .126 .004 .197 0.1 ? 1.0 0.1 1.2 0.1 2.54 .004 ? .039 .004 .047 .004 100 0.7 max .028 max 12 3 4 1.5 dia .06 dia .16 4.0 1.75 .069 1.70 12 ? 0.2 .472 ? 0.008 3.7 .146 5.5 .217 .315 8.0 5.5 .217 .067 2.0 .079 pin function 1 enable/disable 2 case gnd 3output 4+vcc pin connection solder pattern preheating reflow cooling 240 c 150 c 25 c time (seconds) temperature 100 s typical 30 - 40 s carrier tape dimensions reflow solder profile note: inclusive of 25 c tolerance, operating temperature, voltage orload changes, ageing, shock, and vibration. scale none. all dimensions are mm / inch. parameter specification 22.000 mhz 2 5 ppm -10c to +70c -55 c to +125 c v o l t a g e ( v c c ) + 2 . 84 v d c 3 . 0 % current (max) 7 ma max symmetry 45 / 55% (at 50% vcc) rise and fall time 6 ns max logic "0" level 10% vcc logic "1" level 90% vcc load 15 pf 3 p p m per year pin 1: high or open - pin 3: oscillation pin 1: low or gnd - pin 3: hi g h z 5 ms max. 150 ns max. 5 ms max. 10 ua max. ageing input output frequency frequency stability(see note) operating temperature range storage temperature range enable/disable function enable time start up time standby current disable time


▲Up To Search▲   

 
Price & Availability of COM23025-22000-WLAN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X