Part Number Hot Search : 
C2000 P4KE16CA 4LVC2G 2SK974 ATMEGA8 RT7274 AD5328 C5315
Product Description
Full Text Search
 

To Download COM-TC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  note: all specifications are subject to change without notice. 05-23 05 features com express cpu modules specifications m2.5 screw x 4 ? product cd ? COM-TC ? packing list com express type 2 cpu module with onboard intel? atom? e620/e680 processor system form factor com express compact module, pin-out type 2, com. 0 rev. 2.0 processor onboard intel? atom? e620/e680 processor, 0.6ghz ~ 1.6ghz system memory onboard ddr2 667/800 memory chip, max. 2gb i/o chipset intel? eg20t ioh ethernet realtek rtl8211cl, 10/100/1000base-tx tpm bios ami bios spi type, 2mb rom eeprom atmel? at24c02, save bios and configuration data (optional) wake on lan yes watchdog timer intel? e620/e680 processor integrated h/w status monitoring supports cpu temperature monitoring expansion interface 4-bit sdio: multiplexed with gpio pins pci-express [x1] x 2 lpc bus x 1 smbus x 1 power requirement +12v power consumption (typical) intel? atom? e680 1.6ghz, ddr2 1gb, 0.97a@+12v 0.46a@+5v (w/ecb-916m) board size 3.74" (l) x 3.74" (w) (95mm x 95mm) gross weight 0.55 lb (0.25 kg) operating temperature 32 f ~ 140 f (0 c ~ 60 c ), -40 f ~ 185 f (-40 c ~ 85 c ) for witas 2 storage temperature -40 f ~ 176 f (-40 c ~ 80 c ) operating humidity 0% ~ 90% relative humidity, non-condensing mtbf (hours) tbc display supports lvds/sdvo independent display and hi-definition video 2d/3d encoder/ decoder chipset intel? e620/e680 processor integrated memory shared system memory up to 384mb/ dvmt 4.0 resolution up to 1280 x 1024@ 85hz for sdvo up to 1280 x 768 @60hz for lcd lvds default: 800 x 600 @ 18-bit lcd interface 24-bit single channel lvds sdvo/ dvo/ side port supports sdvo x 1 i/o storage sata ssd onboard (master device), max. 4gb (optional) sata 3.0gb/s x 1 (2) pata x 1 usb usb2.0 x 7 (usb host x 6, usb client x 1) audio high definition audio gpio up to 4 in and 4 out onboard intel? atom? e620/e680 processor intel? eg20t ioh ddr2 667/800 memory, max. 2gb gigabit ethernet up to 24-bit lvds lcd, sdvo high definition audio interface sata 3.0gb/s x 2 (1), sata ssd x 1 (optional), pata x 1 usb2.0 x 7 (usb host x 6, usb client x 1) pci-express [x1] x 2 compact module size, pin-out type 2, 95mm x 95mm, com.0 rev. 2.0 COM-TC onboard 1gb memory intel? eg20t intel? e620/680 processor realtek rtl8211cl gigabit ethernet
05-24 dimension unit: mm ordering information tf-ecb-916m-b11 ? com express carrier board, microatx, dual gigabit ethernet, 2 com (winbond), usb, pci-express, at/atx, rev. b1.1 tf-per-a110 ? passive heatsink, for COM-TC, onboard cpu tf-per-a111 ? heat spreader kit, for COM-TC, onboard cpu optional accessories COM-TC part number com express type cpu memory display lvds storage lan usb urat expansion slot power temp tf-COM-TC-a10 2 (com.0 rev.2.0) intel? atom? e620/0.6g onboard 1gb ddr2 lvds, sdvo 24-bit single channel sata2 x 2 pata x 1 gbe x 1 usb2.0 x 6 usb (client) x 1 pci-e[1] x 2 12v 0c ~ 60c tf-COM-TCw2-a10 2 (com.0 rev.2.0) intel? atom? e620t/0.6g onboard 1gb ddr2 lvds, sdvo 24-bit single channel sata2 x 2 pata x 1 gbe x 1 usb2.0 x 6 usb (client) x 1 pci-e[1] x 2 12v witas 2 -40c ~ 85c tf-COM-TC-a10-03 2 (com.0 rev.2.0) intel? atom? e680/1.6g onboard 1gb ddr2 lvds, sdvo 24-bit single channel sata2 x 2 pata x 1 gbe x 1 usb2.0 x 6 usb (client) x 1 pci-e[1] x 2 12v 0c ~ 60c tf-COM-TCw2-a10-03 2 (com.0 rev.2.0) intel? atom? e680t/1.6g onboard 1gb ddr2 lvds, sdvo 24-bit single channel sata2 x 2 pata x 1 gbe x 1 usb2.0 x 6 usb (client) x 1 pci-e[1] x 2 12v witas 2 -40c ~ 85c


▲Up To Search▲   

 
Price & Availability of COM-TC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X