Part Number Hot Search : 
CU6050 1SMB60A S822D T495X PZM22N T1608 91ER1KLF LAT03B4U
Product Description
Full Text Search
 

To Download COM-LNA10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  note: all specifications are subject to change without notice. 07 07-11 com express cpu modules features specifications m2.5 screw x 4 ? product cd ? com-ln a1.0 ? packing list tf-com-ln-a10 ? com express cpu module onboard intel? atom? n450, dual ddr2, gigabit ethernet, sata, usb2.0, rev. a1.0 tf-com-ln-a10-01 ? com express cpu module onboard intel? atom? d510, dual ddr2, gigabit ethernet, sata, usb2.0, rev. a1.0 tf-com-ln-a10-02 ? com express cpu module onboard intel? atom? d410, dual ddr2, gigabit ethernet, sata, usb2.0, rev. a1.0 ordering information com express cpu module with onboard intel? atom? n450/d410/d510 processors system form factor com express compact module, pin-out type 2, com.0 rev. 1.0/2.0 processor onboard intel? atom? n450/d410/d510 processors, 1.66 ghz system memory 200-pin ddr2 sodimm x 2 tf-com-ln-a10: max. 2 gb (ddr2 533/667) tf-com-ln-a10-01/-02: max. 4 gb (ddr2 667/800) i/o chipset ich8m ethernet intel? 82567v, 10/100/1000base-tx tpm bios ami bios spi type, 2 mb rom eeprom atmel at24c02, save bios and configuration data (optional) wake on lan yes watchdog timer fintek f75111 h/w status monitoring supports cpu temperature monitoring expansion interface pci-express [x1] x 5 (x 6: optional, gbe on the module: disabled) 32-bit pci x 4 lpc bus x 1 smbus x 1 i2c x 1 power requirement wide dc input range, +8.5v to +19v (optional) nominal: +12v 2-pin wafer for rtc battery power consumption (typical) intel? atom? d510 1.66 ghz, ddr2 667 2gb 1.08a @ +12v 0.74a @ +5v w/ ecb-916m board size 3.74" (l) x 3.74" (w) (95mm x 95mm) gross weight 0.55 lb (0.25 kg) operating temperature 32 f ~ 140 f (0 c ~ 60 c ) storage temperature -40 f ~ 176 f (-40 c ~ 80 c ) operating humidity 0% ~ 90% relative humidity, non-condensing mtbf (hours) 90,000 display supports crt/lcd simultaneous/ dual view displays chipset intel? n450/ d410/ d510 integrated integrates hardware mpeg2 decoder memory shared system memory up to 384 mb/ dvmt 4.0 resolutions up to 2048 x 1536 (qxga) @ 60 hz for crt (d410/d510) up to 1400 x 1050 (sxga) @ 60 hz for crt (n450) up to 1366 x 768 or 1280 x 800 (wxga) for lcd lcd interface 18-bit single-channel lvds i /o storage pata x 1 (two devices) sata 3.0gb/s x 3 usb usb2.0 x 8 audio high definition audio gpio up to 4 in or 4 out tf-ecb-916m-a21 ? com express carrier board, microatx, 2 gigabit ethernet, 7.1ch audio, 2 com (winbond), usb, pci- express, at/atx, rev.a2.1 tf-per-a083 ? cpu cooler, for com-ln, onboard cpu, 12v fan tf-per-a084 ? passive heatsink, for com-ln, onboard cpu tf-per-a085 ? heat spreader kit, for com-ln, onboard cpu optional accessories  onboard intel? atom? n450/d410/d510 processors  intel? ich8m  sodimm ddr2 533/667/800 memory, max. 4 gb  gigabit ethernet  crt, 18-bit single-channel lvds lcd  high definition audio interface  pata x 1, sata 3.0gb/s x 3  usb2.0 x 8  pci x 4, pci-express [x1] x 5 (x 6: optional)  wide dc input range, +8.5v to +19v (optional)  com express pin-out type 2  compact module size, 95mm x 95mm, com.0 rev. 1.0/2.0 com-ln a1.0 ddr2 sodimm 2-pin wafer for rtc battery intel? ich8m intel? 82567v gigabit ethernet onboard intel? atom? n450/ d410/ d510


▲Up To Search▲   

 
Price & Availability of COM-LNA10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X